Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5874 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5874
Description  16-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5874 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5874 Datasheet HTML 1Page - Maxim Integrated Products MAX5874 Datasheet HTML 2Page - Maxim Integrated Products MAX5874 Datasheet HTML 3Page - Maxim Integrated Products MAX5874 Datasheet HTML 4Page - Maxim Integrated Products MAX5874 Datasheet HTML 5Page - Maxim Integrated Products MAX5874 Datasheet HTML 6Page - Maxim Integrated Products MAX5874 Datasheet HTML 7Page - Maxim Integrated Products MAX5874 Datasheet HTML 8Page - Maxim Integrated Products MAX5874 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
16-Bit, 250Msps, High-Dynamic-Performance,
Dual DAC with LVDS Inputs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD1.8, DVDD1.8 to GND, DACREF...................-0.3V to +2.16V
AVDD3.3, DVDD3.3, AVCLK to GND, DACREF ........-0.3V to +3.9V
REFIO, FSADJ to
GND, DACREF..................................-0.3V to (AVDD3.3 + 0.3V)
OUTIP, OUTIN, OUTQP,
OUTQN to GND, DACREF ..................-1V to (AVDD3.3 + 0.3V)
CLKP, CLKN to GND, DACREF.............-0.3V to (AVCLK + 0.3V)
B15P/B15N–B0P/B0N, XORN, XORP, SELIQN,
SELIQP to GND, DACREF ..................-0.3V to (DVDD1.8 + 0.3V)
TORB, PD to GND, DACREF ..............-0.3V to (DVDD3.3 + 0.3V)
Continuous Power Dissipation (TA = +70°C)
68-Pin QFN-EP
(derate 41.7mW/°C above +70°C) (Note 1) ............3333.3mW
Thermal Resistance
θJA (Note 1)...................................+24°C/W
Operating Temperature Range ......................... -40°C to +85°C
Junction Temperature .................................................... +150°C
Storage Temperature Range ........................... -60°C to +150°C
Lead Temperature (soldering, 10s) ............................... +300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC PERFORMANCE
Resolution
16
Bits
Integral Nonlinearity
INL
Measured differentially
±3
LSB
Differential Nonlinearity
DNL
Measured differentially
±2
LSB
Offset Error
OS
-0.015
±0.001 +0.015
%FS
Offset-Drift Tempco
±10
ppm/
°C
Full-Scale Gain Error
GEFS
External reference
-4.1
-0.6
+4.1
%FS
Internal reference
±100
Gain-Drift Tempco
External reference
±50
ppm/
°C
Full-Scale Output Current
IOUTFS
(Note 3)
2
20
mA
Output Compliance
Single-ended
-0.5
+1.1
V
Output Resistance
ROUT
1M
Output Capacitance
COUT
5pF
DYNAMIC PERFORMANCE
Clock Frequency
fCLK
2
500
MHz
Output Update Rate
fDAC
1
250
Msps
fDAC = 150MHz
fOUT = 16MHz, -12dBFS
-164
Noise Spectral Density
fDAC = 250MHz
fOUT = 80MHz, -12dBFS
-161
dBFS/
Hz
ELECTRICAL CHARACTERISTICS
(AVDD3.3 = DVDD3.3 = AVCLK = +3.3V, AVDD1.8 = DVDD1.8 = +1.8V, GND = 0, fCLK = 2 x fDAC, external reference VREFIO = +1.25V, out-
put load 50
Ω double-terminated, transformer-coupled output, IOUTFS = 20mA, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25°C.) (Note 2)
Note 1: Thermal resistors based on a multilayer board with 4 x 4 via array in exposed paddle area.


Similar Part No. - MAX5874

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5871 MAXIM-MAX5871 Datasheet
6Mb / 55P
   MAX5871 Evaluation Kit
Rev 0; 5/16
MAX5871EVKIT MAXIM-MAX5871EVKIT Datasheet
6Mb / 55P
   MAX5871 Evaluation Kit
Rev 0; 5/16
MAX5876 MAXIM-MAX5876 Datasheet
300Kb / 14P
   MAX5876/MAX5877/MAX5878 Evaluation Kits
Rev 1; 6/07
MAX5876EGKD MAXIM-MAX5876EGKD Datasheet
300Kb / 14P
   MAX5876/MAX5877/MAX5878 Evaluation Kits
Rev 1; 6/07
MAX5876EVKIT MAXIM-MAX5876EVKIT Datasheet
300Kb / 14P
   MAX5876/MAX5877/MAX5878 Evaluation Kits
Rev 1; 6/07
More results

Similar Description - MAX5874

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5891 MAXIM-MAX5891 Datasheet
412Kb / 15P
   16-Bit, 600Msps, High-Dynamic-Performance DAC with LVDS Inputs
Rev 0; 2/05
MAX5888 MAXIM-MAX5888 Datasheet
746Kb / 18P
   3.3V, 16-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2726; Rev 3; 12/03
MAX5886 MAXIM-MAX5886 Datasheet
439Kb / 18P
   3.3V, 12-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2776; Rev 2; 12/03
MAX5887 MAXIM-MAX5887 Datasheet
982Kb / 18P
   3.3V, 14-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2777; Rev 1; 10/03
MAX5885 MAXIM-MAX5885 Datasheet
862Kb / 10P
   3.3V, 16-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2786; Rev 1; 12/03
MAX5884 MAXIM-MAX5884 Datasheet
491Kb / 10P
   3.3V, 14-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2825; Rev 1; 12/03
MAX5883 MAXIM-MAX5883 Datasheet
634Kb / 16P
   3.3V, 12-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2824; Rev 1; 12/03
MAX5898 MAXIM-MAX5898 Datasheet
399Kb / 32P
   16-Bit, 500Msps, Interpolating and Modulating Dual DAC with Interleaved LVDS Inputs
Rev 1; 7/07
MAX5195 MAXIM-MAX5195 Datasheet
595Kb / 17P
   14-Bit, 260Msps High-Dynamic Performance DAC
Rev 0; 7/02
logo
NXP Semiconductors
TDA1541A PHILIPS-TDA1541A Datasheet
138Kb / 12P
   Stereo high performance 16-bit DAC
February 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com