Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5873 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5873
Description  16-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5873 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5873 Datasheet HTML 6Page - Maxim Integrated Products MAX5873 Datasheet HTML 7Page - Maxim Integrated Products MAX5873 Datasheet HTML 8Page - Maxim Integrated Products MAX5873 Datasheet HTML 9Page - Maxim Integrated Products MAX5873 Datasheet HTML 10Page - Maxim Integrated Products MAX5873 Datasheet HTML 11Page - Maxim Integrated Products MAX5873 Datasheet HTML 12Page - Maxim Integrated Products MAX5873 Datasheet HTML 13Page - Maxim Integrated Products MAX5873 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
16-Bit, 250Msps, High-Dynamic-Performance,
Dual DAC with LVDS Inputs
10
______________________________________________________________________________________
Pin Description (continued)
PIN
NAME
FUNCTION
40
PD
Power-Down Input. Set PD to a CMOS-logic-high level to force the DAC into power-down mode.
Set PD to a CMOS-logic-low level for normal operation. PD has an internal pulldown resistor.
41
XORN
Complementary LVDS DAC Exclusive-OR Select Input. Set XORN high and XORP low to allow
the data stream to pass unchanged to the DAC input. Set XORN low and XORP high to invert the
DAC input data. If unused, connect XORN to DVDD1.8.
42
XORP
LVDS DAC Exclusive-OR Select Input. Set XORN high and XORP low to allow the data stream to
pass unchanged to the DAC input. Set XORN low and XORP high to invert the DAC input data. If
unused, connect XORP to GND.
43
SELIQP
LVDS DAC Select Input. Set SELIQN low and SELIQP high to direct data to the I-DAC outputs.
Set SELIQP low and SELIQN high to direct data to the Q-DAC outputs.
44
SELIQN
Complementary LVDS DAC Select Input. Set SELIQN low and SELIQP high to direct data to the
I-DAC outputs. Set SELIQP low and SELIQN high to direct data to the Q-DAC outputs.
45
B15P
Data Bit 15 (MSB)
46
B15N
Complementary Data Bit 15 (MSB)
47
B14P
Data Bit 14
48
B14N
Complementary Data Bit 14
49
B13P
Data Bit 13
50
B13N
Complementary Data Bit 13
51
B12P
Data Bit 12
52
B12N
Complementary Data Bit 12
53
B11P
Data Bit 11
54
B11N
Complementary Data Bit 11
55
B10P
Data Bit 10
56
B10N
Complementary Data Bit 10
57
B9P
Data Bit 9
58
B9N
Complementary Data Bit 9
59
B8P
Data Bit 8
60
B8N
Complementary Data Bit 8
61
DVDD1.8
Digital Supply Voltage. Accepts a 1.71V to 1.89V supply voltage range. Bypass with a 0.1µF
capacitor to GND.
62
B7P
Data Bit 7
63
B7N
Complementary Data Bit 7
64
B6P
Data Bit 6
65
B6N
Complementary Data Bit 6
66
B5P
Data Bit 5
67
B5N
Complementary Data Bit 5
68
B4P
Data Bit 4
—EP
Exposed Pad. Must be connected to GND through a low-impedance path.


Similar Part No. - MAX5873

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5871 MAXIM-MAX5871 Datasheet
6Mb / 55P
   MAX5871 Evaluation Kit
Rev 0; 5/16
MAX5871EVKIT MAXIM-MAX5871EVKIT Datasheet
6Mb / 55P
   MAX5871 Evaluation Kit
Rev 0; 5/16
MAX5876 MAXIM-MAX5876 Datasheet
300Kb / 14P
   MAX5876/MAX5877/MAX5878 Evaluation Kits
Rev 1; 6/07
MAX5876EGKD MAXIM-MAX5876EGKD Datasheet
300Kb / 14P
   MAX5876/MAX5877/MAX5878 Evaluation Kits
Rev 1; 6/07
MAX5876EVKIT MAXIM-MAX5876EVKIT Datasheet
300Kb / 14P
   MAX5876/MAX5877/MAX5878 Evaluation Kits
Rev 1; 6/07
More results

Similar Description - MAX5873

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5891 MAXIM-MAX5891 Datasheet
412Kb / 15P
   16-Bit, 600Msps, High-Dynamic-Performance DAC with LVDS Inputs
Rev 0; 2/05
MAX5888 MAXIM-MAX5888 Datasheet
746Kb / 18P
   3.3V, 16-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2726; Rev 3; 12/03
MAX5886 MAXIM-MAX5886 Datasheet
439Kb / 18P
   3.3V, 12-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2776; Rev 2; 12/03
MAX5887 MAXIM-MAX5887 Datasheet
982Kb / 18P
   3.3V, 14-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2777; Rev 1; 10/03
MAX5885 MAXIM-MAX5885 Datasheet
862Kb / 10P
   3.3V, 16-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2786; Rev 1; 12/03
MAX5884 MAXIM-MAX5884 Datasheet
491Kb / 10P
   3.3V, 14-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2825; Rev 1; 12/03
MAX5883 MAXIM-MAX5883 Datasheet
634Kb / 16P
   3.3V, 12-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2824; Rev 1; 12/03
MAX5898 MAXIM-MAX5898 Datasheet
399Kb / 32P
   16-Bit, 500Msps, Interpolating and Modulating Dual DAC with Interleaved LVDS Inputs
Rev 1; 7/07
MAX5195 MAXIM-MAX5195 Datasheet
595Kb / 17P
   14-Bit, 260Msps High-Dynamic Performance DAC
Rev 0; 7/02
logo
NXP Semiconductors
TDA1541A PHILIPS-TDA1541A Datasheet
138Kb / 12P
   Stereo high performance 16-bit DAC
February 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com