Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2505LQ1321 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2505LQ1321
Description  PLLatinu Dual Frequency Synthesizer System with Integrated VCOs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2505LQ1321 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMX2505LQ1321 Datasheet HTML 6Page - National Semiconductor (TI) LMX2505LQ1321 Datasheet HTML 7Page - National Semiconductor (TI) LMX2505LQ1321 Datasheet HTML 8Page - National Semiconductor (TI) LMX2505LQ1321 Datasheet HTML 9Page - National Semiconductor (TI) LMX2505LQ1321 Datasheet HTML 10Page - National Semiconductor (TI) LMX2505LQ1321 Datasheet HTML 11Page - National Semiconductor (TI) LMX2505LQ1321 Datasheet HTML 12Page - National Semiconductor (TI) LMX2505LQ1321 Datasheet HTML 13Page - National Semiconductor (TI) LMX2505LQ1321 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Functional Description (Continued)
HIGH SPEED LOCK-UP MODE
Two frequency-locking modes are provided: a Normal mode
and a High Speed mode for faster lock times. The HS bit in
register R0 controls the locking mode.
TABLE 5. Lock-up Modes
HS Bit
Mode
0
Normal mode
1
High Speed mode
MICROWIRE INTERFACE
The programmable register set is accessed via the
MICROWIRE serial interface. The interface is comprised of
three signal pins: CLK, DATA, and LE (Latch Enable). Serial
data is clocked into the 24-bit shift register on the rising edge
of the clock. The last bits decode the internal control register
address. When the latch enable (LE) transitions from LOW
to HIGH, data stored in the shift registers is loaded into the
corresponding control register. The data is loaded MSB first.
20067109
FIGURE 3. Lock Detect Flow Diagram
www.national.com
10


Similar Part No. - LMX2505LQ1321

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2502 NSC-LMX2502 Datasheet
184Kb / 18P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2502 TI1-LMX2502 Datasheet
842Kb / 24P
[Old version datasheet]   LMX2502/LMX2512 PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
National Semiconductor ...
LMX2502LQ1635 NSC-LMX2502LQ1635 Datasheet
184Kb / 18P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2502LQ1635/NOPB TI1-LMX2502LQ1635/NOPB Datasheet
842Kb / 24P
[Old version datasheet]   LMX2502/LMX2512 PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
National Semiconductor ...
LMX2502LQX1635 NSC-LMX2502LQX1635 Datasheet
184Kb / 18P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
More results

Similar Description - LMX2505LQ1321

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2525 NSC-LMX2525 Datasheet
237Kb / 17P
   PLLatinum Dual Frequency Synthesizer System with Integrated VCOs
LMX2522 NSC-LMX2522 Datasheet
189Kb / 18P
   PLLatinum Frequency Synthesizer System with Integrated VCOs
logo
Texas Instruments
LMX2522 TI1-LMX2522 Datasheet
853Kb / 26P
[Old version datasheet]   LMX2522/LMX2532 PLLatinum??Frequency Synthesizer System with Integrated VCOs
logo
Silicon Laboratories
SI2200 SILABS-SI2200 Datasheet
824Kb / 30P
   RF SYNTHESIZER WITH INTEGRATED VCOS INTEGRATED VCOS
logo
STMicroelectronics
STW81101 STMICROELECTRONICS-STW81101 Datasheet
1Mb / 42P
   Multi-band RF frequency synthesizer with integrated VCOs
STW81101 STMICROELECTRONICS-STW81101_07 Datasheet
1Mb / 48P
   Multi-band RF frequency synthesizer with integrated VCOs
STW81102 STMICROELECTRONICS-STW81102 Datasheet
800Kb / 43P
   Multi-band RF frequency synthesizer with integrated VCOs
STW81103 STMICROELECTRONICS-STW81103 Datasheet
1Mb / 53P
   Multi-band RF frequency synthesizer with integrated VCOs
STW81100 STMICROELECTRONICS-STW81100_1 Datasheet
1,004Kb / 29P
   MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOs
STW81100 STMICROELECTRONICS-STW81100 Datasheet
915Kb / 23P
   MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com