Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX803ADW Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MX803ADW
Description  Audio Signaling Processor
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MX803ADW Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MX803ADW Datasheet HTML 5Page - List of Unclassifed Manufacturers MX803ADW Datasheet HTML 6Page - List of Unclassifed Manufacturers MX803ADW Datasheet HTML 7Page - List of Unclassifed Manufacturers MX803ADW Datasheet HTML 8Page - List of Unclassifed Manufacturers MX803ADW Datasheet HTML 9Page - List of Unclassifed Manufacturers MX803ADW Datasheet HTML 10Page - List of Unclassifed Manufacturers MX803ADW Datasheet HTML 11Page - List of Unclassifed Manufacturers MX803ADW Datasheet HTML 12Page - List of Unclassifed Manufacturers MX803ADW Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Audio Signaling Processor
9
MX803A PRELIMINARY INFORMATION
© 1996 MX•COM, INC.
Tele: 800 638 5577 910 744 5050 Fax: 910 744 5054
Doc. # 20480122.003
5.2 Address/Commands
The first byte of a loaded data sequence is always recognized by the C-BUS as an Address/Command (A/C) byte.
Instruction and data transactions to and from this device consist of an A/C byte followed by further instruction/data or a
status/data reply.
Instructions and data are loaded and transferred via C-BUS in accordance with the timing information given in Figure 8
and Figure 9. Table 1 shows the list of A/C bytes relevant to the MX803A.
Command Assignment
Address/Command (A/C) Byte
Data Bytes
Hex
Binary
msb
lsb
General Reset
01
00000001
Write to Control Register
30
00110000
+ 1 byte instruction to Control Register
Read Status Register
31
00110001
+ 1 byte reply from Status Register
Read RX Tone Frequency
32
00110010
+ 2 bytes reply from RX Tone Register
Write to Notone Timer
33
00110011
+ 1 byte instruction to Notone Register
Write to TX Tone Gen. 1
34
00110100
+ 2 bytes instruction to TX Tone Gen. 1
Write to TX Tone Gen. 2
35
00110101
+ 2 bytes instruction to TX Tone Gen. 2
Write to G/Purpose Timer
36
00110110
+ 1 byte instruction to G/Purpose Timer
Table 1: C-BUS Address/Commands
0
1000
208Hz to 3000Hz
625Hz to 3000Hz
313Hz to 1500Hz
1250Hz to 6000Hz
2000
3000
4000
5000
6000
0
1000
2000
3000
4000
5000
6000
Frequency (Hz)
(TX) Tone Generators 1 and 2
(RX) Mid Band
(RX) High Band
(RX) Extended Band
Figure 4: MX803A Frequencies


Similar Part No. - MX803ADW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX802 ETC1-MX802 Datasheet
216Kb / 24P
   DVSR CODEC
logo
CML Microcircuits
MX802 CMLMICRO-MX802 Datasheet
220Kb / 24P
   DVSR CODEC
logo
List of Unclassifed Man...
MX802J ETC1-MX802J Datasheet
216Kb / 24P
   DVSR CODEC
logo
CML Microcircuits
MX802J CMLMICRO-MX802J Datasheet
220Kb / 24P
   DVSR CODEC
logo
List of Unclassifed Man...
MX802LH ETC1-MX802LH Datasheet
216Kb / 24P
   DVSR CODEC
More results

Similar Description - MX803ADW

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LAE63F OSRAM-LAE63F Datasheet
594Kb / 22P
   Signaling
logo
New Japan Radio
NJW1143 NJRC-NJW1143 Datasheet
160Kb / 17P
   AUDIO PROCESSOR
NJW1138 NJRC-NJW1138 Datasheet
352Kb / 21P
   AUDIO PROCESSOR
NJW1141 NJRC-NJW1141 Datasheet
287Kb / 20P
   AUDIO PROCESSOR
NJW1142 NJRC-NJW1142 Datasheet
123Kb / 14P
   AUDIO PROCESSOR
NJW1173 NJRC-NJW1173 Datasheet
155Kb / 17P
   AUDIO PROCESSOR
NJW1172 NJRC-NJW1172 Datasheet
604Kb / 23P
   AUDIO PROCESSOR
NJW1165 NJRC-NJW1165 Datasheet
508Kb / 25P
   AUDIO PROCESSOR
logo
Analog Devices
SST-MELODY-DAP AD-SST-MELODY-DAP_15 Datasheet
589Kb / 24P
   Audio Processor
logo
New Japan Radio
NJW1144 NJRC-NJW1144 Datasheet
774Kb / 24P
   AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com