Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP6S26 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP6S26
Description  Single-Ended, Rail-to-Rail I/O, Low Gain PGA
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S26 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP6S26 Datasheet HTML 6Page - Microchip Technology MCP6S26 Datasheet HTML 7Page - Microchip Technology MCP6S26 Datasheet HTML 8Page - Microchip Technology MCP6S26 Datasheet HTML 9Page - Microchip Technology MCP6S26 Datasheet HTML 10Page - Microchip Technology MCP6S26 Datasheet HTML 11Page - Microchip Technology MCP6S26 Datasheet HTML 12Page - Microchip Technology MCP6S26 Datasheet HTML 13Page - Microchip Technology MCP6S26 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
MCP6S21/2/6/8
DS21117A-page 10
 2003 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = +5.0V, VSS = GND, VREF =VSS, G= +1 V/V,
Input = CH0 = (0.3V)/G, CH1 to CH7 = 0.3V, RL =10kΩ to VDD/2, and CL = 60 pF.
FIGURE 2-7:
Input Offset Voltage vs.
VREF Voltage.
FIGURE 2-8:
DC Output Non-Linearity vs.
Supply Voltage.
FIGURE 2-9:
Input Noise Voltage Density
vs. Frequency.
FIGURE 2-10:
Input Offset Voltage Drift.
FIGURE 2-11:
DC Output Non-Linearity vs.
Output Swing.
FIGURE 2-12:
Input Noise Voltage Density
vs. Gain.
-200
-150
-100
-50
0
50
100
150
200
0.00.5
1.01.5
2.02.5
3.03.5
4.04.5
5.05.5
VREF Voltage (V)
VDD = +5.5
VDD = +2.5
G = +1
0.00001
0.0001
0.001
0.01
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Power Supply Voltage (V)
VONL/G, G = +1
VONL/G, G = +2
VONL/G, G
+4
VOUT = 0.3V to VDD -0.3V
1
10
100
1000
0.1
1
10
100
1000
10000
100000
Frequency (Hz)
1k
10k
100k
1
10
100
0.1
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
20%
22%
Input Offset Voltage Drift (µV/°C)
420 Samples
TA = -40 to +125°C
G = +1
0.0001%
0.0010%
0.0100%
110
Output Voltage Swing (VP-P)
VONL/G, G
+2
VONL/G, G = +1
VDD = +5.5 V
0
1
2
3
4
5
6
7
8
9
10
11
12
12458
10
16
32
Gain (V/V)
f = 10 kHz


Similar Part No. - MCP6S26

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6S26 MICROCHIP-MCP6S26 Datasheet
761Kb / 42P
   Single-Ended, Rail-to-Rail I/O, Low Gain PGA
10/26/12
MCP6S26-ISL MICROCHIP-MCP6S26-ISL Datasheet
761Kb / 42P
   Single-Ended, Rail-to-Rail I/O, Low Gain PGA
10/26/12
More results

Similar Description - MCP6S26

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6S92E-SN MICROCHIP-MCP6S92E-SN Datasheet
722Kb / 40P
   Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
2004
MCP6S26-ISL MICROCHIP-MCP6S26-ISL Datasheet
761Kb / 42P
   Single-Ended, Rail-to-Rail I/O, Low Gain PGA
10/26/12
MCP6S93-E MICROCHIP-MCP6S93-E Datasheet
526Kb / 40P
   Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
09/27/04
MCP6S28-ISL MICROCHIP-MCP6S28-ISL Datasheet
761Kb / 42P
   Single-Ended, Rail-to-Rail I/O, Low Gain PGA
10/26/12
MCP6S91 MICROCHIP-MCP6S91 Datasheet
528Kb / 40P
   Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
2004
MCP6S21 MICROCHIP-MCP6S21_13 Datasheet
761Kb / 42P
   Single-Ended, Rail-to-Rail I/O, Low Gain PGA
10/26/12
logo
Global Mixed-mode Techn...
G1214A GMT-G1214A Datasheet
306Kb / 1P
   Rail-to-Rail I/O
logo
SG Micro Corp
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
   Single Rail-to-Rail I/O Operational Amplifier
logo
Fairchild Semiconductor
GB15RF120K FAIRCHILD-GB15RF120K Datasheet
678Kb / 10P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4174 FAIRCHILD-FAN4174 Datasheet
511Kb / 14P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com