Part Name
         Description
BCR3AM

 LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE ( 5 Page)


MITSUBISHI
100% 
Zoom Out Zoom In
   
 3 page
background image
Feb.1999
100
23
100
57 101 23 5 7 102 23 5 7 103
102
7
5
3
2
101
7
5
3
2
7
5
3
2
10–1
VGD = 0.2V
IFGT I, IRGT III
IRGT I
VGT
PG(AV) = 0.3W
PGM = 3W
IGM =
0.5A
MAXIMUM ON-STATE POWER
DISSIPATION
RMS ON-STATE CURRENT (A)
ALLOWABLE CASE TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT (A)
GATE CURRENT (mA)
GATE TRIGGER CURRENT VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
GATE TRIGGER VOLTAGE VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
101
103
7
5
3
2
–60
–20
20
102
7
5
3
2
60
100
140
4
4
–40
0
40
80
120
IFGT I, IRGT I
IRGT III
TYPICAL EXAMPLE
101
103
7
5
3
2
–60
–20
20
102
7
5
3
2
60
100
140
4
4
–40
0
40
80
120
TYPICAL EXAMPLE
5.0
4.0
3.0
2.0
1.0
4.5
3.5
2.5
1.5
0.5
0
4.0
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5
360°
CONDUCTION
RESISTIVE,
INDUCTIVE
LOADS
130
110
90
70
50
120
100
80
60
40
30
4.0
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5
CURVES APPLY REGARDLESS
OF CONDUCTION ANGLE
360°
CONDUCTION
RESISTIVE,
INDUCTIVE
LOADS
MAXIMUM TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
CONDUCTION TIME
(CYCLES AT 60Hz)
100
23
10–1
57 100 23 5 7 101 23 5 7 102
7
5
3
2
101
7
5
3
2
7
5
3
2
10–1
23
102
57 103 23 5 7 104 23 5 7 105
102
JUNCTION TO AMBIENT
JUNCTION TO CASE
GATE CHARACTERISTICS
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR3AM
LOW POWER USE
NON-INSULATED TYPE, PLANAR PASSIVATION TYPE



Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BCR08ASLOW POWER USE NON-INSULATED TYPE PLANAR PASSIVATION TYPE 1 2 3 4 5 Powerex Power Semiconductors
BCR3ASLOW POWER USE NON-INSULATED TYPE PLANAR PASSIVATION TYPE 1 2 3 4 5 Powerex Power Semiconductors
BCR08AS-8LOW POWER USE NON-INSULATED TYPE PLANAR PASSIVATION TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
BCR3ASLOW POWER USE NON-INSULATED TYPE PLANAR PASSIVATION TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
CR05ASLOW POWER USE NON-INSULATED TYPE PLANAR PASSIVATION TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
BCR08AS-8LOW POWER USE NON-INSULATED TYPE PLANAR PASSIVATION TYPE 1 2 3 4 5 Powerex Power Semiconductors
CR08ASLOW POWER USE NON-INSULATED TYPE GLASS PASSIVATION TYPE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
BCR12CSMEDIUM POWER USE NON-INSULATED TYPE PLANAR PASSIVATION TYPE 1 2 3 4 5 Powerex Power Semiconductors
BCR08AM-14LOW POWER USE PLANAR PASSIVATION TYPE 1 2 Mitsubishi Electric Semiconductor
CR2AMLOW POWER USE NON-INSULATED TYPE GLASS PASSIVATION TYPE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl