Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR40H60PT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MBR40H60PT
Description  Dual Schottky Barrier Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR40H60PT Datasheet(HTML) 1 Page - Vishay Siliconix

  MBR40H60PT Datasheet HTML 1Page - Vishay Siliconix MBR40H60PT Datasheet HTML 2Page - Vishay Siliconix MBR40H60PT Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol MBR40H35PT MBR40H45PT MBR40H50PT MBR40H60PT
Unit
Maximum repetitive peak reverse voltage
VRRM
35
45
50
60
V
Maximum working peak reverse voltage
VRWM
35
45
50
60
V
Maximum DC blocking voltage
VDC
35
45
50
60
V
Maximum average forward rectified current (See Fig. 1)
IF(AV)
40
A
Peak repetitive forward current per leg at TC = 155 °C
(rated VR, square wave, 20 KHZ)
IFRM
40
A
Non-repetitive avalanche energy per leg
at 25
°C, IAS = 4 A, L = 10 mH
EAS
80
mJ
Peak forward surge current, 8.3 ms single half sine-wave
IFSM
400
A
superimposed on rated load (JEDEC Method)
Peak repetitive reverse surge current (1)
IRRM
2.0
1.0
A
Peak non-repetitive reverse energy (8/20 µs waveform)
ERSM
30
25
mJ
Electrostatic discharge capacitor voltage
VC
25
kV
Human body model: C = 100 pF, R = 1.5 k
Thermal resistance from junction to case per leg
R
θJC
1.2
°C/W
Voltage rate of change at (rated VR)
dv/dt
10,000
V/
µs
Operating junction temperature range
TJ
– 65 to +175
°C
Storage temperature range
TSTG
– 65 to +175
°C
Features
• Plastic package has Underwriters Laboratory
Flammability Classifications 94 V-0
• Dual rectifier construction, positive center-tap
• Metal silicon junction, majority carrier conduction
• High surge capability
• Low forward voltage drop, low power loss
and high efficiency
• For use in low voltage, high frequency inverters,
free-wheeling, and polarity protection applications
• Guardring for overvoltage protection
• Rated for reverse surge and ESD
• 175 °C maximum operation junction temperature
Mechanical Data
Case: JEDEC TO-247AD molded plastic body
Terminals: Lead solderable per MIL-STD-750, Method 2026
High temperature soldering guaranteed:
250°C/10 seconds, 0.17” (4.3 mm) from case
Polarity: As marked
Mounting Position: Any Mounting Torque: 10 in-lbs max.
Weight: 0.2 oz., 5.6 g
PIN 1
PIN 3
CASE
0.245 (6.2)
0.225 (5.7)
0.645 (16.4)
0.625 (15.9)
0.323 (8.2)
0.313 (7.9)
0.142 (3.6)
0.138 (3.5)
0.170
(4.3)
0.086 (2.18)
0.076 (1.93)
0.160 (4.1)
0.140 (3.5)
0.225 (5.7)
0.205 (5.2)
0.127 (3.22)
0.117 (2.97)
0.048 (1.22)
0.044 (1.12)
0.795 (20.2)
0.775 (19.6)
0.840 (21.3)
0.820 (20.8)
1
2
3
0.078 REF
(1.98)
0.203 (5.16)
0.193 (4.90)
10 TYP.
BOTH SIDES
30
10
°
1 REF.
0.118 (3.0)
0.108 (2.7)
0.030 (0.76)
0.020 (0.51)
BOTH
SIDES
PIN 2
TO-247AD (TO-3P)
MBR40H35PT thru MBR40H60PT
Vishay Semiconductors
formerly General Semiconductor
Document Number 88794
www.vishay.com
4-Feb-03
1
New Product
Dual Schottky Barrier Rectifier
Reverse Voltage 35 to 60 V
Forward Current 40 A


Similar Part No. - MBR40H60PT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR40H60PT VISHAY-MBR40H60PT Datasheet
105Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
MBR40H60PT VISHAY-MBR40H60PT Datasheet
515Kb / 5P
   Dual Common Cathode Schottky Rectifier
Revision: 13-Aug-13
MBR40H60PT VISHAY-MBR40H60PT Datasheet
90Kb / 5P
   Dual Common Cathode Schottky Rectifier
01-Jan-2022
logo
SUNMATE electronic Co.,...
MBR40H60PT SUNMATE-MBR40H60PT Datasheet
565Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR40H60PT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SBLF1640CT VISHAY-SBLF1640CT Datasheet
44Kb / 3P
   Dual Schottky Barrier Rectifier
11-Feb-02
MBR1535CT VISHAY-MBR1535CT Datasheet
55Kb / 3P
   Dual Schottky Barrier Rectifier
01-Jul-02
MBR20HXX VISHAY-MBR20HXX Datasheet
85Kb / 3P
   Dual Schottky Barrier Rectifier
4-Feb-03
logo
Won-Top Electronics
S16D30C WTE-S16D30C Datasheet
81Kb / 4P
   16A DUAL SCHOTTKY BARRIER RECTIFIER
SB1620FCT WTE-SB1620FCT_06 Datasheet
49Kb / 4P
   16A DUAL SCHOTTKY BARRIER RECTIFIER
SB1020CT WTE-SB1020CT_06 Datasheet
50Kb / 4P
   10A DUAL SCHOTTKY BARRIER RECTIFIER
SB2520CT WTE-SB2520CT_06 Datasheet
51Kb / 4P
   25A DUAL SCHOTTKY BARRIER RECTIFIER
S20D30C WTE-S20D30C Datasheet
48Kb / 4P
   20A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Luguang Electr...
SB2020CT LUGUANG-SB2020CT Datasheet
163Kb / 2P
   20A Dual Schottky Barrier Rectifier
logo
NTE Electronics
NTE6093 NTE-NTE6093 Datasheet
18Kb / 2P
   Silicon Rectifier Dual, Schottky Barrier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com