Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2244CM Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL2244CM
Description  Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2244CM Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL2244CM Datasheet HTML 2Page - Intersil Corporation EL2244CM Datasheet HTML 3Page - Intersil Corporation EL2244CM Datasheet HTML 4Page - Intersil Corporation EL2244CM Datasheet HTML 5Page - Intersil Corporation EL2244CM Datasheet HTML 6Page - Intersil Corporation EL2244CM Datasheet HTML 7Page - Intersil Corporation EL2244CM Datasheet HTML 8Page - Intersil Corporation EL2244CM Datasheet HTML 9Page - Intersil Corporation EL2244CM Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Typical Performance Curves (Continued)
Gain-Bandwidth Product
vs Supply Voltage
Open-Loop Gain
vs Supply Voltage
Slew-Rate vs
Supply Voltage
Bias and Offset Current
vs Input Common-Mode Voltage
Open-Loop Gain
vs Load Resistance
Voltage Swing
vs Load Resistance
Supply Current
vs Temperature
Bias and Offset
Current vs Temperature
Offset Voltage
vs Temperature
Gain-Bandwidth Product
vs Temperature
Open-Loop Gain, PSRR
and CMRR vs Temperature
Slew Rate vs
Temperature
Short-Circuit Current
vs Temperature
Large-Signal
Step Response
Small-Signal
Step Response
EL2244, EL2444


Similar Part No. - EL2244CM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL2244CM RENESAS-EL2244CM Datasheet
761Kb / 11P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
EL2244CM-T13 RENESAS-EL2244CM-T13 Datasheet
761Kb / 11P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
EL2244CMZ RENESAS-EL2244CMZ Datasheet
761Kb / 11P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
EL2244CMZ-T13 RENESAS-EL2244CMZ-T13 Datasheet
761Kb / 11P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
More results

Similar Description - EL2244CM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL2244 RENESAS-EL2244 Datasheet
761Kb / 11P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
logo
Elantec Semiconductor
EL2244C ELANTEC-EL2244C Datasheet
445Kb / 16P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
logo
ADDtek Corp
AMC2244 ADDTEK-AMC2244 Datasheet
425Kb / 11P
   DUAL/Triple/QUAD LOW-POWER 60MHz UNITY-GAIN STABLE OP AMPLIFIERS
JUNE 2006
logo
Intersil Corporation
EL2344 INTERSIL-EL2344 Datasheet
253Kb / 12P
   Triple Low-Power 60MHz Unity-Gain Stable Op Amp
logo
Elantec Semiconductor
EL2242C ELANTEC-EL2242C Datasheet
703Kb / 10P
   Dual Fast Single-Supply Unity-Gain Stable Op Amp
logo
Intersil Corporation
EL2044 INTERSIL-EL2044 Datasheet
258Kb / 10P
   Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
logo
Elantec Semiconductor
EL2044C ELANTEC-EL2044C Datasheet
414Kb / 13P
   Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
logo
National Semiconductor ...
CLC416 NSC-CLC416 Datasheet
167Kb / 6P
   Dual Low-Power, 120MHz Op Amp
logo
Analog Devices
AD841 AD-AD841 Datasheet
354Kb / 8P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. B
AD841 AD-AD841_15 Datasheet
338Kb / 16P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com