Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA63XU Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA63XU
Description  EVALUATION FIXTURE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA63XU Datasheet(HTML) 2 Page - Burr-Brown (TI)

  OPA63XU Datasheet HTML 1Page - Burr-Brown (TI) OPA63XU Datasheet HTML 2Page - Burr-Brown (TI) OPA63XU Datasheet HTML 3Page - Burr-Brown (TI) OPA63XU Datasheet HTML 4Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
®
DEM-OPA68xU
PART
DESCRIPTION
C1, C2
Tantalum Chip Capacitor, SMD EIA size 3528, 20V
C3 - C7
Multi-Layer Ceramic Chip Cap., SMD 1206, 50V
J1 - J4
SMA or SMB Board Jack (Amphenol 901-144-8)
L1, L2
EMI-Suppression Ferrite Chip, SMD 1206
(Steward LI 1206 B 900 R)
P1
Terminal Block, 3.5mm centers
(On-Shore Technology ED555/3DS)
R1 - R13
Metal Film Chip Resistor, SMD 1206, 1/8W
TABLE II. Component Descriptions.
R1 and R7 set the I/O impedance, R2 - R6 set the gain, and C1
- C5 are supply bypass capacitors. C3 is optional; it adds a
bypass between the supplies, which improves distortion
performance for some models. L1 and L2 are ferrite chips
that can reduce interactions with the power supply at high
frequencies. If not desired, they can be replaced with 0
resistors. R8 - R13, C6 and C7 are optional components that
support op amps with special functions (see Table I).
For single supply operation, do not connect L2; otherwise,
the –VS input to P1 would be at ground potential.
Standard Current-Feedback Op Amps—These op amps
have the pinout shown in Figure 1. Table III shows typical
values used for these parts. To select component values for
your op amp (especially R6), consult its data sheet.
DUAL SUPPLY
DUAL SUPPLY
SINGLE SUPPLY
COMPONENT
(G = +2)
(G = –1)
(G = +1)
R1
49.9
57.6
49.9
R2
10.0
Open
10.0
R3
Open
10.0
Open
R4
Open
402
Open
R5
402
Open
Open
R6
402
402
402
R7
49.9
49.9
49.9
R8 - R13
Open
Open
Open
C1
2.2
µF
2.2
µF
2.2
µF
C2
2.2
µF
2.2
µF
Open
C3
0.01
µF
0.01
µF
Open
C4
0.1
µF
0.1
µF0Ω
C5
0.1
µF
0.1
µF
0.1
µF
C6, C7
Open
Open
Open
NOTE: The values and gains shown will not work for all current-feedback op
amps. See the data sheet to select proper values. The I/O impedances are 50
Ω.
DUAL SUPPLY
DUAL SUPPLY
SINGLE SUPPLY
COMPONENT
(G = +2)
(G = –1)
(G = +1)
R1
49.9
57.6
49.9
R2
178
Open
0
R3
Open
210
Open
R4
Open
402
Open
R5
402
Open
Open
R6
402
402
24.9
R7
49.9
49.9
49.9
R8 - R13
Open
Open
Open
C1
2.2
µF
2.2
µF
2.2
µF
C2
2.2
µF
2.2
µF
Open
C3
0.01
µF
0.01
µF
Open
C4
0.1
µF
0.1
µF0Ω
C5
0.1
µF
0.1
µF
0.1
µF
C6, C7
Open
Open
Open
NOTE: The values and gains shown will not work for all voltage-feedback op
amps. See the individual op amp data sheet to select proper values. The I/O
impedances are 50
Ω.
TABLE IV. Standard Voltage-Feedback Op Amps.
TABLE V. OPA628U and OPA64xU Changes.
DUAL SUPPLY
DUAL SUPPLY
SINGLE SUPPLY
COMPONENT
(G = )+2
(G = –1)
(G = +1)
R8, R11
0
0
0
C1
4.7
µF
4.7
µF
4.7
µF
C2
4.7
µF
4.7
µF
Open
C4, C6
0.1
µF
0.1
µF0Ω
C5, C7
0.1
µF
0.1
µF
0.1
µF
OPA63xU—Pin 8 disables the output when high (OPA632
and OPA635). Table VII shows different ways to set up pin
8’s voltage using R8, R9 and C7. Use Table IV for the other
components, except for the changes shown in Table VI; note
these are all single supply configurations.
SINGLE SUPPLY SINGLE SUPPLY SINGLE SUPPLY
COMPONENT
(G = +2)
(G = –1)
(G = +1)
C4
0
0
0
TABLE VI. OPA63xU Changes.
TABLE III. Standard Current-Feedback Op Amps.
Standard Voltage-Feedback Op Amps—These op amps
have the pinout shown in Figure 1. Table IV shows typical
values used for these parts. To select component values for
your op amp, consult its data sheet.
OPA628U and OPA64xU—These op amps have additional
supply pins (see Table I) to improve distortion. Use the
values in Table IV, except for the changes shown in Table
V (the OPA64xP family will function without these changes,
but with reduced distortion performance).
CONFIGURATION
R8
C9
External Source
Open
49.9
On
Open
0
Off
0
Open
CONFIGURATION
R8
R9
C7
External Source
Open
49.9
Open
On
Open
Open
0.1
µF
Off
Open
0
Open
TABLE VII. Disable Pin—OPA632U and OPA635U.
TABLE VIII. Disable Pin—OPA68xU.
OPA680U—Pin 8 disables the output when low. Table VIII
shows different ways to set up pin 8’s voltage using R8, R9
and C7. Use Table IV for the other components.


Similar Part No. - OPA63XU

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA631 BURR-BROWN-OPA631 Datasheet
176Kb / 17P
   Low Power, Single-Supply OPERATIONAL AMPLIFIERS TM
logo
Texas Instruments
OPA631 TI-OPA631 Datasheet
1Mb / 26P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA631 TI1-OPA631 Datasheet
284Kb / 18P
[Old version datasheet]   Dual, Low-Power, Single-Supply OPERATIONAL AMPLIFIER
OPA631 TI1-OPA631 Datasheet
278Kb / 17P
[Old version datasheet]   Dual, Wideband, Single-Supply OPERATIONAL AMPLIFIER
OPA631 TI1-OPA631 Datasheet
833Kb / 23P
[Old version datasheet]   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA63XU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DEM-ADS1216 TI-DEM-ADS1216 Datasheet
336Kb / 9P
[Old version datasheet]   EVALUATION FIXTURE
DEM-DAI1602 TI1-DEM-DAI1602 Datasheet
209Kb / 11P
[Old version datasheet]   EVALUATION FIXTURE
logo
Burr-Brown (TI)
DEM-DAI1604 BURR-BROWN-DEM-DAI1604 Datasheet
157Kb / 11P
   EVALUATION FIXTURE
DEM-ADS7843E BURR-BROWN-DEM-ADS7843E Datasheet
285Kb / 13P
   EVALUATION FIXTURE
DEM-DAI1742 BURR-BROWN-DEM-DAI1742 Datasheet
281Kb / 10P
   EVALUATION FIXTURE
DEM-PCM1704 BURR-BROWN-DEM-PCM1704 Datasheet
100Kb / 5P
   EVALUATION FIXTURE
logo
Molex Electronics Ltd.
0690202025 MOLEX11-0690202025 Datasheet
36Kb / 1P
   Arbor Press Fixture
logo
Keysight Technologies
U2941A KEYSIGHT-U2941A Datasheet
1Mb / 6P
   Parametric Test Fixture
logo
Bel Fuse Inc.
0804-EVALB02 BEL-0804-EVALB02 Datasheet
2Mb / 11P
   Powerline Test Fixture
logo
Tyco Electronics
408-8502 MACOM-408-8502 Datasheet
88Kb / 2P
   Fixture Board Assembly
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com