Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF5G49 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # SF5G49
Description  TOSHIBA Thyristor Silicon Planar Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SF5G49 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  SF5G49 Datasheet HTML 1Page - Toshiba Semiconductor SF5G49 Datasheet HTML 2Page - Toshiba Semiconductor SF5G49 Datasheet HTML 3Page - Toshiba Semiconductor SF5G49 Datasheet HTML 4Page - Toshiba Semiconductor SF5G49 Datasheet HTML 5Page - Toshiba Semiconductor SF5G49 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SF5G49,SF5J49,USF5G49,USF5J49
2002-02-05
4
Average on-state current IT (AV) (A)
PT (AV) – IT (AV)
Average on-state current IT (AV) (A)
Tc Max – IT (AV)
Average on-state current IT (AV) (A)
PT (AV) – IT (AV)
Average on-state current IT (AV) (A)
Tc Max – IT (AV)
Average on-state current IT (AV) (A)
PT (AV) – IT (AV)
Average on-state current IT (AV) (A)
Tc Max – IT (AV)
a = 30°
0
0
1
2
3
4
5
6
7
2
4
6
8
10
60°
90°
120°
180°
Half sine waveform
180°
Conduction angle
a
0
0
1
2
3
4
5
6
7
20
40
60
80
100
120
140
a = 30°
60°
90°
120°
180°
Half sine waveform
180°
Conduction angle
a
16
0
0
2
4
6
8
10
2
4
6
8
10
12
14
a1
Full sine waveform
360°
180°
Conduction angle
a = a1 + a2
a2
a = 60°
120°
180°
240°
360°
a = 60°
0
0
2
4
6
8
10
20
40
60
80
100
120
140
Full sine waveform
Conduction angle
a = a1 + a2
a1
360°
180°
a2
120° 180°
240° 360°
0
0
2
4
6
8
10
2
4
6
8
10
12
14
16
a = 30°
60°
90°
120°
180°
DC
360°
Rectangular waveform
Conduction angle
a
a = 30°
0
0
2
4
6
8
10
20
40
60
80
100
120
140
60°
90°
120°
180°
DC
360°
Rectangular waveform
Conduction angle
a


Similar Part No. - SF5G49

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SF5G41A TOSHIBA-SF5G41A Datasheet
238Kb / 6P
   TOSHIBA THYRISTOR SILICON PLANAR TYPE
logo
Kersemi Electronic Co.,...
SF5G41A KERSEMI-SF5G41A Datasheet
917Kb / 5P
   THYRISTOR SILICON PLANAR TYPE
logo
Toshiba Semiconductor
SF5G42 TOSHIBA-SF5G42 Datasheet
270Kb / 6P
   SILICON PLANAR TYPE (MEDIUM POWER CONTROL APPLICATIONS)
logo
Kersemi Electronic Co.,...
SF5G42 KERSEMI-SF5G42 Datasheet
999Kb / 5P
   THYRISITOR SILICON PLANAR TYPE
logo
Toshiba Semiconductor
SF5G42-8A TOSHIBA-SF5G42-8A Datasheet
270Kb / 6P
   SILICON PLANAR TYPE (MEDIUM POWER CONTROL APPLICATIONS)
More results

Similar Description - SF5G49

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SF10J48 TOSHIBA-SF10J48 Datasheet
232Kb / 6P
   TOSHIBA THYRISTOR SILICON PLANAR TYPE
S6744 TOSHIBA-S6744 Datasheet
124Kb / 4P
   TOSHIBA THYRISTOR SILICON PLANAR TYPE
URSF05G49-1P TOSHIBA-URSF05G49-1P Datasheet
253Kb / 6P
   TOSHIBA THYRISTOR SILICON PLANAR TYPE
SF5G41A TOSHIBA-SF5G41A Datasheet
238Kb / 6P
   TOSHIBA THYRISTOR SILICON PLANAR TYPE
SF10G41A TOSHIBA-SF10G41A Datasheet
257Kb / 6P
   TOSHIBA THYRISTOR SILICON PLANAR TYPE
S6992 TOSHIBA-S6992 Datasheet
132Kb / 4P
   TOSHIBA Thyristor Silicon Planar Type
S6A13 TOSHIBA-S6A13 Datasheet
137Kb / 4P
   TOSHIBA Thyristor Silicon Planar Type
SF0R5G43 TOSHIBA-SF0R5G43 Datasheet
244Kb / 6P
   TOSHIBA THYRISTOR SILICON PLANAR TYPE
SF5G48 TOSHIBA-SF5G48 Datasheet
214Kb / 6P
   TOSHIBA THYRISTOR SILICON PLANAR TYPE
S6785G TOSHIBA-S6785G Datasheet
107Kb / 4P
   TOSHIBA HIGH SPEED THYRISTOR SILICON PLANAR TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com