Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SN74LVT16646 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74LVT16646
Description  3.3V ABT 16 BIT BUS TRANSCEIVERS AND REGISTERS WITH 3 STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 6 page
background image
SN54LVT16646, SN74LVT16646
3.3V ABT 16BIT BUS TRANSCEIVERS AND REGISTERS
WITH 3STATE OUTPUTS
SCBS149D − JULY 1994 − REVISED MARCH 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54LVT16646
SN74LVT16646
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 2.7 V,
II = −18 mA
−1.2
−1.2
V
VCC = MIN to MAX‡, IOH = −100 µA
VCC −0.2
VCC −0.2
VOH
VCC = 2.7 V,
IOH = − 8 mA
2.4
2.4
V
VOH
VCC = 3 V
IOH = − 24 mA
2
V
VCC = 3 V
IOH = − 32 mA
2
VCC = 2.7 V
IOL = 100 µA
0.2
0.2
VCC = 2.7 V
IOL = 24 mA
0.5
0.5
VOL
IOL = 16 mA
0.4
0.4
V
VOL
VCC = 3 V
IOL = 32 mA
0.5
0.5
V
VCC = 3 V
IOL = 48 mA
0.55
IOL = 64 mA
0.55
VCC = 3.6 V,
VI = VCC or GND
Control inputs
±1
±1
VCC = 0 or MAX‡,
VI = 5.5 V
Control inputs
10
10
II
VI = 5.5 V
20
20
µA
II
VCC = 3.6 V
VI = VCC
A or B ports§
5
5
µA
VCC = 3.6 V
VI = 0
A or B ports§
−10
−10
Ioff
VCC = 0,
VI or VO = 0 to 4.5 V
±100
µA
II(hold)
VCC = 3 V
VI = 0.8 V
A or B ports
75
75
A
II(hold)
VCC = 3 V
VI = 2 V
A or B ports
−75
−75
µA
IOZH
VCC = 3.6 V,
VO = 3 V
1
1
µA
IOZL
VCC = 3.6 V,
VO = 0.5 V
−1
−1
µA
VCC = 3.6 V,
IO = 0,
Outputs high
0.12
0.12
ICC
VCC = 3.6 V,
IO = 0,
VI = VCC or GND
Outputs low
5
5
mA
ICC
VI = VCC or GND
Outputs disabled
0.12
0.12
mA
∆ICC¶
VCC = 3 V to 3.6 V,
One input at VCC − 0.6 V,
Other inputs at VCC or GND
0.2
0.2
mA
Ci
VI = 3 V or 0
3.5
3.5
pF
Cio
VO = 3 V or 0
12
12
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
§ Unused pins at VCC or GND
¶ This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN74LVT162245A3.3V ABT 16 BIT BUS TRANSCEIVERS WITH 3 STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54LVTH6463.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74VMEH225018 BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1 BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT FEEDBACK PATH AND 3 STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54LVTH6523.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74LVT6523.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54LVT6463.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54LVTH29523.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54LVT16245B183.3-V ABT 16 BIT BUS TRANSCEIVERS WITH 3 STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54LVTH166523.3-V ABT 16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
54AC1665216-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl