Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT78NR100 Datasheet(PDF) 4 Page - Texas Instruments

Part # PT78NR100
Description  1 Amp Plus to Minus Voltage Integrated Switching Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT78NR100 Datasheet(HTML) 4 Page - Texas Instruments

  PT78NR100 Datasheet HTML 1Page - Texas Instruments PT78NR100 Datasheet HTML 2Page - Texas Instruments PT78NR100 Datasheet HTML 3Page - Texas Instruments PT78NR100 Datasheet HTML 4Page - Texas Instruments PT78NR100 Datasheet HTML 5Page - Texas Instruments PT78NR100 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
PT78NR110S
ACTIVE
SIP MOD
ULE
EFC
3
25
TBD
Call TI
Level-1-215C-UNLIM
PT78NR110ST
ACTIVE
SIP MOD
ULE
EFC
3
200
TBD
Call TI
Level-1-215C-UNLIM
PT78NR110V
ACTIVE
SIP MOD
ULE
EFD
3
25
TBD
Call TI
Level-1-215C-UNLIM
PT78NR112H
ACTIVE
SIP MOD
ULE
EFA
3
25
TBD
Call TI
Level-1-215C-UNLIM
PT78NR112S
ACTIVE
SIP MOD
ULE
EFC
3
25
TBD
Call TI
Level-1-215C-UNLIM
PT78NR112ST
ACTIVE
SIP MOD
ULE
EFC
3
200
TBD
Call TI
Level-1-215C-UNLIM
PT78NR112V
ACTIVE
SIP MOD
ULE
EFD
3
25
TBD
Call TI
Level-1-215C-UNLIM
PT78NR114H
ACTIVE
SIP MOD
ULE
EFA
3
25
TBD
Call TI
Level-1-215C-UNLIM
PT78NR114S
ACTIVE
SIP MOD
ULE
EFC
3
25
TBD
Call TI
Level-1-215C-UNLIM
PT78NR114ST
ACTIVE
SIP MOD
ULE
EFC
3
200
TBD
Call TI
Level-1-215C-UNLIM
PT78NR114V
ACTIVE
SIP MOD
ULE
EFD
3
25
TBD
Call TI
Level-1-215C-UNLIM
PT78NR115H
ACTIVE
SIP MOD
ULE
EFA
3
25
TBD
Call TI
Level-1-215C-UNLIM
PT78NR115S
ACTIVE
SIP MOD
ULE
EFC
3
25
TBD
Call TI
Level-1-215C-UNLIM
PT78NR115ST
ACTIVE
SIP MOD
ULE
EFC
3
200
TBD
Call TI
Level-1-215C-UNLIM
PT78NR115V
ACTIVE
SIP MOD
ULE
EFD
3
25
TBD
Call TI
Level-1-215C-UNLIM
PT78NR152H
ACTIVE
SIP MOD
ULE
EFA
3
25
TBD
Call TI
Level-1-215C-UNLIM
PT78NR152S
ACTIVE
SIP MOD
ULE
EFC
3
25
TBD
Call TI
Level-1-215C-UNLIM
PT78NR152ST
ACTIVE
SIP MOD
ULE
EFC
3
200
TBD
Call TI
Level-1-215C-UNLIM
PT78NR152V
ACTIVE
SIP MOD
ULE
EFD
3
25
TBD
Call TI
Level-1-215C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
PACKAGE OPTION ADDENDUM
www.ti.com
13-May-2005
Addendum-Page 2


Similar Part No. - PT78NR100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT78NR100 TI-PT78NR100 Datasheet
218Kb / 3P
[Old version datasheet]   1 AMP PLUS TO MINUS VOLTAGE INTEGRATED SWITCHING REGULATOR
PT78NR100 TI1-PT78NR100 Datasheet
206Kb / 5P
[Old version datasheet]   Negative output from positive input
PT78NR100 TI1-PT78NR100_15 Datasheet
206Kb / 5P
[Old version datasheet]   Negative output from positive input
More results

Similar Description - PT78NR100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT78NR100 TI-PT78NR100 Datasheet
218Kb / 3P
[Old version datasheet]   1 AMP PLUS TO MINUS VOLTAGE INTEGRATED SWITCHING REGULATOR
PT78NR200 TI-PT78NR200 Datasheet
62Kb / 2P
[Old version datasheet]   10-12W Plus to Minus Voltage Integrated Switching Regulator
PT5120 TI1-PT5120 Datasheet
474Kb / 4P
[Old version datasheet]   1 AMP LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6900 TI-PT6900 Datasheet
188Kb / 5P
[Old version datasheet]   12 WATT PLUS TO MINUS VOLTAGE CONVERTER
PT6120 TI-PT6120 Datasheet
512Kb / 6P
[Old version datasheet]   1 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6121 TI1-PT6121 Datasheet
541Kb / 7P
[Old version datasheet]   1 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT5040 TI-PT5040 Datasheet
203Kb / 3P
[Old version datasheet]   1 AMP STEP-UP INTEGRATED SWITCHING REGULATOR
logo
List of Unclassifed Man...
SLTS113 ETC1-SLTS113 Datasheet
121Kb / 5P
   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
logo
Texas Instruments
PT6910 TI-PT6910 Datasheet
131Kb / 7P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
PT6905A TI1-PT6905A Datasheet
439Kb / 7P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com