Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI-3012KS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SI-3012KS
Description  Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI-3012KS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SI-3012KS Datasheet HTML 1Page - List of Unclassifed Manufacturers SI-3012KS Datasheet HTML 2Page - List of Unclassifed Manufacturers SI-3012KS Datasheet HTML 3Page - List of Unclassifed Manufacturers SI-3012KS Datasheet HTML 4Page - List of Unclassifed Manufacturers SI-3012KS Datasheet HTML 5Page - List of Unclassifed Manufacturers SI-3012KS Datasheet HTML 6Page - List of Unclassifed Manufacturers SI-3012KS Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
sTaping Specifications
qSI-3000KS Series
160 to 240mm
(About 25 pockets)
1,000PCS
42
8
1.55
φ
φ
Trailer
Vacant seal section
IC compartments
Vacant seal section
Leader
(1,000 pockets)
160 to 240mm
400 to 600mm
Tape draw-out direction
(About 25 pockets)
Cover tape
2
7.0
6.7
5.5
12
t=3
5.75
5.55
2.1
(4.75)
Hole
Hole
Hole
2
3
10
5
Hole
Hole
Hole
Hole
Hole
60
°
60°
B
13
±0.3
15.4
±1.0
Expanded view of center
10.5
Hole
Hole
Hole
Hole
60°
60
°
Carrier tape
Surface resistance of em-
bossed tape: 100 k
Ω maxi-
mum (among 10 pockets)
Reel: Number of packed
products: 1000
(Unit : mm)


Similar Part No. - SI-3012KS

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3012KS ALLEGRO-SI-3012KS Datasheet
97Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3012KS SANKEN-SI-3012KS Datasheet
97Kb / 6P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3012KS SANKEN-SI-3012KS Datasheet
82Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3012KS SANKEN-SI-3012KS Datasheet
56Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results

Similar Description - SI-3012KS

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3000LU SANKEN-SI-3000LU Datasheet
44Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI-3033LUS ETC-SI-3033LUS Datasheet
47Kb / 4P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3000KS ETC-SI-3000KS Datasheet
85Kb / 7P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3000LSA ETC1-SI-3000LSA Datasheet
58Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
Sanken electric
A8180SLU SANKEN-A8180SLU Datasheet
53Kb / 4P
   Surface-Mount, Low Quiescent Current, Low Dropout Voltage Dropper Type
A8181SLB SANKEN-A8181SLB Datasheet
58Kb / 4P
   Surface-Mount, Low Circuit Current, Low Dropout Voltage Dropper Type
SI-3050KD SANKEN-SI-3050KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3012KD SANKEN-SI-3012KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033KD SANKEN-SI-3033KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3000KS SANKEN-SI-3000KS_11 Datasheet
82Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com