Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9541SCE Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RT9541SCE
Description  LI LON BATTERY PROTECTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9541SCE Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RT9541SCE Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9541SCE Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9541SCE Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9541SCE Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9541SCE Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9541SCE Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9541SCE Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9541SCE Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RT9541
Preliminary
www.richtek-ic.com.tw
DS9541-05 August 2001
4
Applications Information
(1) Operation Description
Refering to the “Function Block Diagram”, when
charging voltage crosses the detector threshold from
a low value to a value higher than VDET1, the output
of COUT pin, the output of over-charge detector/VD1,
swiches to low level,..charger’s negative pin level.
After detecting over-charge the VD1 can be reset and
the output of COUT pin becomes “H” when the VDD
voltage is coming down to a level lower than “VDET1
– VHYS1”, or when a charger is disconnected from
the battery pack.
The output of DOUT pin, the output of over-discharge
detector/VD2, switches to “L” after internally fixed
delay time passed, when discharging voltage crosses
the detector threshold from a high value to a value
lower than VDET2. An excess load current can be
sensed and cut off after internally fixed delay time
passsed through the built in excess current detector,
VD3, with DOUT being enabled to low level. Once
after detecting excess current, the VD3 is released
and DOUT level switches to “H” by detaching a
battery pack from a load system.
Futher, short circuit protector makes DOUT level to
“L” immediately with external short circuit current and
removing external short circuit leads DOUT level to
“H”.
The excess charging current is also monitored, and
the charging path will be cut off (by turn low COUT)
after excess charging current was detected lasting a
internally fixed delay time. The charging path will be
re-started (by turn high COUT) after another
internally fixed delay. If the excess charging current is
still there, the same process will be repeated and
cause the charging path toggling on and off with a
12.5% on duty. Such a protection function reduces
the average charging current to 12.5% of original
value when excess charging current detected.
The short circuit protection function in charging
direction was also provided. When COUT high and
the “V-“ pin voltage 5V lower than VSS pin, the
RT9541 will turn low COUT with a fixed delay. The
COUT will go high after the short circuit condition
was removed.
After detecting over-discharge, supply current will be
kept extremely low by halting some internal circuits
operation. The output delay of over-charge detectors
can be set by connecting an external capacitor.
Output type of COUT and DOUT are CMOS.
(2) Component Selection Guide:
Referring to “Typical Application Circuit”, R1 and
C1 will stabilize a supply voltage to the RT9541. A
recommended R1 value is less than 1kΩ. A larger
value of R1 leads higher detection voltage, makes
some errors, because of shoot through current
flowed in the RT9541.
R2 and C2 will stabilize a V- pin voltage. The
resetting from over-discharge with connecting
charger possibly be disabled by larger value of R2.
Recommended value is less than 1kΩ. And
recommended C2 value is less than 1
µF.
R1 and R2 can operate as a current limiter against
setting cell reverse direction or for applying excess
charging voltage to the RT9541. While smaller R1
and R2 may cause an over power dissipation rating
of the RT9541 and a total of “R1+R2” should be
more than 1kΩ.


Similar Part No. - RT9541SCE

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9501 RICHTEK-RT9501 Datasheet
209Kb / 9P
   Advanced Lithium-Ion Linear Battery Charger
RT9501A RICHTEK-RT9501A Datasheet
205Kb / 9P
   Advanced Lithium-lon Linear Battery Charger
RT9501A RICHTEK-RT9501A Datasheet
209Kb / 9P
   Advanced Lithium-Ion Linear Battery Charger
RT9501ACF RICHTEK-RT9501ACF Datasheet
205Kb / 9P
   Advanced Lithium-lon Linear Battery Charger
RT9501AGF RICHTEK-RT9501AGF Datasheet
209Kb / 9P
   Advanced Lithium-Ion Linear Battery Charger
More results

Similar Description - RT9541SCE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5422N111C RICOH-R5422N111C Datasheet
85Kb / 9P
   Li-lon BATTERY PROTECTOR?
R5421N111C RICOH-R5421N111C Datasheet
147Kb / 19P
   Li-lon BATTERY PROTECTOR
RN5VM111C RICOH-RN5VM111C Datasheet
180Kb / 25P
   Li-lon BATTERY PROTECTOR
logo
Taiwan Memory Technolog...
T63H0006B TMT-T63H0006B Datasheet
52Kb / 6P
   Li-Ion Battery Protector
logo
Taiwan Semiconductor Co...
TS2208 TSC-TS2208 Datasheet
107Kb / 6P
   Li-Ion Battery Protector
logo
List of Unclassifed Man...
SC451XX ETC-SC451XX Datasheet
209Kb / 13P
   LI-ION BATTERY PROTECTOR
logo
Taiwan Semiconductor Co...
TS2207 TSC-TS2207 Datasheet
152Kb / 6P
   Li-Ion Battery Protector
logo
Taiwan Memory Technolog...
T63H0001A TMT-T63H0001A Datasheet
55Kb / 7P
   Li-Ion Battery Protector
logo
Seaward Electronics Inc...
SE9018 SEAWARD-SE9018 Datasheet
314Kb / 9P
   1A Standalone Linear Li-lon Battery Charger
logo
SHOUDING Shouding Semic...
SD9057 SHOUDING-SD9057 Datasheet
1Mb / 10P
   Linear Li-Lon Battery Charger High Accuracy
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com