Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI-3025KS Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SI-3025KS
Description  Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI-3025KS Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SI-3025KS Datasheet HTML 1Page - List of Unclassifed Manufacturers SI-3025KS Datasheet HTML 2Page - List of Unclassifed Manufacturers SI-3025KS Datasheet HTML 3Page - List of Unclassifed Manufacturers SI-3025KS Datasheet HTML 4Page - List of Unclassifed Manufacturers SI-3025KS Datasheet HTML 5Page - List of Unclassifed Manufacturers SI-3025KS Datasheet HTML 6Page - List of Unclassifed Manufacturers SI-3025KS Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
sReference Data
Thermal resistance vs. Copper area
Power dissipation vs. Copper area
sExample of Solder Pattern Design
Symbol
Dimensions (mm)
e1
5.72
e
1.27
±0.15
α
0.2
β1
0.2 to 0.5
β2
0.2
L
0.6
b2
0.76
l2
L+
β1+β2
*1 The inner frame stage on which a monolithic IC is mounted is
directly connected to the GND pins (pins 5 through 8). By
expanding the area of the copper connected to the GND pins,
the heat radiation can be improved. It is recommended to
design the solder pattern by opening the insulation film of the
solder patterns of pins 5, 6, 7, and 8, on the wide GND
pattern as shown in Figure 1.
(Reference value conforming to EIAJ
Standard ED-7402-1)
• Calculating junction temperature
Measure the temperature TL of the lead of the GND pin (pin 7) by using a thermocouple, and substitute the
measured value into the following expression to calculate the junction temperature.
Tj=PD
× θj–L + TL
(
θj–L = 22°C/W)
qSI-3000KS Series
L
e
L
L
α
B1
B2
e
e1
b
e
ee
e
e1
l2
b2
*1
Figure 1
ee
e
8
GND pattern
1
7
2
6
3
5
b2
e1
l2
4
Copper area (mm2)
10
100
140
120
100
80
60
40
1000
Area of PC board : 40
×40mm
Copper area (mm2)
10
100
1.2
1
0.8
0.6
0.4
0.2
0
1000
Tj=100
°C Area of PC board : 40×40mm
Ta=25
°C
Ta=50
°C
Ta=80
°C


Similar Part No. - SI-3025KS

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3025KS ALLEGRO-SI-3025KS Datasheet
97Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3025KS SANKEN-SI-3025KS Datasheet
97Kb / 6P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3025KS SANKEN-SI-3025KS Datasheet
82Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3025KS SANKEN-SI-3025KS Datasheet
56Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results

Similar Description - SI-3025KS

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3000LU SANKEN-SI-3000LU Datasheet
44Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI-3033LUS ETC-SI-3033LUS Datasheet
47Kb / 4P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3000KS ETC-SI-3000KS Datasheet
85Kb / 7P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3000LSA ETC1-SI-3000LSA Datasheet
58Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
Sanken electric
A8180SLU SANKEN-A8180SLU Datasheet
53Kb / 4P
   Surface-Mount, Low Quiescent Current, Low Dropout Voltage Dropper Type
A8181SLB SANKEN-A8181SLB Datasheet
58Kb / 4P
   Surface-Mount, Low Circuit Current, Low Dropout Voltage Dropper Type
SI-3050KD SANKEN-SI-3050KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3012KD SANKEN-SI-3012KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033KD SANKEN-SI-3033KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3000KS SANKEN-SI-3000KS_11 Datasheet
82Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com