Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4750DY-E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI4750DY-E3
Description  Smart Power High-Side Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4750DY-E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI4750DY-E3 Datasheet HTML 1Page - Vishay Siliconix SI4750DY-E3 Datasheet HTML 2Page - Vishay Siliconix SI4750DY-E3 Datasheet HTML 3Page - Vishay Siliconix SI4750DY-E3 Datasheet HTML 4Page - Vishay Siliconix SI4750DY-E3 Datasheet HTML 5Page - Vishay Siliconix SI4750DY-E3 Datasheet HTML 6Page - Vishay Siliconix SI4750DY-E3 Datasheet HTML 7Page - Vishay Siliconix SI4750DY-E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Si4750DY
Vishay Siliconix
New Product
Document Number: 72219
S-32411—Rev. B, 24-Nov-03
www.vishay.com
3
SPECIFICATIONS
Parameter
Symbol
Test Conditions
Unless Otherwise Noted
TA = 25_C, Vbb =14.5 V
Min
Typ
Max
Unit
Load Switching Capabilities and Characteristics
On-State Resistance
rON
IL = 2 A, Vbb = 9 to 14.5 V
34
50
mW
Nominal Load Current
IL(nom)
2
A
Turn-On- Time to 90% VOUT
tON
70
150
ms
Turn-Off Time to 10% VOUT
toff
IL = 2 A CL = 2 mA
60
150
ms
Slew Rate On
dV/dton
IL = 2 A, CL = 2 mA
0.22
V/ms
Slew Rate Off
−dV/dton
0.08
V/ms
Operating Parameters
Operating Voltage
Vbb(on)
9
41
Undervoltage Shutdown of Charge Pump
Vbb(under)
TA = −40 to 85_C
6.7
8
V
Undervoltage Restart of Charge Pump
Vbb(ucp)
7.1
8
Standby Current
Ibb(off)
TA = −40 to 85_C, VIN = 0 V
70
mA
Leakage Output Current (Included in Ibb(off))
IL(off)
VIN = 0 V
0.5
mA
Protection Features
Initial Peak Short Circuit Current Limit
IL(SC )
tm = 500 ms, TA = 25_C
21
A
Initial Peak Short Circuit Current Limit
IL(SCp)
tm = 500 ms, TA = 25_C
19
A
Thermal Overload Trip Temperature
TJ
IL = 2 A
150
_C
Thermal Hysteresis
THYS
IL = 2 A
12
_C
Reverse Battery
Reverse Batteryb
−Vbb
25
V
Drain-Source Diode Voltage
−VON
VOUT > Vbb, TJ = 150_C
600
mV
Input
Input Turn-On Threshold Voltage
VIN(T+)
See Figure 1
2.3
3.0
Input Turn-Off Threshold Voltage
VIN(T−)
See Figure 1
0.8
V
Input Threshold Hysteresis
DVIN(T)
1
Off-State Input Current
IIN(off)
VIN = 0.7 V, See Figure 1
2
mA
On-State Input Current
IIN(on)
VIN = 5 V, See Figure 1
2
mA
Input Resistance
RL
Input Resistance, See Figure 1
3000
kW
Notes
a.
Not to exceed TPULSE = 50 ns.
b.
Requires a 150-W resistor in GND connection. The reverse load current through the intrinsic drain-source diode has to be limited by the connected load. Pow-
er dissipation is higher compared to normal operating conditions due to the voltage drop across the drain-source diode. The temperature protection is not
active during reverse current operation. Input current has to be limited. (See Maximum Ratings, page 2.)
http://www.campw.com/


Similar Part No. - SI4750DY-E3

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4750-A10 SILABS-SI4750-A10 Datasheet
993Kb / 3P
   High Performance Automotive AM/FM Radio Receiver
SI4750-A10-AM SILABS-SI4750-A10-AM Datasheet
51Kb / 2P
   High Performance Automotive AM/FM Radio Receiver
More results

Similar Description - SI4750DY-E3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com