Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9052 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9052
Description  Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9052 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9052 Datasheet HTML 1Page - Maxim Integrated Products MAX9052 Datasheet HTML 2Page - Maxim Integrated Products MAX9052 Datasheet HTML 3Page - Maxim Integrated Products MAX9052 Datasheet HTML 4Page - Maxim Integrated Products MAX9052 Datasheet HTML 5Page - Maxim Integrated Products MAX9052 Datasheet HTML 6Page - Maxim Integrated Products MAX9052 Datasheet HTML 7Page - Maxim Integrated Products MAX9052 Datasheet HTML 8Page - Maxim Integrated Products MAX9052 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX9039–MAX9043 and MAX9050–MAX9053 fea-
ture combinations of low-power comparators and preci-
sion voltage references. Their operating voltage range
makes them ideal for both 3V and 5V systems. The
MAX9039/MAX9040/MAX9041/MAX9050/MAX9051
have a single comparator and reference consuming
only 40µA of supply current. The MAX9042/MAX9043/
MAX9052/MAX9053 have dual comparators and one
reference, and consume only 55µA of supply current.
Low-voltage operation and low supply current make
these devices ideal for battery-operated systems.
The comparators feature Rail-to-Rail® inputs and out-
puts, with a common-mode input voltage range that
extends 250mV beyond the supply rails. Input bias cur-
rent is typically 1.0pA, and input offset voltage is typi-
cally 0.5mV. Internal hysteresis ensures clean output
switching, even with slow-moving input signals. The
output stage features a unique design that limits supply
current surges while switching, virtually eliminating sup-
ply glitches typical of many other comparators. This
design also minimizes overall power consumption
under dynamic conditions. The comparator outputs
have rail-to-rail, push-pull output stages that sink and
source up to 8mA. The propagation delay is 400ns,
even with the low-operating supply current.
The reference output voltage is set to 1.23V in the
MAX9039, to 2.048V in the MAX9040–MAX9043, and to
2.500V in the MAX9050–MAX9053. The MAX9040–
MAX9043 and the MAX9050–MAX9053 are offered in
two grades: an A grade with 0.4% initial accuracy and
6ppm/°C tempco, and a B grade with 1% initial accura-
cy and 100ppm/°C tempco. The voltage references
feature a proprietary curvature-correction circuit and
laser-trimmed thin-film resistors. These series-mode ref-
erences can sink or source up to 500µA of load current.
Applications
Features
o Comparator + Precision Reference in UCSP/SOT23
o 2.5V to 5.5V Single-Supply Operation
(MAX9039–MAX9043)
o Low Supply Current (MAX9039/MAX9040/
MAX9041/MAX9050/MAX9051)
40µA Quiescent
50µA with 100kHz Switching
o 400ns Propagation Delay
o Rail-to-Rail Inputs
o Rail-to-Rail Output Stage Sinks and Sources 8mA
o Internal ±3mV Hysteresis
o Voltage Reference Offers:
±0.4% (max) Initial Accuracy (A grade)
6ppm/°C (typ) Temperature Coefficient (A grade)
Stable for 0 to 4.7nF Capacitive Loads
Micropower, Single-Supply, UCSP/SOT23
Comparator + Precision Reference ICs
________________________________________________________________ Maxim Integrated Products
1
19-1569; Rev 4; 10/02
Ordering Information
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
UCSP is a trademark of Maxim Integrated Products, Inc.
*UCSP reliability is integrally linked to the user’s assembly
methods, circuit board material, and environment. Refer to the
UCSP Reliability section of this data sheet for more information.
Typical Operating Circuit and Functional Diagrams appear
at end of data sheet.
Ordering Information continued at end of data sheet.
Selector Guide appears at end of data sheet.
TOP VIEW (BUMPS ON BOTTOM)
TOP VIEW
VEE
REF
IN+
15
VCC
OUT
MAX9040
MAX9050
SOT23-5
2
34
IN-
VCC
REF
VEE
IN+
MAX9039
B3
OUT
B1
A3
A2
A1
B2
UCSP
Pin Configurations
Pin Configurations continued at end of data sheet.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PIN-
PACKAGE
6 UCSP-6
5 SOT23-5
6 SOT23-6
6 SOT23-6
8 SO
8 SO
5 SOT23-5
-40°C to +85°C
MAX9040AEUK-T
ADNW
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
TEMP RANGE
PART
MAX9039BEBT-T*
MAX9040BEUK-T
MAX9041AEUT-T
MAX9041BEUT-T
MAX9041AESA
MAX9041BESA
TOP
MARK
AAZ
ADNX
AAHF
AAHH
Precision Battery
Management
Window Comparators
IR Receivers
Level Translators
Digital Line Receivers


Similar Part No. - MAX9052

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9052 MAXIM-MAX9052 Datasheet
404Kb / 20P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Rev 6; 3/09
MAX9052 MAXIM-MAX9052 Datasheet
1Mb / 15P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
19-1569; Rev 10; 1/17
MAX9052AESA MAXIM-MAX9052AESA Datasheet
162Kb / 12P
   Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Rev 1; 1/00
MAX9052AESA MAXIM-MAX9052AESA Datasheet
404Kb / 20P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Rev 6; 3/09
MAX9052AEUA MAXIM-MAX9052AEUA Datasheet
162Kb / 12P
   Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Rev 1; 1/00
More results

Similar Description - MAX9052

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9039 MAXIM-MAX9039 Datasheet
404Kb / 20P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Rev 6; 3/09
MAX9038 MAXIM-MAX9038 Datasheet
1Mb / 15P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
19-1569; Rev 10; 1/17
MAX9040 MAXIM-MAX9040 Datasheet
162Kb / 12P
   Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Rev 1; 1/00
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
logo
Maxim Integrated Produc...
MAX6018 MAXIM-MAX6018 Datasheet
300Kb / 9P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
Rev 2; 12/02
MAX6018 MAXIM-MAX6018_V01 Datasheet
1Mb / 10P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
logo
Texas Instruments
LMP7300MA TI-LMP7300MA Datasheet
270Kb / 17P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
National Semiconductor ...
LMP7300 NSC-LMP7300_08 Datasheet
874Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
Texas Instruments
LMP7300 TI1-LMP7300_14 Datasheet
302Kb / 18P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
National Semiconductor ...
LMP7300 NSC-LMP7300 Datasheet
904Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com