Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5207AEUB Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5207AEUB
Description  Low-Cost, Voltage-Output, 16-Bit DACs in UMAX
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5207AEUB Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5207AEUB Datasheet HTML 5Page - Maxim Integrated Products MAX5207AEUB Datasheet HTML 6Page - Maxim Integrated Products MAX5207AEUB Datasheet HTML 7Page - Maxim Integrated Products MAX5207AEUB Datasheet HTML 8Page - Maxim Integrated Products MAX5207AEUB Datasheet HTML 9Page - Maxim Integrated Products MAX5207AEUB Datasheet HTML 10Page - Maxim Integrated Products MAX5207AEUB Datasheet HTML 11Page - Maxim Integrated Products MAX5207AEUB Datasheet HTML 12Page - Maxim Integrated Products MAX5207AEUB Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Low-Cost, Voltage-Output, 16-Bit DACs in µMAX
______________________________________________________________________________________
11
Bipolar Configuration
The MAX5204–MAX5207 are designed for unipolar opera-
tion, but can be used in bipolar applications with an exter-
nal amplifier and resistors. Figure 5 shows the
MAX5204–MAX5207 configured for bipolar operation. The
op amp is set for unity gain. Table 1 lists the offset binary
code for this circuit. Output voltage range is ±VREF.
Layout Considerations
Digital and AC transient signals coupling to AGND can
create noise at the output. Connect AGND to the high-
est quality ground available. Use proper grounding
techniques, such as a multilayer board with a low-
inductance ground plane. Wire-wrapped boards and
sockets are not recommended. For optimum system
performance, use printed circuit (PC) boards with sep-
arate analog and digital ground planes. Connect the
two ground planes together at the low-impedance
power-supply source. Connect DGND and AGND pins
together at the IC. The best ground connection is
achieved by connecting the DAC’s DGND and AGND
together, and then connecting that point to the system
analog ground plane. If the DAC’s DGND is connected
to the system digital ground, digital noise can get
through the DAC’s analog portion.
Chip Information
TRANSISTOR COUNT: 8764
PROCESS: BiCMOS
CLR
AGND
VDD
REF
DIN
SCLK
CS
DGND
BIPOLAR OUT
(
±VREF)
LDAC
OUT
MC68XXXX
10
µF
0.1
µF
0.1
µF
10
µF
PCS0
MOSI
SCLK
+5V
R
R
MAX5204–
MAX5207
MAX400
Figure 5. MAX5204–MAX5207 Typical Operating Circuit—Bipolar Output
DAC LATCH CONTENTS
MSB
LSB
ANALOG OUTPUT, VOUT
1111 1111 1111 1111
+VREF
× (32,767 / 32,768)
1000 0000 0000 0001
+VREF
× (1 / 32,768)
1000 0000 0000 0000
0V
0111 1111 1111 1111
-VREF
× (1 / 32,768)
0000 0000 0000 0000
-VREF
× (32,768 / 32,768)
Table 1. Bipolar Code Table


Similar Part No. - MAX5207AEUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX520 MAXIM-MAX520 Datasheet
274Kb / 20P
   Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 3; 9/96
MAX520-MAX521 MAXIM-MAX520-MAX521 Datasheet
274Kb / 20P
   Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 3; 9/96
MAX5200 MAXIM-MAX5200 Datasheet
288Kb / 13P
   Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in μMAX
Rev 2; 10/04
MAX5200ACUB MAXIM-MAX5200ACUB Datasheet
288Kb / 13P
   Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in μMAX
Rev 2; 10/04
MAX5200AEUB MAXIM-MAX5200AEUB Datasheet
288Kb / 13P
   Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in μMAX
Rev 2; 10/04
More results

Similar Description - MAX5207AEUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5200 MAXIM-MAX5200 Datasheet
288Kb / 13P
   Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in μMAX
Rev 2; 10/04
MAX512 MAXIM-MAX512 Datasheet
179Kb / 16P
   Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface
Rev 2; 5/96
MAX5138 MAXIM-MAX5138_12 Datasheet
483Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 2; 10/12
MAX5138 MAXIM-MAX5138 Datasheet
360Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 1; 4/09
MAX541 MAXIM-MAX541 Datasheet
239Kb / 12P
   5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
MAX1806 MAXIM-MAX1806 Datasheet
263Kb / 10P
   500mA, Low-Voltage Linear Regulator in UMAX
Rev 0; 4/01
MAX5541 MAXIM-MAX5541 Datasheet
221Kb / 8P
   Low-Cost, 5V, Serial-Input, Voltage-Output, 16-Bit DAC
Rev 0; 12/99
logo
Analog Devices
AD5370 AD-AD5370 Datasheet
292Kb / 24P
   40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
Rev. PrF
logo
Maxim Integrated Produc...
MAX5441 MAXIM-MAX5441_08 Datasheet
223Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 10/07
MAX5441 MAXIM-MAX5441_09 Datasheet
249Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 3; 1/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com