Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9040 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9040
Description  Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9040 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9040 Datasheet HTML 1Page - Maxim Integrated Products MAX9040 Datasheet HTML 2Page - Maxim Integrated Products MAX9040 Datasheet HTML 3Page - Maxim Integrated Products MAX9040 Datasheet HTML 4Page - Maxim Integrated Products MAX9040 Datasheet HTML 5Page - Maxim Integrated Products MAX9040 Datasheet HTML 6Page - Maxim Integrated Products MAX9040 Datasheet HTML 7Page - Maxim Integrated Products MAX9040 Datasheet HTML 8Page - Maxim Integrated Products MAX9040 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Micropower, Single-Supply, UCSP/SOT23
Comparator + Precision Reference ICs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—A Grade (0.4% Initial Accuracy) (continued)
(VCC = +5V, VEE = 0V, VCM = 0V, IOUT = 0A, IREF = 0A, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 2)
ELECTRICAL CHARACTERISTICS—B Grade (1% Initial Accuracy)
(VCC = 5V, VEE = 0V, VCM = 0V, IOUT = 0A, IREF = 0A, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
(Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC = 5V, ISOURCE = 8mA
4.45
4.85
Output Voltage High
VOH
VCC = 2.7V, ISOURCE = 3.5mA
2.3
2.55
V
CL = 15pF
40
CL = 50pF
50
Output Rise/Fall Times
tR/tF
CL = 200pF
80
ns
50mV overdrive
450
Output Propagation Delay
(Note 9)
tPD+/
tPD-
CL = 15pF,
VCC = 2.7V
100mV overdrive
400
ns
Power-Up Time
tPU
Time to VOUT valid logic state
20
µs
VOLTAGE REFERENCE
MAX9040–MAX9043
2.040
2.048
2.056
Output Voltage
VREF
TA = +25°C
MAX9050–MAX9053
2.490
2.500
2.510
V
µMAX/SO
6
30
Output Voltage Temperature
Coefficient (Note 10)
TCVREF
SOT23
6
50
ppm/°C
2.5V
≤ VCC ≤ 5.5V, MAX9040–MAX9043
+50
+200
Line Regulation
∆VREF/
∆VCC
2.7V
≤ VCC ≤ 5.5V, MAX9050–MAX9053
+50
+200
µV/V
Sourcing. 0µA
≤ IREF ≤ 500µA
2
4
Load Regulation
∆VREF/
∆IREF
Sinking, -500µA
≤ IREF ≤ 0µA
3.5
6
µV/µA
Output Short-Circuit Current
ISC
VREF = VEE or VCC
4mA
Thermal Hysteresis (Note 11)
THYST
130
ppm
Long-Term Stability
1000h at TA = +25°C
50
ppm
f = 0.1Hz to 10Hz
40
µVP-P
Noise Voltage
EOUT
f = 10Hz to 10kHz
105
µVRMS
Ripple Rejection
∆VREF/
∆VCC
VCC = 5V ±100mV, f = 120Hz
84
dB
Turn-On Settling Time
tR(VREF)
To VREF = 1% of final value
200
µs
Capacitive-Load Stability Range
(Note 7)
CL(VREF)
0
4.7
nF
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX9039–MAX9043
2.5
5.5
Supply Voltage Range (Note 3)
VCC
MAX9050–MAX5053
2.7
5.5
V
VCC = 2.7V
40
MAX9039/MAX9040/
MAX9041/MAX9050/
MAX9051
VCC = 5.0V
45
100
VCC = 2.7V
55
Supply Current
ICC
MAX9042/MAX9043/
MAX9052/MAX5053
VCC = 5.0V
60
130
µA


Similar Part No. - MAX9040

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9040 MAXIM-MAX9040 Datasheet
162Kb / 12P
   Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Rev 1; 1/00
MAX9040 MAXIM-MAX9040 Datasheet
404Kb / 20P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Rev 6; 3/09
MAX9040 MAXIM-MAX9040 Datasheet
1Mb / 15P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
19-1569; Rev 10; 1/17
MAX9040AEUK+T MAXIM-MAX9040AEUK+T Datasheet
1Mb / 15P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
19-1569; Rev 10; 1/17
MAX9040AEUK-T MAXIM-MAX9040AEUK-T Datasheet
162Kb / 12P
   Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Rev 1; 1/00
More results

Similar Description - MAX9040

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9039 MAXIM-MAX9039 Datasheet
404Kb / 20P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Rev 6; 3/09
MAX9038 MAXIM-MAX9038 Datasheet
1Mb / 15P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
19-1569; Rev 10; 1/17
MAX9040 MAXIM-MAX9040 Datasheet
162Kb / 12P
   Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Rev 1; 1/00
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
logo
Maxim Integrated Produc...
MAX6018 MAXIM-MAX6018 Datasheet
300Kb / 9P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
Rev 2; 12/02
MAX6018 MAXIM-MAX6018_V01 Datasheet
1Mb / 10P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
logo
Texas Instruments
LMP7300MA TI-LMP7300MA Datasheet
270Kb / 17P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
National Semiconductor ...
LMP7300 NSC-LMP7300_08 Datasheet
874Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
Texas Instruments
LMP7300 TI1-LMP7300_14 Datasheet
302Kb / 18P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
National Semiconductor ...
LMP7300 NSC-LMP7300 Datasheet
904Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com