Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9040 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9040
Description  Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9040 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9040 Datasheet HTML 1Page - Maxim Integrated Products MAX9040 Datasheet HTML 2Page - Maxim Integrated Products MAX9040 Datasheet HTML 3Page - Maxim Integrated Products MAX9040 Datasheet HTML 4Page - Maxim Integrated Products MAX9040 Datasheet HTML 5Page - Maxim Integrated Products MAX9040 Datasheet HTML 6Page - Maxim Integrated Products MAX9040 Datasheet HTML 7Page - Maxim Integrated Products MAX9040 Datasheet HTML 8Page - Maxim Integrated Products MAX9040 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Micropower, Single-Supply, UCSP/SOT23
Comparator + Precision Reference ICs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—A Grade (0.4% Initial Accuracy)
(VCC = +5V, VEE = 0V, VCM = 0V, IOUT = 0A, IREF = 0A, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE) ....................................-0.3V to +6V
All Other Pins ...................................(VEE - 0.3V) to (VCC + 0.3V)
Output Short-Circuit Duration
(OUT_, REF) ...............Indefinite Short Circuit to Either Supply
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 7.10mW/°C above +70°C)..........571mW
6-Bump UCSP (derate 3.9mW/°C above +70°C) ........308mW
6-Pin SOT23 (derate 8.70mW/°C above +70°C)..........696mW
8-Pin SO (derate 5.88mW/°C above +70°C)................471mW
8-Pin µMAX (derate 4.1mW/°C above +70°C) .............330mW
10-Pin µMAX (derate 5.6mW/°C above +70°C) ...........444mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Bump Reflow Temperature (Note 1) ................................+235°C
Note 1: This device is constructed using a unique set of packaging techniques that impose a limit on the thermal profile the device
can be exposed to during board-level solder attach and rework. This limit permits only the use of the solder profiles recom-
mended in the industry-standard specification, JEDEC 020A, paragraph 7.6, Table 3 for IR/VPR and Convection Packaging
Reflow. Preheating is required. Hand or wave soldering is not allowed.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX9040–MAX9043
2.5
5.5
Supply Voltage Range (Note 3)
VCC
MAX9050–MAX9053
2.7
5.5
V
VCC = 2.7V
47
67
MAX9040/MAX9041/
MAX9050/MAX9051
VCC = 5V
52
72
VCC = 2.7V
55
80
Supply Current
ICC
MAX9042/MAX9043/
MAX9052/MAX9053
VCC = 5V
60
85
µA
COMPARATORS
TA = +25°C
±0.5
±5.0
Input Offset Voltage (Note 4)
VOS
Over entire
common-mode
range
TA = -40°C to +85°C
±7.0
mV
Input Hysteresis
VHYST
±3.0
mV
Input Bias Current
(Notes 5, 6, 7)
IB
Specified common-mode range
±0.001
±10.0
nA
Input Offset Current (Note 5)
IOS
Specified common-mode range
±0.5
pA
TA = +25°C
VEE -
0.25
VCC +
0.25
Common-Mode Voltage Range
(Notes 5, 8)
CMVR
TA = -40°C to +85°CVEE
VCC
V
Common-Mode Rejection Ratio
(Note 5)
CMRR
Specified common-mode range
52
80
dB
MAX9040–MAX9043, 2.5V
≤ VCC ≤ 5.5V
55
80
Power-Supply Rejection Ratio
PSRR
MAX9050–MAX9053, 2.5V
≤ VCC ≤ 5.5V
55
80
dB
Input Capacitance (Note 5)
CIN
2.5
pF
VCC = 5V
95
Output Short-Circuit Current
ISC
VOUT = VEE or VCC
VCC = 2.7V
35
mA
VCC = 5V, ISINK = 8mA
0.2
0.55
Output Voltage Low
VOL
VCC = 2.7V, ISINK = 3.5mA
0.15
0.4
V


Similar Part No. - MAX9040

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9040 MAXIM-MAX9040 Datasheet
162Kb / 12P
   Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Rev 1; 1/00
MAX9040 MAXIM-MAX9040 Datasheet
404Kb / 20P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Rev 6; 3/09
MAX9040 MAXIM-MAX9040 Datasheet
1Mb / 15P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
19-1569; Rev 10; 1/17
MAX9040AEUK+T MAXIM-MAX9040AEUK+T Datasheet
1Mb / 15P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
19-1569; Rev 10; 1/17
MAX9040AEUK-T MAXIM-MAX9040AEUK-T Datasheet
162Kb / 12P
   Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Rev 1; 1/00
More results

Similar Description - MAX9040

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9039 MAXIM-MAX9039 Datasheet
404Kb / 20P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Rev 6; 3/09
MAX9038 MAXIM-MAX9038 Datasheet
1Mb / 15P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
19-1569; Rev 10; 1/17
MAX9040 MAXIM-MAX9040 Datasheet
162Kb / 12P
   Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Rev 1; 1/00
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
logo
Maxim Integrated Produc...
MAX6018 MAXIM-MAX6018 Datasheet
300Kb / 9P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
Rev 2; 12/02
MAX6018 MAXIM-MAX6018_V01 Datasheet
1Mb / 10P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
logo
Texas Instruments
LMP7300MA TI-LMP7300MA Datasheet
270Kb / 17P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
National Semiconductor ...
LMP7300 NSC-LMP7300_08 Datasheet
874Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
Texas Instruments
LMP7300 TI1-LMP7300_14 Datasheet
302Kb / 18P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
National Semiconductor ...
LMP7300 NSC-LMP7300 Datasheet
904Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com