Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5206BEUB Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5206BEUB
Description  Low-Cost, Voltage-Output, 16-Bit DACs in UMAX
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5206BEUB Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5206BEUB Datasheet HTML 1Page - Maxim Integrated Products MAX5206BEUB Datasheet HTML 2Page - Maxim Integrated Products MAX5206BEUB Datasheet HTML 3Page - Maxim Integrated Products MAX5206BEUB Datasheet HTML 4Page - Maxim Integrated Products MAX5206BEUB Datasheet HTML 5Page - Maxim Integrated Products MAX5206BEUB Datasheet HTML 6Page - Maxim Integrated Products MAX5206BEUB Datasheet HTML 7Page - Maxim Integrated Products MAX5206BEUB Datasheet HTML 8Page - Maxim Integrated Products MAX5206BEUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Low-Cost, Voltage-Output, 16-Bit DACs in µMAX
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to AGND, DGND ...............................................-0.3V to +6V
AGND to DGND.........................................……….-0.3V to +0.3V
REF, OUT to AGND.................................…-0.3V to (VDD + 0.3V)
CLR, LDAC, SCLK, DIN, CS to DGND .......-0.3V to (VDD + 0.3V)
Maximum Current into Any Pin............................................50mA
Continuous Power Dissipation (TA = +70°C)
10-Pin µMAX (derate 5.6mW/°C above +70°C) .........444.4mW
Operating Temperature Ranges
MAX520_CUB ......................................................0°C to +70°C
MAX520_EUB .........................................…….-40°C to +105°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS—MAX5204/MAX5205
(VDD = +4.75V to +5.25V, fSCLK = 10MHz (50% duty cycle), VREF = 4.096V, output load = 10k
Ω in parallel with 250pF, TA = TMIN to
TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC PERFORMANCE (Note 1)
Resolution
N
16
Bits
MAX520_AEUB
±10
±20
MAX520_ACUB
±10
±20
Integral Nonlinearity (Note 2)
INL
MAX520_BEUB
±20
±40
LSB
MAX520_A_UB (Note 3)
±1
MAX520_BEUB (0°C to +105°C) (Note 3)
±1
Differential Nonlinearity
(Note 2)
DNL
MAX520_BEUB (-40°C to 0°C)
±2
LSB
Offset Error
Inferred from measurement at 1C00 hex
and FFFF hex
±3
±25
mV
Gain Error
GE
Within DAC output range (Note 4)
±0.01
±1
%FSR
Offset Temperature Coefficient
1.5
µV/°C
Gain Temperature Coefficient
3
ppm of
FSR/°C
Power-Supply Rejection
PSR
VDD = 5V ±5%, midscale input
±0.06
±0.5
mV/V
DYNAMIC PERFORMANCE
DAC Output Range
(Note 2)
0 to
VDD
V
Output-Voltage Slew Rate
SR
0.6
V/µs
Output Settling Time
To ±1LSB of FS,
VSTEP = 0.25
× VREF to 0.75 × VREF
25
µs
Output Noise
DAC code = 8400 hex, 10kHz
120
nV/
√Hz
DAC Glitch Impulse
Major carry transition (code 7FFF hex to
code 8000 hex)
10
nV
⋅s
Digital Feedthrough
Code = 0000 hex; CS = VDD;
LDAC = 0; SCLK, DIN = 0 or VDD
10
nV
⋅s
Wake-Up Time
From software shutdown to 90% of output
code = FFFF hex
50
µs
Power-Up Time
From power applied to 90% of output
code = FFFF hex
10
ms


Similar Part No. - MAX5206BEUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX520 MAXIM-MAX520 Datasheet
274Kb / 20P
   Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 3; 9/96
MAX520-MAX521 MAXIM-MAX520-MAX521 Datasheet
274Kb / 20P
   Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 3; 9/96
MAX5200 MAXIM-MAX5200 Datasheet
288Kb / 13P
   Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in μMAX
Rev 2; 10/04
MAX5200ACUB MAXIM-MAX5200ACUB Datasheet
288Kb / 13P
   Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in μMAX
Rev 2; 10/04
MAX5200AEUB MAXIM-MAX5200AEUB Datasheet
288Kb / 13P
   Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in μMAX
Rev 2; 10/04
More results

Similar Description - MAX5206BEUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5200 MAXIM-MAX5200 Datasheet
288Kb / 13P
   Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in μMAX
Rev 2; 10/04
MAX512 MAXIM-MAX512 Datasheet
179Kb / 16P
   Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface
Rev 2; 5/96
MAX5138 MAXIM-MAX5138_12 Datasheet
483Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 2; 10/12
MAX5138 MAXIM-MAX5138 Datasheet
360Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 1; 4/09
MAX541 MAXIM-MAX541 Datasheet
239Kb / 12P
   5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
MAX1806 MAXIM-MAX1806 Datasheet
263Kb / 10P
   500mA, Low-Voltage Linear Regulator in UMAX
Rev 0; 4/01
MAX5541 MAXIM-MAX5541 Datasheet
221Kb / 8P
   Low-Cost, 5V, Serial-Input, Voltage-Output, 16-Bit DAC
Rev 0; 12/99
logo
Analog Devices
AD5370 AD-AD5370 Datasheet
292Kb / 24P
   40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
Rev. PrF
logo
Maxim Integrated Produc...
MAX5441 MAXIM-MAX5441_08 Datasheet
223Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 10/07
MAX5441 MAXIM-MAX5441_09 Datasheet
249Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 3; 1/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com