Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5205BEUB Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5205BEUB
Description  Low-Cost, Voltage-Output, 16-Bit DACs in UMAX
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5205BEUB Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5205BEUB Datasheet HTML 1Page - Maxim Integrated Products MAX5205BEUB Datasheet HTML 2Page - Maxim Integrated Products MAX5205BEUB Datasheet HTML 3Page - Maxim Integrated Products MAX5205BEUB Datasheet HTML 4Page - Maxim Integrated Products MAX5205BEUB Datasheet HTML 5Page - Maxim Integrated Products MAX5205BEUB Datasheet HTML 6Page - Maxim Integrated Products MAX5205BEUB Datasheet HTML 7Page - Maxim Integrated Products MAX5205BEUB Datasheet HTML 8Page - Maxim Integrated Products MAX5205BEUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Low-Cost, Voltage-Output, 16-Bit DACs in µMAX
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—MAX5204/MAX5205 (continued)
(VDD = +4.75V to +5.25V, fSCLK = 10MHz (50% duty cycle), VREF = 4.096V, output load = 10k
Ω in parallel with 250pF, TA = TMIN to
TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
REFERENCE INPUT
VREF Input Range
4.0
VDD
V
VREF Input Current
40
µA
VREF Input Resistance
100
k
Input Capacitance
18
pF
DIGITAL INPUTS (DIN, SCLK,
CS, CLR, LDAC)
Input High Voltage
VIH
2.4
V
Input Low Voltage
VIL
0.8
V
Input Hysteresis
VHYST
200
mV
Input Leakage
IIN
Digital inputs = 0 or VDD
±1
µA
Input Capacitance
CIN
15
pF
POWER REQUIREMENTS
Positive Power Supply
VDD
4.75
5.25
V
Positive Supply Current
IDD
All digital inputs at 0 or VDD (Note 5)
0.8
1.5
mA
Shutdown Supply Current
ISHDN
All digital inputs at 0 or VDD
110
µA
TIMING CHARACTERISTICS
SCLK Frequency
fSCLK
10
MHz
SCLK Clock Period
tCP
100
ns
SCLK Pulse Width High
tCH
40
ns
SCLK Pulse Width Low
tCL
40
ns
DIN Setup Time
tDS
40
ns
DIN Hold Time
tDH
0ns
CS Fall to SCLK Rise Setup Time
tCSS
40
ns
SCLK Rise to CS Rise Hold Time
tCSH
0ns
SCLK Rise to CS Fall Ignore
tCS0
10
ns
CS Rise to SCLK Rise Ignore
tCS1
40
ns
LDAC Pulse Width
tLDAC
40
ns
CS Rise to LDAC Low Setup
tLDACS
40
ns
SCLK Fall to CS Fall Ignore
tCSOL
10
ns
CS Pulse Width Low for Shutdown
tCSWL
40
ns
CS Pulse Width High
tCSWH
100
ns


Similar Part No. - MAX5205BEUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX520 MAXIM-MAX520 Datasheet
274Kb / 20P
   Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 3; 9/96
MAX520-MAX521 MAXIM-MAX520-MAX521 Datasheet
274Kb / 20P
   Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 3; 9/96
MAX5200 MAXIM-MAX5200 Datasheet
288Kb / 13P
   Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in μMAX
Rev 2; 10/04
MAX5200ACUB MAXIM-MAX5200ACUB Datasheet
288Kb / 13P
   Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in μMAX
Rev 2; 10/04
MAX5200AEUB MAXIM-MAX5200AEUB Datasheet
288Kb / 13P
   Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in μMAX
Rev 2; 10/04
More results

Similar Description - MAX5205BEUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5200 MAXIM-MAX5200 Datasheet
288Kb / 13P
   Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in μMAX
Rev 2; 10/04
MAX512 MAXIM-MAX512 Datasheet
179Kb / 16P
   Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface
Rev 2; 5/96
MAX5138 MAXIM-MAX5138_12 Datasheet
483Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 2; 10/12
MAX5138 MAXIM-MAX5138 Datasheet
360Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 1; 4/09
MAX541 MAXIM-MAX541 Datasheet
239Kb / 12P
   5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
MAX1806 MAXIM-MAX1806 Datasheet
263Kb / 10P
   500mA, Low-Voltage Linear Regulator in UMAX
Rev 0; 4/01
MAX5541 MAXIM-MAX5541 Datasheet
221Kb / 8P
   Low-Cost, 5V, Serial-Input, Voltage-Output, 16-Bit DAC
Rev 0; 12/99
logo
Analog Devices
AD5370 AD-AD5370 Datasheet
292Kb / 24P
   40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
Rev. PrF
logo
Maxim Integrated Produc...
MAX5441 MAXIM-MAX5441_08 Datasheet
223Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 10/07
MAX5441 MAXIM-MAX5441_09 Datasheet
249Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 3; 1/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com