Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MAX5204 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX5204
Description  Low-Cost, Voltage-Output, 16-Bit DACs in UMAX
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 4 page
background image
Low-Cost, Voltage-Output, 16-Bit DACs in µMAX
4
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC PERFORMANCE (Note 1)
Resolution
N
16
Bits
MAX520_AEUB
±10
±20
MAX520_ACUB
±10
±20
Integral Nonlinearity (Note 2)
INL
MAX520_BEUB
±20
±40
LSB
MAX520_A_UB (Note 3)
±1
MAX520_BEUB (0°C to +105°C) (Note 3)
±1
Differential Nonlinearity (Note 2)
DNL
MAX520_BEUB (-40°C to 0°C)
±2
LSB
Offset Error
Inferred from measurement at 3800 hex and
FFFF hex
±3
±25
mV
Gain Error
GE
Within DAC output range (Note 4)
±0.01
±1.0
%FSR
Offset Temperature Coefficient
1.5
µV/°C
Gain Temperature Coefficient
3
ppm of
FSR/°C
Power-Supply Rejection
PSR
VDD = 3V ±10%, midscale input
±0.06
±0.5
mV/V
DYNAMIC PERFORMANCE
DAC Output Range
(Note 2)
0 to
VDD
V
Voltage-Output Slew Rate
SR
0.6
V/µs
Output Settling Time
To ±1LSB of FS,
VSTEP = 0.25 VREF to 0.75 VREF
25
µs
Output Noise
Code = 8400 hex, 10kHz
120
nV/
√Hz
DAC Glitch Impulse
Major carry transition (code 7FFF hex to
code 8000 hex)
10
nV
⋅s
Digital Feedthrough
Code = 0000 hex; CS = VDD;
LDAC = 0; SCLK, DIN = 0 or VDD
10
nV
⋅s
Wake-Up Time
From software shutdown to 90% of output
code = FFFF hex
50
µs
Power-Up Time
From power boosting to 90% of output
code = FFFF hex
10
ms
REFERENCE INPUT
VREF Input Range
2.0
VDD
V
VREF Input Current
20
µA
VREF Input Resistance
100
k
Input Capacitance
18
pF
ELECTRICAL CHARACTERISTICS—MAX5206/MAX5207
(VDD = +2.7V to +3.6V, fSCLK = 10MHz (50% duty cycle), VREF = 2.048V, output load = 10k
Ω in parallel with 250pF, TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX5200Low-Cost Voltage-Output 16-Bit DACs with Internal Reference in μMAX 1 2 3 4 5 MoreMaxim Integrated Products
MAX541+5V Serial-Input Voltage-Output 16-Bit DACs 1 2 3 4 5 MoreMaxim Integrated Products
MAX565016-Bit Parallel-Input Voltage-Output DACs with Internal Reference 1 2 3 4 5 MoreMaxim Integrated Products
MAX5441+3V/+5V Serial-Input Voltage-Output 16-Bit DACs 1 2 3 4 5 MoreMaxim Integrated Products
MAX5541Low-Cost +5V Serial-Input Voltage-Output 16-Bit DAC 1 2 3 4 5 MoreMaxim Integrated Products
AD55415 V Serial-Input Voltage-Output 16-Bit DACs 1 2 3 4 5 MoreAnalog Devices
MAX573232-Channel 16-Bit Voltage-Output DACs with Serial Interface 1 2 3 4 5 MoreMaxim Integrated Products
MAX512Low-Cost Triple 8-Bit Voltage-Output DACs with Serial Interface 1 2 3 4 5 MoreMaxim Integrated Products
MAX5156Low-Power Dual 12-Bit Voltage-Output DACs with Configurable Outputs 1 2 3 4 5 MoreMaxim Integrated Products
MAX5533Dual Ultra-Low-Power 12-Bit Voltage-Output DACs 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl