Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V02L25JI Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT72V02L25JI
Description  3.3 VOLT CMOS ASYNCHRONOUS FIFO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V02L25JI Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT72V02L25JI Datasheet HTML 4Page - Integrated Device Technology IDT72V02L25JI Datasheet HTML 5Page - Integrated Device Technology IDT72V02L25JI Datasheet HTML 6Page - Integrated Device Technology IDT72V02L25JI Datasheet HTML 7Page - Integrated Device Technology IDT72V02L25JI Datasheet HTML 8Page - Integrated Device Technology IDT72V02L25JI Datasheet HTML 9Page - Integrated Device Technology IDT72V02L25JI Datasheet HTML 10Page - Integrated Device Technology IDT72V02L25JI Datasheet HTML 11Page - Integrated Device Technology IDT72V02L25JI Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72V01/72V02/72V03/72V04/72V05/72V06 3.3V ASYNCHRONOUS FIFO
512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9, 8,192 x 9 and 16,384 x 9
OPERATING MODES:
Caremustbetakentoassurethattheappropriateflagismonitoredbyeach
system (i.e.
FF is monitored on the device where Wis used; EFis monitored
on the device where
Ris used). For additional information, refer to Tech Note
8: Operating FIFOs on Full and Empty Boundary Conditions and Tech Note
6: Designing with FIFOs.
SINGLE DEVICE MODE
A single IDT72V01/72V02/72V03/72V04/72V05/72V06 may be used
when the application requirements are for 512/1,024/2,048/4,096/8,192/
16,384wordsorless.ThesedevicesareinaSingleDeviceConfigurationwhen
the Expansion In (
XI) control input is grounded (see Figure 12).
TheseFIFOscaneasilybeadaptedtoapplicationswhentherequirements
are for greater than 512/1,024/2,048/4,096/8,192/16,384 words. Figure 14
demonstratesDepthExpansionusingthreeIDT72V01/72V02/72V03/72V04/
72V05/72V06s. Any depth can be attained by adding additional IDT72V01/
72V02/72V03/72V04/72V05/72V06s. These devices operate in the Depth
Expansion mode when the following conditions are met:
1. ThefirstdevicemustbedesignatedbygroundingtheFirstLoad(
FL)control
input.
2. All other devices must have
FLin the HIGH state.
3. The Expansion Out (
XO)pinofeachdevicemustbetiedtotheExpansion
In (
XI ) pin of the next device. See Figure 14.
4. External logic is needed to generate a composite Full Flag (
FF)andEmpty
Flag (
EF). This requires the ORing of all EFs and ORing of all FFs (i.e.
all must be set to generate the correct composite
FForEF). SeeFigure14.
5. The Retransmit (
RT) function and Half-Full Flag ( HF) are not available
in the Depth Expansion Mode.
For additional information, refer to Tech Note 9: Cascading FIFOs or FIFO
Modules.
USAGE MODES:
WIDTH EXPANSION
Wordwidthmaybeincreasedsimplybyconnectingthecorrespondinginput
controlsignalsofmultipledevices. Statusflags(
EF,FFandHF)canbedetected
from any one device. Figure 13 demonstrates an 18-bit word width by using
two IDT72V01/72V02/72V03/72V04/72V05/72V06s. Any word width can be
attainedbyaddingadditionalIDT72V01/72V02/72V03/72V04/72V05/72V06s
(Figure 13).
BIDIRECTIONAL OPERATION
Applications which require data buffering between two systems (each
system capable of Read and Write operations) can be achieved by pairing
IDT72V01/72V02/72V03/72V04/72V05/72V06s as shown in Figure 16. Both
Depth Expansion and Width Expansion may be used in this mode.
DATA FLOW-THROUGH
Two types of flow-through modes are permitted, a read flow-through and
writeflow-throughmode. Forthereadflow-throughmode(Figure17),theFIFO
permits a reading of a single word after writing one word of data into an empty
FIFO. The data is enabled on the bus in (tWEF + tA) ns after the rising edge of
W,calledthefirstwriteedge,anditremainsonthebusuntilthe Rlineisraised
from LOW-to-HIGH, after which the bus would go into a three-state mode after
tRHZ ns. The
EFline would have a pulse showing temporary deassertion and
then would be asserted.
In the write flow-through mode (Figure 18), the FIFO permits the writing of
asinglewordofdataimmediatelyafterreadingonewordofdatafromafullFIFO.
The
Rline causes the FFto be deasserted but the Wline being LOW causes
it to be asserted again in anticipation of a new data word. On the rising edge
of
W,thenewwordisloadedintheFIFO.TheWlinemustbetoggledwhenFF
is not asserted to write new data in the FIFO and to increment the write pointer.


Similar Part No. - IDT72V02L25JI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V02L25J IDT-IDT72V02L25J Datasheet
133Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
More results

Similar Description - IDT72V02L25JI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V01 IDT-IDT72V01_12 Datasheet
301Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V01 RENESAS-IDT72V01 Datasheet
288Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_17 Datasheet
100Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V81 RENESAS-IDT72V81 Datasheet
274Kb / 13P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_12 Datasheet
290Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81_06 Datasheet
140Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA IDT-IDT72V261LA_14 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com