Part Name
         Description
NTE2959

 MOSFET N-Channel, Enhancement Mode High Speed Switch ( 2 Page)


NTE
100% 
Zoom Out Zoom In
   
 1 page
background image
NTE2959
MOSFET
N–Channel, Enhancement Mode
High Speed Switch
Applications:
D SMPS
D DC–DC Converter
D Battery Charger
D Power Supply of Printer
D Copier
D HDD, FDD, TV, VCR
D Personal Computer
Absolute Maximum Ratings: (TC = +25°C unless otherwise specified)
Drain–Source Voltage (VGS = 0V), VDSS
900V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Gate–Source Voltage (VDS = 0V), VGS
±30V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Drain Current, ID
Continuous
5A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pulsed
15A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Power Dissipation, PD
30W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Channel Temperature Range, Tch
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Channel–to–Case, Rth(ch–c)
4.17
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Isolation Voltage, VISO
2000V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (Tch = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain–Source Breakdown Voltage
V(BR)DSS VDS = 0V, ID = 1mA
900
V
Gate–Source Breakdown Voltage
V(BR)GSS VDS = 0V, IG = ±100µA
±30
V
Gate–Source Leakage
IGSS
VGS = ±25V, VDS = 0V
±10
µA
Zero Gate Voltage Drain Current
IDSS
VDS = 900V, VGS = 0
1.0
mA
Gate Threshold Voltage
VGS(th)
VDS = 10V, ID = 1mA
2.0
3.0
4.0
V
Static Drain–Source ON Resistance
RDS(on)
VGS = 10V, ID = 2A
2.15
2.80
Drain–Source On–State Voltage
VDS(on)
VGS = 10V, ID = 2A
4.3
5.6
V
Forward Transfer Admittance
|yfs|
VGS = 10V, ID = 2A
3.0
5.0
S



Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE2393MOSFET N-Channel Enhancement Mode High Speed Switch 1 2 3 NTE Electronics
NTE2933MOSFET N-Channel Enhancement Mode High Speed Switch 1 2 3 NTE Electronics
NTE2960MOSFET N-Channel Enhancement Mode High Speed Switch 1 2 NTE Electronics
NTE2986Logic Level MOSFET N-Channel Enhancement Mode High Speed Switch 1 2 3 NTE Electronics
NTE2934MOSFET N-Channel Enhancement Mode High Speed Switch 1 2 3 NTE Electronics
NTE2966MOSFET N-Channel Enhancement Mode High Speed Switch 1 2 NTE Electronics
NTE2987Logic Level MOSFET N-Channel Enhancement Mode High Speed Switch 1 2 3 NTE Electronics
NTE2935MOSFET N-Channel Enhancement Mode High Speed Switch 1 2 3 NTE Electronics
NTE2967MOSFET N-Channel Enhancement Mode High Speed Switch 1 2 NTE Electronics

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl