Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74HC573 Datasheet(PDF) 4 Page - Integral Corp.

Part # IN74HC573
Description  Octal 3-State Noninverting Transparent Latch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74HC573 Datasheet(HTML) 4 Page - Integral Corp.

  IN74HC573 Datasheet HTML 1Page - Integral Corp. IN74HC573 Datasheet HTML 2Page - Integral Corp. IN74HC573 Datasheet HTML 3Page - Integral Corp. IN74HC573 Datasheet HTML 4Page - Integral Corp. IN74HC573 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IN74HC573A
406
AC ELECTRICAL CHARACTERISTICS(C
L=50pF,Input tr=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C
to
-55
°C
≤85°C
≤125°C
Unit
tPLH, tPHL
Maximum Propagation Delay, Input D to Q
(Figures 1 and 5)
2.0
4.5
6.0
150
30
26
190
38
33
225
45
38
ns
tPLH, tPHL
Maximum Propagation Delay,Latch Enable
to Q (Figures 2 and 5)
2.0
4.5
6.0
160
32
27
200
40
34
240
48
41
ns
tPLZ, tPHZ
Maximum Propagation Delay, Output Enable to Q
(Figures 3 and 6)
2.0
4.5
6.0
150
30
26
190
38
33
225
45
38
ns
tPZH, tPZL
Maximum Propagation Delay, Output Enable to Q
(Figures 3 and 6)
2.0
4.5
6.0
150
30
26
190
38
33
225
45
38
ns
tTLH, tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 5)
2.0
4.5
6.0
60
12
10
75
15
13
90
18
15
ns
CIN
Maximum Input Capacitance
-
10
10
10
pF
COUT
Maximum Three-State Output Capacitance
(Output in High-Impedance State)
-
151515
pF
Power Dissipation Capacitance (Per Enabled
Output)
Typical @25
°C,V
CC=5.0 V
CPD
Used to determine the no-load dynamic power
consumption: PD=CPDVCC
2f+I
CCVCC
23
pF
TIMING REQUIREMENTS (C
L=50pF,Input tr=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C to
-55
°C
≤85°C
≤125°C
Unit
tSU
Minimum Setup Time, Input D
to Latch Enable
(Figure 4)
2.0
4.5
6.0
50
10
9
65
13
11
75
15
13
ns
th
Minimum Hold Time, Latch
Enable to Input D
(Figure 4)
2.0
4.5
6.0
5
5
5
5
5
5
5
5
5
ns
tw
Minimum Pulse Width, Latch
Enable (Figure 2)
2.0
4.5
6.0
75
15
13
95
19
16
110
22
19
ns
tr, tf
Maximum Input Rise and Fall
Times (Figure 1)
2.0
4.5
6.0
1000
500
400
1000
500
400
1000
500
400
ns


Similar Part No. - IN74HC573

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HC573A IKSEMICON-IN74HC573A Datasheet
266Kb / 6P
   Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
IN74HC573ADW IKSEMICON-IN74HC573ADW Datasheet
266Kb / 6P
   Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
IN74HC573AN IKSEMICON-IN74HC573AN Datasheet
266Kb / 6P
   Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
More results

Similar Description - IN74HC573

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74AC573 INTEGRAL-IN74AC573 Datasheet
218Kb / 5P
   Octal 3-State Noninverting Transparent Latch
logo
KODENSHI_AUK CORP.
KK74HCT373A KODENSHI-KK74HCT373A Datasheet
255Kb / 6P
   Octal 3-State Noninverting Transparent Latch
logo
IK Semicon Co., Ltd
IN74HCT373A IKSEMICON-IN74HCT373A Datasheet
243Kb / 6P
   Octal 3-State Noninverting Transparent Latch
logo
Integral Corp.
IN74ACT373 INTEGRAL-IN74ACT373 Datasheet
230Kb / 5P
   OCTAL 3-STATE NONINVERTING TRANSPARENT LATCH
logo
Motorola, Inc
MC54HC573A MOTOROLA-MC54HC573A Datasheet
235Kb / 7P
   Octal 3-State Noninverting Transparent Latch
logo
System Logic Semiconduc...
SL74HC373 SLS-SL74HC373 Datasheet
53Kb / 5P
   Octal 3-State Noninverting Transparent Latch
logo
ON Semiconductor
MC74HC573A ONSEMI-MC74HC573A Datasheet
199Kb / 8P
   Octal 3-State Noninverting Transparent Latch
May, 2000 ??Rev. 9
MC74HC573A ONSEMI-MC74HC573A_14 Datasheet
121Kb / 7P
   Octal 3-State Noninverting Transparent Latch
August, 2014 ??Rev. 16
logo
Integral Corp.
IN74ACT573 INTEGRAL-IN74ACT573 Datasheet
233Kb / 5P
   OCTAL 3-STATE NONINVERTING TRANSPARENT LATCH
logo
KODENSHI_AUK CORP.
KK74HC573A KODENSHI-KK74HC573A Datasheet
274Kb / 6P
   Octal 3-State Noninverting Transparent Latch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com