Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA17432HUP Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HA17432HUP
Description  Shunt Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA17432HUP Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HA17432HUP Datasheet HTML 3Page - Hitachi Semiconductor HA17432HUP Datasheet HTML 4Page - Hitachi Semiconductor HA17432HUP Datasheet HTML 5Page - Hitachi Semiconductor HA17432HUP Datasheet HTML 6Page - Hitachi Semiconductor HA17432HUP Datasheet HTML 7Page - Hitachi Semiconductor HA17432HUP Datasheet HTML 8Page - Hitachi Semiconductor HA17432HUP Datasheet HTML 9Page - Hitachi Semiconductor HA17432HUP Datasheet HTML 10Page - Hitachi Semiconductor HA17432HUP Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
HA17431H Series
Rev.0, Sep. 2001, page 7 of 15
Application Hints (cont.)
No.
Application Example
Description
3
Single power supply inverting
comparator circuit
K
Vout
GND
Vin
GND
A
REF
VCC
RL
Rin
This is an inverting type comparator with an input
threshold voltage of approximately 2.5 V. Rin is the
REF pin protection resistance, with a value of several
k
Ω to several tens of kΩ.
R
L is the load resistance, selected so that the cathode
current I
K ≥ 0.2 mA when Vout is low.
Condition
C1
C2
Vin
Less then 2.5 V
2.5 V or more
Vout
VCC (VOH)
Approx. 2 V (VOL)
IC
OFF
ON
4
AC amplifier circuit
GND
K
Vout
Vin
REF
A
VCC
RL
R1
R2
R3
Cin
Cf
Gain G =
(DC gain)
R1
R2 // R3
Cutoff frequency fc =
1
2
π Cf (R
1 // R2 // R3)
This is an AC amplifier with voltage gain G = –R
1 /
(R
2//R3).
The input is cut by capacitance Cin, so that
the REF pin is driven by the AC input signal, centered
on 2.5 V
DC.
R
2 also functions as a resistance that determines the
DC cathode potential when there is no input, but if the
input level is low and there is no risk of Vout clipping to
V
CC, this can be omitted.
To change the frequency characteristic, Cf should be
connected as indicated by the dotted line.
5
Switching power supply error
amplification circuit
+
V
+
V
R1
R2
R3
R4
LED
Cf
Secondary
side GND
(Note)
Note: LED
R3
R4
: Light emitting diode in photocoupler
: Bypass resistor to feed IK(>Imin)
when LED current vanishes
: LED protection resistance
This circuit performs control on the secondary side of a
transformer, and is often used with a switching power
supply that employs a photocoupler for offlining.
The output voltage (between V+ and V–) is given by the
following formula:
Vout
≅ 2.5 V ×
(R1 + R2)
R2
In this circuit, the gain with respect to the Vout error is
as follows:
G =
×
R2
(R1 + R2)
HA17431H open
loop gain
× photocoupler
total gain
As stated earlier, the HA17431H open-loop gain is 50
to 60 dB.


Similar Part No. - HA17432HUP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17432HUP RENESAS-HA17432HUP Datasheet
96Kb / 7P
   Shunt Regulator
More results

Similar Description - HA17432HUP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17431H RENESAS-HA17431H Datasheet
96Kb / 7P
   Shunt Regulator
HA17431H RENESAS-HA17431H_15 Datasheet
186Kb / 8P
   Shunt Regulator
logo
TAITRON Components Inco...
LM431 TAITRON-LM431 Datasheet
768Kb / 14P
   Shunt Regulator
logo
Renesas Technology Corp
HA17L431 RENESAS-HA17L431 Datasheet
130Kb / 10P
   Shunt Regulator
HA17431 RENESAS-HA17431_15 Datasheet
323Kb / 21P
   Shunt Regulator
HA17431VPJ RENESAS-HA17431VPJ Datasheet
326Kb / 18P
   Shunt Regulator
logo
List of Unclassifed Man...
LM431L ETC2-LM431L Datasheet
754Kb / 13P
   Shunt Regulator
logo
Renesas Technology Corp
HA17L431HA17L431A RENESAS-HA17L431HA17L431A_15 Datasheet
217Kb / 11P
   Shunt Regulator
logo
TAITRON Components Inco...
LM431L TAITRON-LM431L Datasheet
754Kb / 13P
   Shunt Regulator
logo
Sirectifier Global Corp...
TL431 SIRECT-TL431 Datasheet
677Kb / 4P
   Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com