Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA17431HLP Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # HA17431HLP
Description  Shunt Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA17431HLP Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button HA17431HLP Datasheet HTML 5Page - Hitachi Semiconductor HA17431HLP Datasheet HTML 6Page - Hitachi Semiconductor HA17431HLP Datasheet HTML 7Page - Hitachi Semiconductor HA17431HLP Datasheet HTML 8Page - Hitachi Semiconductor HA17431HLP Datasheet HTML 9Page - Hitachi Semiconductor HA17431HLP Datasheet HTML 10Page - Hitachi Semiconductor HA17431HLP Datasheet HTML 11Page - Hitachi Semiconductor HA17431HLP Datasheet HTML 12Page - Hitachi Semiconductor HA17431HLP Datasheet HTML 13Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
HA17431H Series
Rev.0, Sep. 2001, page 9 of 15
Design Guide for AC-DC SMPS (Switching Mode Power Supply)
Use of Shunt Regulator in Transformer Secondary Side Control
This example is applicable to both forward transformers and flyback transformers. A shunt regulator is
used on the secondary side as an error amplifier, and feedback to the primary side is provided via a
photocoupler.
R1
R2
R3
R4
Transformer
Photocoupler
Light
emitting diode
Phototransistor
Output
C1
R5
REF
GND
A
K
VK
IB
IF
HA17431H
VF
SBD
PWM IC
HA17384
HA17385
Vref
V0
(+)
(–)
Figure 2 Typical Shunt Regulator/Error Amplifier
Determination of External Constants for the Shunt Regulator
DC characteristic determination:
In figure 2, R
1 and R2 are protection resistor for the light emitting diode
in the photocoupler, and R
2 is a bypass resistor to feed IK minimum, and these are determined as shown
below. The photocoupler specification should be obtained separately from the manufacturer. Using the
parameters in figure 2, the following formulas are obtained:
R1 =
V0 – VF – VK
IF + IB
, R2 =
VF
IB
V
K is the HA17431H operating voltage, and is set at around 3 V, taking into account a margin for
fluctuation. R
2 is the current shunt resistance for the light emitting diode, in which a bias current IB of
around 1/5 I
F flows.
Next, the output voltage can be determined by R3 and R4, and the following formula is obtained:
V0 =
R3 + R4
R4
× Vref, Vref = 2.5 V Typ
The absolute values of R
3 and R4 are determined by the HA17431H reference input current Iref and the AC
characteristics described in the next section. The Iref value is around 0.6
µA Typ.


Similar Part No. - HA17431HLP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17431HLP RENESAS-HA17431HLP Datasheet
96Kb / 7P
   Shunt Regulator
More results

Similar Description - HA17431HLP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17431H RENESAS-HA17431H Datasheet
96Kb / 7P
   Shunt Regulator
HA17431H RENESAS-HA17431H_15 Datasheet
186Kb / 8P
   Shunt Regulator
logo
TAITRON Components Inco...
LM431 TAITRON-LM431 Datasheet
768Kb / 14P
   Shunt Regulator
logo
Renesas Technology Corp
HA17L431 RENESAS-HA17L431 Datasheet
130Kb / 10P
   Shunt Regulator
HA17431 RENESAS-HA17431_15 Datasheet
323Kb / 21P
   Shunt Regulator
HA17431VPJ RENESAS-HA17431VPJ Datasheet
326Kb / 18P
   Shunt Regulator
logo
List of Unclassifed Man...
LM431L ETC2-LM431L Datasheet
754Kb / 13P
   Shunt Regulator
logo
Renesas Technology Corp
HA17L431HA17L431A RENESAS-HA17L431HA17L431A_15 Datasheet
217Kb / 11P
   Shunt Regulator
logo
TAITRON Components Inco...
LM431L TAITRON-LM431L Datasheet
754Kb / 13P
   Shunt Regulator
logo
Sirectifier Global Corp...
TL431 SIRECT-TL431 Datasheet
677Kb / 4P
   Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com