Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCP010505DBP Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DCP010505DBP
Description  Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DCP010505DBP Datasheet(HTML) 4 Page - Burr-Brown (TI)

  DCP010505DBP Datasheet HTML 1Page - Burr-Brown (TI) DCP010505DBP Datasheet HTML 2Page - Burr-Brown (TI) DCP010505DBP Datasheet HTML 3Page - Burr-Brown (TI) DCP010505DBP Datasheet HTML 4Page - Burr-Brown (TI) DCP010505DBP Datasheet HTML 5Page - Burr-Brown (TI) DCP010505DBP Datasheet HTML 6Page - Burr-Brown (TI) DCP010505DBP Datasheet HTML 7Page - Burr-Brown (TI) DCP010505DBP Datasheet HTML 8Page - Burr-Brown (TI) DCP010505DBP Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DCP01B SERIES
SBVS012B − DECEMBER 2000 − REVISED OCTOBER 2004
www.ti.com
4
PIN ASSIGNMENTS (Single Voltage Version)
NVA and DUA
PACKAGES
(TOP VIEW)
DCP01B
1
2
5
6
7
14
8
V
S
0V
0V
+V
OUT
NC
SYNC
IN
SYNC
OUT
Terminal Functions (Single Voltage)
TERMINAL
NAME
NO.
I/O
DESCRIPTION
VS
1
I
Voltage input
0V
2
I
Input side common
0V
5
O
Output side common
+VOUT
6
O
+Voltage out
NC
7
Not connected
SYNCOUT
8
O
Unrectified transformer output
SYNCIN
14
I
Synchronization pin
NOTE: I = input and O = output.
PIN ASSIGNMENTS (Dual Voltage Version)
NVA and DUA
PACKAGES
(TOP VIEW)
DCP01DB
1
2
5
6
7
14
8
V
S
0V
0V
+V
OUT
−V
OUT
SYNC
IN
SYNC
OUT
Terminal Functions (Dual Voltage)
TERMINAL
NAME
NO.
I/O
DESCRIPTION
VS
1
I
Voltage input
0V
2
I
Input side common
0V
5
O
Output side common
+VOUT
6
O
+Voltage out
−VOUT
7
O
−Voltage out
SYNCOUT
8
O
Unrectified transformer output
SYNCIN
14
I
Synchronization pin
NOTE: I = input and O = output.


Similar Part No. - DCP010505DBP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP010505DBP BURR-BROWN-DCP010505DBP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505DBP BURR-BROWN-DCP010505DBP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP010505DBP TI-DCP010505DBP Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505DBP TI1-DCP010505DBP Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505DBP TI1-DCP010505DBP Datasheet
1Mb / 30P
[Old version datasheet]   Unregulated DC/DC Converter Modules
More results

Similar Description - DCP010505DBP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCH01 TI-DCH01 Datasheet
379Kb / 12P
[Old version datasheet]   MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCV01 BURR-BROWN-DCV01 Datasheet
122Kb / 8P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCV010505P BURR-BROWN-DCV010505P Datasheet
151Kb / 11P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCP0124 BURR-BROWN-DCP0124 Datasheet
169Kb / 9P
   Miniature 24V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0115 BURR-BROWN-DCP0115 Datasheet
173Kb / 10P
   Miniature 15V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0105 BURR-BROWN-DCP0105 Datasheet
199Kb / 17P
   Miniature 5V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com