Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5226IRZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL5226IRZ
Description  10- and 12-Channel TFT-LCD Reference Voltage Generators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5226IRZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL5226IRZ Datasheet HTML 4Page - Intersil Corporation EL5226IRZ Datasheet HTML 5Page - Intersil Corporation EL5226IRZ Datasheet HTML 6Page - Intersil Corporation EL5226IRZ Datasheet HTML 7Page - Intersil Corporation EL5226IRZ Datasheet HTML 8Page - Intersil Corporation EL5226IRZ Datasheet HTML 9Page - Intersil Corporation EL5226IRZ Datasheet HTML 10Page - Intersil Corporation EL5226IRZ Datasheet HTML 11Page - Intersil Corporation EL5226IRZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Block Diagram
CHANNEL OUTPUTS
Each of the channel outputs has a rail-to-rail buffer. This
enables all channels to have the capability to drive to within
50mV of the power rails, (see Electrical Characteristics for
details).
When driving large capacitive loads, a series resistor should
be placed in series with the output. (Usually between 5
Ω and
50
Ω).
Each of the channels is updated on a continuous cycle, the
time for the new data to appear at a specific output will
depend on the exact timing relationship of the incoming data
to this cycle.
The best-case scenario is when the data has just been
captured and then passed on to the output stage
immediately; this can be as short as 48µs. In the worst-case
scenario this will be 480µs for EL5226 and 576µs for
EL5236, when the data has just missed the cycle.
When a large change in output voltage is required, the
change will occur in 2V steps, thus the requisite number of
timing cycles will be added to the overall update time. This
means that a large change of 16V can take between 4.8ms
and 5.3ms for EL5226 and between 6.9ms to 7.48ms for
EL5236 depending on the absolute timing relative to the
update cycle.
POWER DISSIPATION
With the 30mA maximum continues output drive capability
for each channel, it is possible to exceed the 125°C absolute
maximum junction temperature. Therefore, it is important to
calculate the maximum junction temperature for the
application to determine if load conditions need to be
modified for the part to remain in the safe operation.
The maximum power dissipation allowed in a package is
determined according to:
where:
•TJMAX = Maximum junction temperature
•TAMAX = Maximum ambient temperature
θJA = Thermal resistance of the package
•PDMAX = Maximum power dissipation in the package
VOLTAGE
SOURCES
EIGHT
CHANNEL
MEMORY
CONTROL IF
I2C DATA IN
I2C CLOCK IN
OSCILLATOR
INPUT/OUTPUT
REFERENCE DECOUPLE
REFERENCE LOW
OUTL
OUTK
OUTJ
OUTB
OUTA
REFERENCE HIGH
OSCILLATOR
SELECT
FILTER
STD/REG
A0
PDMAX
TJMAX - TAMAX
Θ
JA
---------------------------------------------
=
EL5226, EL5326


Similar Part No. - EL5226IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5226IRZ RENESAS-EL5226IRZ Datasheet
673Kb / 12P
   10- and 12-Channel TFT-LCD Reference Voltage Generators
EL5226IRZ-T13 RENESAS-EL5226IRZ-T13 Datasheet
673Kb / 12P
   10- and 12-Channel TFT-LCD Reference Voltage Generators
EL5226IRZ-T7 RENESAS-EL5226IRZ-T7 Datasheet
673Kb / 12P
   10- and 12-Channel TFT-LCD Reference Voltage Generators
More results

Similar Description - EL5226IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5226 RENESAS-EL5226 Datasheet
673Kb / 12P
   10- and 12-Channel TFT-LCD Reference Voltage Generators
logo
Intersil Corporation
EL5325 INTERSIL-EL5325 Datasheet
775Kb / 11P
   12-Channel TFT-LCD Reference Voltage Generator
EL5225 INTERSIL-EL5225 Datasheet
859Kb / 12P
   10-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5225 RENESAS-EL5225 Datasheet
1Mb / 12P
   10-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5325A INTERSIL-EL5325A Datasheet
797Kb / 11P
   12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
EL5325A INTERSIL-EL5325A_06 Datasheet
851Kb / 12P
   12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
logo
Renesas Technology Corp
EL5325A RENESAS-EL5325A Datasheet
1Mb / 12P
   12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
EL5525 RENESAS-EL5525 Datasheet
734Kb / 10P
   18-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5825 INTERSIL-EL5825 Datasheet
638Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5126 RENESAS-EL5126 Datasheet
697Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com