Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5326IR-T7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5326IR-T7
Description  10- and 12-Channel TFT-LCD Reference Voltage Generators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5326IR-T7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL5326IR-T7 Datasheet HTML 2Page - Intersil Corporation EL5326IR-T7 Datasheet HTML 3Page - Intersil Corporation EL5326IR-T7 Datasheet HTML 4Page - Intersil Corporation EL5326IR-T7 Datasheet HTML 5Page - Intersil Corporation EL5326IR-T7 Datasheet HTML 6Page - Intersil Corporation EL5326IR-T7 Datasheet HTML 7Page - Intersil Corporation EL5326IR-T7 Datasheet HTML 8Page - Intersil Corporation EL5326IR-T7 Datasheet HTML 9Page - Intersil Corporation EL5326IR-T7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FIGURE 7. SMALL SIGNAL RESPONSE (RISING FROM 0V
TO 200mV)
FIGURE 8. SMALL SIGNAL RESPONSE (FALLING FROM
200mV TO 0V)
FIGURE 9. POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 10. POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
SDA
OUTPUT
SCLK
M=400µs/DIV
5V
0V
0V
5V
0V
200mV
SDA
OUTPUT
SCLK
M=400µs/DIV
JEDEC JESD51-3 LOW EFFECTIVE THERMAL CON-
DUCTIVITY TEST BOARD
0.9
0.8
0.6
0.4
0.3
0.2
0.1
0
0
25
50
75
100
125
AMBIENT TEMPERATURE (°C)
85
0.7
0.5
833mW
θ
JA =
120
°C
/W
TS
SO
P2
8
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL CON-
DUCTIVITY TEST BOARD
1.4
1.2
1
0.8
0.6
0.4
0.2
0
025
50
75
100
125
AMBIENT TEMPERATURE (°C)
85
θ
JA =
75°
C/W
TS
SO
P2
8
1.333W
EL5226, EL5326


Similar Part No. - EL5326IR-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5326IR-T7 RENESAS-EL5326IR-T7 Datasheet
673Kb / 12P
   10- and 12-Channel TFT-LCD Reference Voltage Generators
More results

Similar Description - EL5326IR-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5226 RENESAS-EL5226 Datasheet
673Kb / 12P
   10- and 12-Channel TFT-LCD Reference Voltage Generators
logo
Intersil Corporation
EL5325 INTERSIL-EL5325 Datasheet
775Kb / 11P
   12-Channel TFT-LCD Reference Voltage Generator
EL5225 INTERSIL-EL5225 Datasheet
859Kb / 12P
   10-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5225 RENESAS-EL5225 Datasheet
1Mb / 12P
   10-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5325A INTERSIL-EL5325A Datasheet
797Kb / 11P
   12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
EL5325A INTERSIL-EL5325A_06 Datasheet
851Kb / 12P
   12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
logo
Renesas Technology Corp
EL5325A RENESAS-EL5325A Datasheet
1Mb / 12P
   12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
EL5525 RENESAS-EL5525 Datasheet
734Kb / 10P
   18-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5825 INTERSIL-EL5825 Datasheet
638Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5126 RENESAS-EL5126 Datasheet
697Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com