Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS87C520-QNL Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS87C520-QNL
Description  EPROM/ROM High-Speed Microcontrollers
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS87C520-QNL Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS87C520-QNL Datasheet HTML 2Page - Dallas Semiconductor DS87C520-QNL Datasheet HTML 3Page - Dallas Semiconductor DS87C520-QNL Datasheet HTML 4Page - Dallas Semiconductor DS87C520-QNL Datasheet HTML 5Page - Dallas Semiconductor DS87C520-QNL Datasheet HTML 6Page - Dallas Semiconductor DS87C520-QNL Datasheet HTML 7Page - Dallas Semiconductor DS87C520-QNL Datasheet HTML 8Page - Dallas Semiconductor DS87C520-QNL Datasheet HTML 9Page - Dallas Semiconductor DS87C520-QNL Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
6 of 44
COMPATIBILITY
The DS87C520/DS83C520 are fully static CMOS 8051-compatible microcontrollers designed for high
performance. In most cases, the DS87C520/DS83C520 can drop into an existing socket for the 8xc51
family to improve the operation significantly. While remaining familiar to 8051 family users, the devices
have many new features. In general, software written for existing 8051-based systems works without
modification on the DS87C520/DS83C520. The exception is critical timing since the high-speed
microcontrollers performs instructions much faster than the original for any given crystal selection. The
DS87C520/DS83C520 run the standard 8051 family instruction set and are pin compatible with DIP,
PLCC, or TQFP packages.
The DS87C520/DS83C520 provide three 16-bit timer/counters, full-duplex serial port (2), 256 bytes of
direct RAM plus 1kB of extra MOVX RAM. I/O ports have the same operation as a standard 8051
product. Timers will default to a 12-clock per cycle operation to keep their timing compatible with
original 8051 family systems. However, timers are individually programmable to run at the new four
clocks per cycle if desired. The PCA is not supported.
The DS87C520/DS83C520 provide several new hardware features implemented by new special function
registers. A summary of these SFRs is provided below.
PERFORMANCE OVERVIEW
The DS87C520/DS83C520 feature a high-speed 8051-compatible core. Higher speed comes not just from
increasing the clock frequency but also from a newer, more efficient design.
This updated core does not have the dummy memory cycles that are present in a standard 8051. A
conventional 8051 generates machine cycles using the clock frequency divided by 12. In the
DS87C520/DS83C520, the same machine cycle takes 4 clocks. Thus the fastest instruction, 1 machine
cycle, executes three times faster for the same crystal frequency. Note that these are identical instructions.
The majority of instructions on the DS87C520/DS83C520 will see the full 3-to-1 speed improvement.
Some instructions will get between 1.5 and 2.4 to 1 improvement. All instructions are faster than the
original 8051.
The numerical average of all opcodes gives approximately a 2.5 to 1 speed improvement. Improvement of
individual programs will depend on the actual instructions used. Speed-sensitive applications would make
the most use of instructions that are three times faster. However, the sheer number of 3 to 1 improved
opcodes makes dramatic speed improvements likely for any code. These architecture improvements
produce a peak instruction cycle in 121ns (8.25 MIPs). The Dual Data Pointer feature also allows the user
to eliminate wasted instructions when moving blocks of memory.
INSTRUCTION SET SUMMARY
All instructions perform the same functions as their 8051 counterparts. Their effect on bits, flags, and
other status functions is identical. However, the timing of each instruction is different. This applies both
in absolute and relative number of clocks.
For absolute timing of real-time events, the timing of software loops can be calculated using a table in the
High-Speed Microcontroller User’s Guide. However, counter/timers default to run at the older 12 clocks
per increment. In this way, timer-based events occur at the standard intervals with software executing at
higher speed. Timers optionally can run at 4 clocks per increment to take advantage of faster processor
operation.


Similar Part No. - DS87C520-QNL

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS87C520-QNL DALLAS-DS87C520-QNL Datasheet
1Mb / 45P
   EPROM/ROM High-Speed Micro
DS87C520-QNL DALLAS-DS87C520-QNL Datasheet
1Mb / 42P
   EPROM/ROM High-Speed Micro
logo
Maxim Integrated Produc...
DS87C520-QNL MAXIM-DS87C520-QNL Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
logo
List of Unclassifed Man...
DS87C520-QNL ETC2-DS87C520-QNL Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Maxim Integrated Produc...
DS87C520-QNL++ MAXIM-DS87C520-QNL+ Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
More results

Similar Description - DS87C520-QNL

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS83C520 DALLAS-DS83C520_07 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
QX87C196KT16 MAXIM-QX87C196KT16 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
DS87C520-QNL MAXIM-DS87C520-QNL Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
logo
Dallas Semiconductor
DS87C520 DALLAS-DS87C520 Datasheet
1Mb / 45P
   EPROM/ROM High-Speed Micro
DS87C520 DALLAS-DS87C520_1 Datasheet
1Mb / 42P
   EPROM/ROM High-Speed Micro
logo
Maxim Integrated Produc...
EN87C196CB MAXIM-EN87C196CB Datasheet
655Kb / 45P
   EPROM/ROM Microcontrollers with Real-Time Clock
REV: 071107
DS83C530-DS87C530 MAXIM-DS83C530-DS87C530 Datasheet
749Kb / 46P
   EPROM/ROM Microcontrollers with Real-Time Clock
logo
Dallas Semiconductor
DS87C530 DALLAS-DS87C530_05 Datasheet
866Kb / 47P
   EPROM/ROM Microcontrollers with Real-Time Clock
logo
STMicroelectronics
ST7282 STMICROELECTRONICS-ST7282 Datasheet
260Kb / 23P
   ROM FROM EPROM
logo
Freescale Semiconductor...
MC68HC11D3 FREESCALE-MC68HC11D3 Datasheet
6Mb / 124P
   ROM-based high-performance microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com