Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62148CV30LL-55BVI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY62148CV30LL-55BVI
Description  512K x 8 MoBL Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62148CV30LL-55BVI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY62148CV30LL-55BVI Datasheet HTML 5Page - Cypress Semiconductor CY62148CV30LL-55BVI Datasheet HTML 6Page - Cypress Semiconductor CY62148CV30LL-55BVI Datasheet HTML 7Page - Cypress Semiconductor CY62148CV30LL-55BVI Datasheet HTML 8Page - Cypress Semiconductor CY62148CV30LL-55BVI Datasheet HTML 9Page - Cypress Semiconductor CY62148CV30LL-55BVI Datasheet HTML 10Page - Cypress Semiconductor CY62148CV30LL-55BVI Datasheet HTML 11Page - Cypress Semiconductor CY62148CV30LL-55BVI Datasheet HTML 12Page - Cypress Semiconductor CY62148CV30LL-55BVI Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
CY62148CV25/30/33
MoBL™
Document #: 38-05035 Rev. *A
Page 11 of 13
Package Diagrams
36-Ball (7.00 mm x 8.5 mm x 1.2 mm) Thin BGA BA36B
51-85105-*C


Similar Part No. - CY62148CV30LL-55BVI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148 CYPRESS-CY62148 Datasheet
189Kb / 11P
   512K x 8 MoBL Static RAM
CY62148 CYPRESS-CY62148 Datasheet
189Kb / 7P
   512K x 8 Static RAM
CY62148-55 CYPRESS-CY62148-55 Datasheet
189Kb / 7P
   512K x 8 Static RAM
CY62148-55SC CYPRESS-CY62148-55SC Datasheet
189Kb / 7P
   512K x 8 Static RAM
CY62148-70 CYPRESS-CY62148-70 Datasheet
189Kb / 7P
   512K x 8 Static RAM
More results

Similar Description - CY62148CV30LL-55BVI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148V CYPRESS-CY62148V Datasheet
189Kb / 11P
   512K x 8 MoBL Static RAM
CY62157DV30 CYPRESS-CY62157DV30_09 Datasheet
583Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
CY62157DV30 CYPRESS-CY62157DV30_10 Datasheet
573Kb / 15P
   8-Mbit (512K x 16) MoBL Static RAM
CY62148DV30 CYPRESS-CY62148DV30_11 Datasheet
566Kb / 13P
   4-Mbit (512K x 8) MoBL Static RAM
CY62157DV30 CYPRESS-CY62157DV30 Datasheet
455Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
CY62158CV30 CYPRESS-CY62158CV30 Datasheet
256Kb / 12P
   1024K x 8 MoBL Static RAM
CY7C1049 CYPRESS-CY7C1049 Datasheet
128Kb / 10P
   512K x 8 Static RAM
CY7C1049BV33 CYPRESS-CY7C1049BV33 Datasheet
165Kb / 10P
   512K x 8 Static RAM
CY7C1049B CYPRESS-CY7C1049B Datasheet
132Kb / 10P
   512K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS4008V1C WEIDA-WCFS4008V1C Datasheet
201Kb / 9P
   512K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com