Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

015AZ5.6-X Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 015AZ5.6-X
Description  TOSHIBA Diode Silicon Epitaxial Planar Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

015AZ5.6-X Datasheet(HTML) 3 Page - Toshiba Semiconductor

  015AZ5.6-X Datasheet HTML 1Page - Toshiba Semiconductor 015AZ5.6-X Datasheet HTML 2Page - Toshiba Semiconductor 015AZ5.6-X Datasheet HTML 3Page - Toshiba Semiconductor 015AZ5.6-X Datasheet HTML 4Page - Toshiba Semiconductor 015AZ5.6-X Datasheet HTML 5Page - Toshiba Semiconductor 015AZ5.6-X Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
015AZ2.0~015AZ12
2001-10-30
3
Electrical Characteristics (Ta = 25ºC)
Zener
Voltage
Dynamic
Impedance
Knee Dynamic
Impedance
Reverse
Current
* VZ (V)
ZZ(Ω)
ZZK (Ω)IR (mA)
Type No.
Min
Max
IZ
(mA)
Max
IZ
(mA)
Max
IZ
(mA)
Max
VR
(V)
X
7.00
7.43
Y
7.23
7.66
015AZ7.5
Z
7.46
7.90
5
23
5
120
0.5
0.5
6.0
X
7.70
8.16
Y
7.96
8.43
015AZ8.2
Z
8.23
8.70
5
20
5
120
0.5
0.5
6.5
X
8.50
9.00
Y
8.80
9.30
015AZ9.1
Z
9.10
9.60
5
18
5
120
0.5
0.5
7.0
X
9.40
9.93
Y
9.73
10.26
015AZ10
Z
10.06 10.60
5
15
5
120
0.5
0.5
8.0
X
10.40 10.98
Y
10.73 11.26
015AZ11
Z
11.06 11.60
5
15
5
120
0.5
0.5
8.5
X
11.40 11.93
Y
11.73 12.26
015AZ12
Z
12.06 12.60
5
15
5
110
0.5
0.5
9.0
*
: Test time: t = 30ms


Similar Part No. - 015AZ5.6-X

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
015AZ5.6-X TOSHIBA-015AZ5.6-X Datasheet
234Kb / 5P
   Diode Silicon Epitaxial Planar Type
More results

Similar Description - 015AZ5.6-X

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS250 TOSHIBA-1SS250_14 Datasheet
204Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Planar Type
1SS272 TOSHIBA-1SS272_14 Datasheet
229Kb / 4P
   TOSHIBA Diode Silicon Epitaxial Planar Type
1SS308 TOSHIBA-1SS308_14 Datasheet
231Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Planar Type
1SS314 TOSHIBA-1SS314_14 Datasheet
159Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Planar Type
HN1D01FE TOSHIBA-HN1D01FE_14 Datasheet
248Kb / 4P
   TOSHIBA Diode Silicon Epitaxial Planar Type
HN1D01FU TOSHIBA-HN1D01FU_14 Datasheet
247Kb / 4P
   TOSHIBA Diode Silicon Epitaxial Planar Type
JDV2S06S TOSHIBA-JDV2S06S Datasheet
102Kb / 3P
   TOSHIBA DIODE Silicon Epitaxial Planar Type
JDV2S14E TOSHIBA-JDV2S14E Datasheet
73Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Planar Type
1SS321 TOSHIBA-1SS321_07 Datasheet
175Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Planar Type
1SS190 TOSHIBA-1SS190_14 Datasheet
202Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Planar Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com