Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49LH00B4-33TC Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT49LH00B4-33TC
Description  4-megabit Top Boot, Bottom Partitioned Firmware Hub and Low-Pin Count Flash Memory
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LH00B4-33TC Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT49LH00B4-33TC Datasheet HTML 3Page - ATMEL Corporation AT49LH00B4-33TC Datasheet HTML 4Page - ATMEL Corporation AT49LH00B4-33TC Datasheet HTML 5Page - ATMEL Corporation AT49LH00B4-33TC Datasheet HTML 6Page - ATMEL Corporation AT49LH00B4-33TC Datasheet HTML 7Page - ATMEL Corporation AT49LH00B4-33TC Datasheet HTML 8Page - ATMEL Corporation AT49LH00B4-33TC Datasheet HTML 9Page - ATMEL Corporation AT49LH00B4-33TC Datasheet HTML 10Page - ATMEL Corporation AT49LH00B4-33TC Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7
AT49LH00B4
3379B–FLASH–9/03
FWH/LAD[3:0] PINS: The FWH/LAD[3:0] signal lines communicate address, control, and data
information over the LPC bus between a master and a peripheral. The information communi-
cated are: start, stop (abort a cycle), transfer type (memory, I/O, DMA), transfer direction
(read/write), address, data, wait states, DMA channel, and bus master grant.
FWH Memory
Cycles
A valid FWH memory cycle begins with the host driving the FWH4/LFRAME signal low for one
or more clock cycles. While the FWH4/LFRAME signal is low, a valid START value of either
1101b (FWH memory read) or 1110b (FWH memory write) must be driven on the
FWH/LAD[3:0] pins. Following the START field, an IDSEL (Device Select) field must be sent to
the device. The IDSEL field acts like a chip select in that it indicates which device should
respond to the current operation. After the IDSEL field has been sent, the 7-clock MADDR
(Memory Address) field must be sent to the device to provide the 28-bit starting address loca-
tion of where to begin reading or writing in the memory. Following the MADDR field, the
MSIZE (Memory Size) field must be sent to indicate the number of bytes to transfer.
Figure 1. FWH Memory Cycle Initiation and Addressing
START FIELD: This 1-clock field indicates the start of a cycle. It is valid on the last clock that
FWH4/LFRAME is sampled low. The two start fields that are used for a FWH cycle are: 1101b
to indicate a FWH memory read cycle and 1110b to indicate a FWH memory write cycle. If the
start field that is sampled is not one of these values, then the cycle attempted is not a FWH
memory cycle. It may be a valid LPC memory cycle that the device will attempt to decode.
IDSEL (DEVICE SELECT) FIELD: This 1-clock field is used to indicate which FWH compo-
nent in the system is being selected. The four bits transmitted over FWH/LAD[3:0] during this
clock are compared with values strapped on the ID[3:0] pins. If there is a match, the device will
continue to decode the cycle to determine which bytes are requested on a read or which bytes
to update on a write. If there isn’t a match, the device may discard the rest of the cycle and go
into a standby power state.
MADDR (MEMORY ADDRESS) FIELD: This is a 7-clock field that is used to provide a 28-bit
(A27 - A0) memory address. This allows for provisioning of up to 256 MB per FWH memory
device, for a total of a 4 GB addressable space if 16 FWH memory devices (256 MB each)
were used in a system.
The AT49LH00B4 only decodes the last six MADDR nibbles (A23 - A0) and ignores address
bits A27 - A23 and A21 - A19. Address bit A22 is used to determine whether reads or writes to
the device will be directed to the memory array (A22 = 1) or to the register space (A22 = 0).
Addresses are transferred to the device with the most significant nibble first.
MSIZE (MEMORY SIZE) FIELD: The 1-clock MSIZE is used to indicate how many bytes of
data will be transferred during a read or write. The AT49LH00B4 only supports single-byte
transfers, so 0000b must be sent in this field to indicate a single-byte transfer.
CLK
FWH4/LFRAME
FWH/LAD[3:0]
START
IDSEL
MADDR
MADDR
MADDR
MADDR
MADDR
MADDR
MADDR
MSIZE


Similar Part No. - AT49LH00B4-33TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LH002 ATMEL-AT49LH002 Datasheet
354Kb / 36P
   2-megabit Firmware Hub and Low-Pin Count Flash Memory
AT49LH002-33JC ATMEL-AT49LH002-33JC Datasheet
354Kb / 36P
   2-megabit Firmware Hub and Low-Pin Count Flash Memory
AT49LH002-33TC ATMEL-AT49LH002-33TC Datasheet
354Kb / 36P
   2-megabit Firmware Hub and Low-Pin Count Flash Memory
AT49LH004 ATMEL-AT49LH004 Datasheet
326Kb / 36P
   4-megabit Firmware Hub and Low-Pin Count Flash Memory
AT49LH004-33JC ATMEL-AT49LH004-33JC Datasheet
326Kb / 36P
   4-megabit Firmware Hub and Low-Pin Count Flash Memory
More results

Similar Description - AT49LH00B4-33TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LH004 ATMEL-AT49LH004 Datasheet
326Kb / 36P
   4-megabit Firmware Hub and Low-Pin Count Flash Memory
AT49LH002 ATMEL-AT49LH002 Datasheet
354Kb / 36P
   2-megabit Firmware Hub and Low-Pin Count Flash Memory
AT49LW040 ATMEL-AT49LW040 Datasheet
465Kb / 34P
   8-megabit and 4-megabit Firmware Hub Flash Memory
AT49LL080 ATMEL-AT49LL080 Datasheet
224Kb / 31P
   8-megabit Low-pin Count Flash Memory
logo
AMIC Technology
A49LF004 AMICC-A49LF004 Datasheet
595Kb / 10P
   4 Mbit CMOS 3.3Volt-only Firmware Hub Flash Memory
logo
Numonyx B.V
M29F800FT5AN6E2 NUMONYX-M29F800FT5AN6E2 Datasheet
1Mb / 67P
   Top / Bottom Boot Block 5 V Supply Flash Memory
logo
STMicroelectronics
M50FW002 STMICROELECTRONICS-M50FW002 Datasheet
254Kb / 39P
   2 Mbit 256Kb x8, Boot Block 3V Supply Firmware Hub Flash Memory
May 2002
logo
Numonyx B.V
M29F160FB55N3F2 NUMONYX-M29F160FB55N3F2 Datasheet
1Mb / 67P
   Top / Bottom Boot Block 5 V Supply Flash Memory
logo
STMicroelectronics
M50FLW040A STMICROELECTRONICS-M50FLW040A Datasheet
857Kb / 52P
   4 Mbit (5 x 64KByte Blocks 3 x 16 x 4KByte Sectors) 3V Supply Firmware Hub / Low Pin Count Flash Memory
logo
AMIC Technology
A49FL004 AMICC-A49FL004 Datasheet
713Kb / 36P
   4 Mbit CMOS 3.3Volt-only Firmware Hub/LPC Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com