Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4LC1M16 Datasheet(PDF) 6 Page - Austin Semiconductor

Part # AS4LC1M16
Description  1 MEG x 16 DRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4LC1M16 Datasheet(HTML) 6 Page - Austin Semiconductor

Back Button AS4LC1M16 Datasheet HTML 2Page - Austin Semiconductor AS4LC1M16 Datasheet HTML 3Page - Austin Semiconductor AS4LC1M16 Datasheet HTML 4Page - Austin Semiconductor AS4LC1M16 Datasheet HTML 5Page - Austin Semiconductor AS4LC1M16 Datasheet HTML 6Page - Austin Semiconductor AS4LC1M16 Datasheet HTML 7Page - Austin Semiconductor AS4LC1M16 Datasheet HTML 8Page - Austin Semiconductor AS4LC1M16 Datasheet HTML 9Page - Austin Semiconductor AS4LC1M16 Datasheet HTML 10Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
2-98
AS4LC1M16
Austin Semiconductor, Inc., reserves the right to change products or specifications without notice.
REV. 3/97
DS000020
AS4LC1M16 883C
1 MEG x 16 DRAM
PRELIMINARY
AUSTIN SEMICONDUCTOR, INC.
TRUTH TABLE
ADDRESSES
FUNCTION
?R?A/S
?C?A/S/L ?C?A/S/H
?W/E
?O/E
tR
tC
DQs
NOTES
Standby
H
H
>XH>X
X
X
X
X
High-Z
READ: WORD
L
L
L
H
L
ROW
COL
Data-Out
READ: LOWER BYTE
L
L
H
H
L
ROW
COL
Lower Byte,
Upper Byte, Data-Out
READ: UPPER BYTE
L
H
L
H
L
ROW
COL
Lower Byte, Data-Out
Upper Byte
WRITE: WORD
L
L
L
L
X
ROW
COL
Data-In
(EARLY WRITE)
WRITE: LOWER
L
L
H
L
X
ROW
COL
Lower Byte, Data-In
BYTE (EARLY)
Upper Byte, High-Z
WRITE: UPPER
L
H
L
L
X
ROW
COL
Lower Byte, High-Z
BYTE (EARLY)
Upper Byte, Data-In
READ WRITE
L
L
L
H
>LL>H ROW COL
Data-Out, Data-In
1, 2
EDO-PAGE-MODE
1st Cycle
L
H
>LH>L
H
L
ROW
COL
Data-Out
2
READ
2nd Cycle
L
H
>LH>L
H
L
n/a
COL
Data-Out
2
Any Cycle
L
L
>HL>H
H
L
n/a
n/a
Data-Out
2
EDO-PAGE-MODE
1st Cycle
L
H
>LH>L
L
X
ROW
COL
Data-In
1
WRITE
2nd Cycle
L
H
>LH>L
L
X
n/a
COL
Data-In
1
EDO-PAGE-MODE
1st Cycle
L
H
>LH>LH>LL>H ROW COL
Data-Out, Data-In
1, 2
READ-WRITE
2nd Cycle
L
H
>LH>LH>LL>H
n/a
COL
Data-Out, Data-In
1, 2
HIDDEN
READ
L
>H>L
L
L
H
L
ROW
COL
Data-Out
2
REFRESH
WRITE
L
>H>L
L
L
L
X
ROW
COL
Data-In
1, 3
?R?A/S-ONLY REFRESH
L
H
H
X
X
ROW
n/a
High-Z
CBR REFRESH
H
>L
L
L
H
X
X
X
High-Z
4
NOTE:
1. These WRITE cycles may also be BYTE WRITE cycles (either
?C?A/S/L or ?C?A/S/H active).
2. These READ cycles may also be BYTE READ cycles (either
?C?A/S/L or ?C?A/S/H active).
3. EARLY WRITE only.
4. Only one
?C?A/S must be active (?C?A/S/L or ?C?A/S/H).


Similar Part No. - AS4LC1M16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS4LC1M16E5 ETC-AS4LC1M16E5 Datasheet
604Kb / 22P
   3V 1M X 6 CMOS DRAM (EDO)
AS4LC1M16E5-50JC ETC-AS4LC1M16E5-50JC Datasheet
604Kb / 22P
   3V 1M X 6 CMOS DRAM (EDO)
AS4LC1M16E5-50JI ETC-AS4LC1M16E5-50JI Datasheet
604Kb / 22P
   3V 1M X 6 CMOS DRAM (EDO)
AS4LC1M16E5-50TC ETC-AS4LC1M16E5-50TC Datasheet
604Kb / 22P
   3V 1M X 6 CMOS DRAM (EDO)
AS4LC1M16E5-50TI ETC-AS4LC1M16E5-50TI Datasheet
604Kb / 22P
   3V 1M X 6 CMOS DRAM (EDO)
More results

Similar Description - AS4LC1M16

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4C4024883C AUSTIN-AS4C4024883C Datasheet
5Mb / 11P
   1 MEG x 1 DRAM
AS4LC4M16 AUSTIN-AS4LC4M16 Datasheet
519Kb / 25P
   4 MEG x 16 DRAM
logo
Micron Technology
MT4C4003J MICRON-MT4C4003J Datasheet
796Kb / 12P
   1 MEG x 4 DRAM
MT8D132 MICRON-MT8D132 Datasheet
1Mb / 23P
   1 MEG, 2 MEG x 32 DRAM MODULES
logo
List of Unclassifed Man...
MEM4X16E43VTW-5 ETC-MEM4X16E43VTW-5 Datasheet
598Kb / 9P
   4 MEG x 16 EDO DRAM
logo
Austin Semiconductor
MT4C4001J AUSTIN-MT4C4001J Datasheet
251Kb / 20P
   1 MEG x 4 DRAM Fast Page Mode DRAM
MT4C4001J AUSTIN-MT4C4001J_05 Datasheet
1Mb / 21P
   1 MEG x 4 DRAM Fast Page Mode DRAM
AS4LC4M16 AUSTIN-AS4LC4M16_05 Datasheet
3Mb / 25P
   4 MEG x 16 DRAM Extended Data Out (EDO) DRAM
AS4SD4M16 AUSTIN-AS4SD4M16_05 Datasheet
568Kb / 50P
   4 Meg x 16 SDRAM Synchronous DRAM Memory
AS4SD4M16 AUSTIN-AS4SD4M16 Datasheet
1Mb / 50P
   4 Meg x 16 SDRAM Synchronous DRAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com