Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

015AZ3.0 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 015AZ3.0
Description  TOSHIBA Diode Silicon Epitaxial Planar Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

015AZ3.0 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  015AZ3.0 Datasheet HTML 1Page - Toshiba Semiconductor 015AZ3.0 Datasheet HTML 2Page - Toshiba Semiconductor 015AZ3.0 Datasheet HTML 3Page - Toshiba Semiconductor 015AZ3.0 Datasheet HTML 4Page - Toshiba Semiconductor 015AZ3.0 Datasheet HTML 5Page - Toshiba Semiconductor 015AZ3.0 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
015AZ2.0~015AZ12
2001-10-30
1
TOSHIBA Diode Silicon Epitaxial Planar Type
015AZ2.0~015AZ12
Constant Voltage Regulation Applications
l Small package
l Nominal voltage tolerance about ±2.5%
(2.0V~12V)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Power dissipation
P*
150
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
-55~125
°C
* Mounted on a glass epoxy circuit board of 20 × 20mm,
Pad dimension of 4 × 4mm.
Electrical Characteristics
(See Page 2~3)
Marking
Example 1: 015AZ12-
×
Example 2: 015AZ12-
×
Pin Assignment (top view)
Unit: mm
JEDEC
JEITA
TOSHIBA
1-1G1A
Weight: 1.4 mg


Similar Part No. - 015AZ3.0

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
015AZ3.0 TOSHIBA-015AZ3.0 Datasheet
234Kb / 5P
   Diode Silicon Epitaxial Planar Type
015AZ3.0 TOSHIBA-015AZ3.0 Datasheet
985Kb / 6P
   Constant-Voltage Regulation Applications
015AZ3.0-X TOSHIBA-015AZ3.0-X Datasheet
234Kb / 5P
   Diode Silicon Epitaxial Planar Type
015AZ3.0-Z TOSHIBA-015AZ3.0-Z Datasheet
234Kb / 5P
   Diode Silicon Epitaxial Planar Type
015AZ3.0X TOSHIBA-015AZ3.0X Datasheet
234Kb / 5P
   Diode Silicon Epitaxial Planar Type
More results

Similar Description - 015AZ3.0

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS250 TOSHIBA-1SS250_14 Datasheet
204Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Planar Type
1SS272 TOSHIBA-1SS272_14 Datasheet
229Kb / 4P
   TOSHIBA Diode Silicon Epitaxial Planar Type
1SS308 TOSHIBA-1SS308_14 Datasheet
231Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Planar Type
1SS314 TOSHIBA-1SS314_14 Datasheet
159Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Planar Type
HN1D01FE TOSHIBA-HN1D01FE_14 Datasheet
248Kb / 4P
   TOSHIBA Diode Silicon Epitaxial Planar Type
HN1D01FU TOSHIBA-HN1D01FU_14 Datasheet
247Kb / 4P
   TOSHIBA Diode Silicon Epitaxial Planar Type
JDV2S06S TOSHIBA-JDV2S06S Datasheet
102Kb / 3P
   TOSHIBA DIODE Silicon Epitaxial Planar Type
JDV2S14E TOSHIBA-JDV2S14E Datasheet
73Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Planar Type
1SS321 TOSHIBA-1SS321_07 Datasheet
175Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Planar Type
1SS190 TOSHIBA-1SS190_14 Datasheet
202Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Planar Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com