Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M54671SP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M54671SP
Description  2-PHASE STEPPER MOTOR DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54671SP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M54671SP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54671SP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54671SP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54671SP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M54671SP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2-PHASE STEPPER MOTOR DRIVER
M54671SP
MITSUBISHI <CONTROL / DRIVER IC>
TYPICAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
APPLICATION DESCRIPTION
(1) PHASE INPUT
Phase input decides the output mode.
(2) VR (Comparative voltage)
The current level can be continuously changed by changing the
voltage at VR continuously.
(3) Current sensor
When the voltage fall at the current sensing resistor and the
selected current level become of the same level, the
comparator triggers monostable. Then the output stage is cut
off for a certain time (TOFF). During this cutoff time, the current
decreases slightly and falls short of the comparative level.
After the cutoff time (TOFF), the output stage is in ON state
again. This operation is repeated.
(4) Single pulse generator
At the comparator output rise edge, the monostable is
triggered. The pulse width of the monostable at the external
timing CT and RT is as follows.
TOFF = 0.69 x CT x RT
Retrigger during TOFF is neglected.
(5) Analog control
The output current level can be continuously changed by
changing the voltage at VR or the feedback voltage to the
comparator.
PHASE
H
L
MA
H
L
MB
L
H
TIMING CHART
Switching waveforms
VMA-VMB or VMB-VMA
1
1/2
TON
TOFF
TOFF = 0.69 x RT xCT
VCH
VE
td
2-phase excitation
Phase 1
Phase 2
1
50
60
70
80
40
30
20
10
0
2.5W
1.7W
Ambient Temperature Ta (
°C)
2
3
θj-c = 25°C/W
Free air
(
θc-a = 48.5°C/W)
10cm2 aluminum heat sink
(
θc-a = 25°C/W)
Thermal


Similar Part No. - M54671SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54670 MITSUBISHI-M54670 Datasheet
116Kb / 6P
   2-PHASE STEPPER MOTOR DRIVER
M54670P MITSUBISHI-M54670P Datasheet
116Kb / 6P
   2-PHASE STEPPER MOTOR DRIVER
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
   2-Phase Stepper Motor Driver
logo
Mitsubishi Electric Sem...
M54672SP MITSUBISHI-M54672SP Datasheet
104Kb / 5P
   2-PHASE STEPPER MOTOR DRIVER
M54676 MITSUBISHI-M54676 Datasheet
112Kb / 5P
   2-PHASE STEPPER MOTOR DRIVER
More results

Similar Description - M54671SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
   2-PHASE STEPPER MOTOR DRIVER
logo
ON Semiconductor
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
STK672-442BN-E ONSEMI-STK672-442BN-E Datasheet
895Kb / 28P
   2-phase Stepper Motor Driver
January, 2014 Ver. 2
logo
Hitachi Semiconductor
REJ03F0052_M54679SP HITACHI-REJ03F0052_M54679SP Datasheet
199Kb / 12P
   2-Phase Stepper Motor Driver
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
   2-Phase Stepper Motor Driver
M54678FP RENESAS-M54678FP Datasheet
192Kb / 9P
   2-Phase Stepper Motor Driver
logo
ON Semiconductor
STK672-430AN-E ONSEMI-STK672-430AN-E Datasheet
825Kb / 26P
   2-phase Stepper Motor Driver
January 2014 Ver. 2.2
logo
Infineon Technologies A...
TLE4727 INFINEON-TLE4727 Datasheet
694Kb / 22P
   2-Phase Stepper-Motor Driver
2005-07-20
logo
Renesas Technology Corp
M54646AP RENESAS-M54646AP Datasheet
191Kb / 9P
   2-Phase Stepper Motor Driver
logo
Infineon Technologies A...
TLE4726G INFINEON-TLE4726G_08 Datasheet
434Kb / 25P
   2-Phase Stepper-Motor Driver
Rev. 1.1, 2008-06-16
logo
ON Semiconductor
STK672-632AN-E ONSEMI-STK672-632AN-E Datasheet
466Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com