Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S503TXR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # S503TXR
Description  MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S503TXR Datasheet(HTML) 1 Page - Vishay Siliconix

  S503TXR Datasheet HTML 1Page - Vishay Siliconix S503TXR Datasheet HTML 2Page - Vishay Siliconix S503TXR Datasheet HTML 3Page - Vishay Siliconix S503TXR Datasheet HTML 4Page - Vishay Siliconix S503TXR Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VISHAY
S503TX/S503TXR/S503TXRW
Document Number 85078
Rev. 1.2, 30-Aug-04
Vishay Semiconductors
www.vishay.com
1
19216
SOT-143
SOT-143R
SOT-343R
1
2
4
3
2
1
3
4
Electrostatic sensitive device.
Observe precautions for handling.
1
2
4
3
MOSMIC® for TV-Tuner Prestage with 5 V Supply Voltage
Comments
MOSMIC - MOS Monolithic Integrated Circuit
Features
• Easy Gate 1 switch-off with PNP switching transis-
tors inside PLL
• High AGC-range with less steep slope
• Integrated gate protection diodes
• Low noise figure
• High gain, very high forward transadmittance
(40 mS typ.)
• Improved cross modulation at gain reduction
• SMD package
Applications
Low noise gain controlled input stages in UHF-and
VHF- tuner with 5 V supply voltage.
Typical Application
Mechanical Data
Typ: S503TX
Case: SOT-143 Plastic case
Weight: approx. 8.0 mg
Pinning: 1 = Source, 2 = Drain,
3 = Gate 2, 4 = Gate 1
Typ: S503TXR
Case: SOT-143R Plastic case
Weight: approx. 8.0 mg
Pinning: 1 = Source, 2 = Drain,
3 = Gate 2, 4 = Gate 1
Typ: S503TXRW
Case: SOT-343R Plastic case
Weight: approx. 6.0 mg
Pinning: 1 = Source, 2 = Drain,
3 = Gate 2, 4 = Gate 1
Parts Table
G2
G1
RF in
S
D
VDD(VDS)
C block
RFC
RF out
13650
C block
C block
RG1
VGG
(VRG1)
AGC
Part
Marking
Package
S503TX
X03
SOT-143
S503TXR
X8R
SOT-143R
S503TXRW
WX8
SOT-343R


Similar Part No. - S503TXR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S503T VISHAY-S503T Datasheet
99Kb / 5P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 20-Jan-99
S503TR VISHAY-S503TR Datasheet
99Kb / 5P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 20-Jan-99
S503TRW VISHAY-S503TRW Datasheet
99Kb / 5P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 20-Jan-99
More results

Similar Description - S503TXR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S504T VISHAY-S504T Datasheet
99Kb / 5P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 20-Jan-99
S594T-GS08 VISHAY-S594T-GS08 Datasheet
323Kb / 10P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.6, 08-Sep-08
S595T VISHAY-S595T Datasheet
203Kb / 10P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.6, 02-May-05
S594T VISHAY-S594T Datasheet
155Kb / 9P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 20-Jan-99
S592T VISHAY-S592T Datasheet
100Kb / 6P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 20-Jan-99
S506TY VISHAY-S506TY Datasheet
115Kb / 5P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1, 21-Oct-02
S503T VISHAY-S503T Datasheet
99Kb / 5P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 20-Jan-99
S593T VISHAY-S593T Datasheet
156Kb / 9P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 20-Jan-99
S505T VISHAY-S505T Datasheet
99Kb / 5P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 20-Jan-99
S505TX VISHAY-S505TX Datasheet
183Kb / 6P
   MOSMIC® for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.2, 29-Apr-05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com