Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SZU04XV5T2 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NL17SZU04XV5T2
Description  Single Unbuffered Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZU04XV5T2 Datasheet(HTML) 5 Page - ON Semiconductor

  NL17SZU04XV5T2 Datasheet HTML 1Page - ON Semiconductor NL17SZU04XV5T2 Datasheet HTML 2Page - ON Semiconductor NL17SZU04XV5T2 Datasheet HTML 3Page - ON Semiconductor NL17SZU04XV5T2 Datasheet HTML 4Page - ON Semiconductor NL17SZU04XV5T2 Datasheet HTML 5Page - ON Semiconductor NL17SZU04XV5T2 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NL17SZU04
http://onsemi.com
5
PACKAGE DIMENSIONS
SOT−353
DF SUFFIX
5−LEAD PACKAGE
CASE 419A−02
ISSUE G
mm
inches
SCALE 20:1
0.65
0.025
0.65
0.025
0.50
0.0197
0.40
0.0157
1.9
0.0748
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. 419A−01 OBSOLETE. NEW STANDARD
419A−02.
4. DIMENSIONS A AND B DO NOT INCLUDE
MOLD FLASH, PROTRUSIONS, OR GATE
BURRS.
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
1.80
2.20
0.071
0.087
INCHES
B
1.15
1.35
0.045
0.053
C
0.80
1.10
0.031
0.043
D
0.10
0.30
0.004
0.012
G
0.65 BSC
0.026 BSC
H
−−−
0.10
−−−
0.004
J
0.10
0.25
0.004
0.010
K
0.10
0.30
0.004
0.012
N
0.20 REF
0.008 REF
S
2.00
2.20
0.079
0.087
B
0.2 (0.008) MM
12
3
4
5
A
G
S
D 5 PL
H
C
N
J
K
−B−
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*


Similar Part No. - NL17SZU04XV5T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZU04XV5T2G ONSEMI-NL17SZU04XV5T2G Datasheet
157Kb / 13P
   Single Unbuffered Inverter
June, 2022 - Rev. 12
NL17SZU04XV5T2G-L22087 ONSEMI-NL17SZU04XV5T2G-L22087 Datasheet
157Kb / 13P
   Single Unbuffered Inverter
June, 2022 - Rev. 12
More results

Similar Description - NL17SZU04XV5T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GU04 ONSEMI-MC74VHC1GU04_07 Datasheet
78Kb / 6P
   Single Unbuffered Inverter
February, 2007 ??Rev. 16
MC74VHC1GU04DF1G ONSEMI-MC74VHC1GU04DF1G Datasheet
72Kb / 6P
   Single Unbuffered Inverter
February, 2007 ??Rev. 16
NL17SZU04 ONSEMI-NL17SZU04_V01 Datasheet
157Kb / 13P
   Single Unbuffered Inverter
June, 2022 - Rev. 12
logo
Nexperia B.V. All right...
74HC1GU04_Q100 NEXPERIA-74HC1GU04_Q100 Datasheet
244Kb / 13P
   Single unbuffered inverter
Rev. 3 - 4 February 2022
logo
ON Semiconductor
MC74HC1GU04 ONSEMI-MC74HC1GU04 Datasheet
65Kb / 6P
   Single Unbuffered Inverter
January, 2005 ??Rev. 8
NLVVHC1GU04 ONSEMI-NLVVHC1GU04 Datasheet
71Kb / 5P
   Single Unbuffered Inverter
November, 2015 ??Rev. 0
logo
Nexperia B.V. All right...
74HC1GU04 NEXPERIA-74HC1GU04 Datasheet
246Kb / 13P
   Single unbuffered inverter
Rev. 7 - 4 February 2022
logo
ON Semiconductor
NLU1GU04 ONSEMI-NLU1GU04 Datasheet
98Kb / 8P
   Single Unbuffered Inverter
March, 2008 - Rev. 1
MC74HC1GU04 ONSEMI-MC74HC1GU04_11 Datasheet
115Kb / 6P
   Single Unbuffered Inverter
May, 2011 ??Rev. 9
logo
Nexperia B.V. All right...
74HC1GU04-Q100 NEXPERIA-74HC1GU04-Q100 Datasheet
234Kb / 13P
   Single unbuffered inverter
logo
ON Semiconductor
MC74VHC1GU04 ONSEMI-MC74VHC1GU04_V01 Datasheet
170Kb / 16P
   Single Unbuffered Inverter
April, 2022 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com