Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9994ETP+TD Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9994ETP+TD
Description  SiGe High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9994ETP+TD Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9994ETP+TD Datasheet HTML 4Page - Maxim Integrated Products MAX9994ETP+TD Datasheet HTML 5Page - Maxim Integrated Products MAX9994ETP+TD Datasheet HTML 6Page - Maxim Integrated Products MAX9994ETP+TD Datasheet HTML 7Page - Maxim Integrated Products MAX9994ETP+TD Datasheet HTML 8Page - Maxim Integrated Products MAX9994ETP+TD Datasheet HTML 9Page - Maxim Integrated Products MAX9994ETP+TD Datasheet HTML 10Page - Maxim Integrated Products MAX9994ETP+TD Datasheet HTML 11Page - Maxim Integrated Products MAX9994ETP+TD Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SiGe High-Linearity, 1700MHz to 2200MHz
Downconversion Mixer with LO Buffer/Switch
______________________________________________________________________________________
11
Typical Application Circuit
MAX9994
1
2
3
4
5
15
14
13
12
11
GND
C4
C11
C6
C7
R2
C3
C14
C13
C15
C5
C1
RF
INPUT
C10
C12
LO1
INPUT
LO2
INPUT
IF
OUTPUT
C2
C8
C9
TAP
RF
VCC
VCC
VCC
LOSEL
INPUT
VCC
VCC
R1
R3
L2
L1
L3
1
3
2
6
4
T1
VCC
VCC
GND
GND
LO2
GND
LO1


Similar Part No. - MAX9994ETP+TD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9994EVKIT MAXIM-MAX9994EVKIT Datasheet
488Kb / 9P
   1700MHz to 2200MHz RF Frequency
Rev 2; 3/21
MAX9994EVKIT# MAXIM-MAX9994EVKIT# Datasheet
488Kb / 9P
   1700MHz to 2200MHz RF Frequency
Rev 2; 3/21
More results

Similar Description - MAX9994ETP+TD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19995 MAXIM-MAX19995 Datasheet
510Kb / 29P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/08
MAX9995 MAXIM-MAX9995 Datasheet
363Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04
MAX19995A MAXIM-MAX19995A Datasheet
410Kb / 23P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/09
MAX2039 MAXIM-MAX2039 Datasheet
363Kb / 16P
   High-Linearity, 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX9996 MAXIM-MAX9996 Datasheet
410Kb / 12P
   SiGe High-Linearity, 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/04
MAX9995 MAXIM-MAX9995_11 Datasheet
387Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 1; 3/11
MAX19993 MAXIM-MAX19993 Datasheet
4Mb / 23P
   Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
MAX9995 MAXIM-MAX9995_13 Datasheet
389Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 2; 12/12
MAX9993 MAXIM-MAX9993 Datasheet
492Kb / 12P
   High-Linearity 1700MHz to 2200MHz Down- Conversion Mixer with LO Buffer/Switch
Rev 0; 10/02
MAX2041 MAXIM-MAX2041 Datasheet
395Kb / 16P
   High-Linearity, 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch
Rev 0; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com