Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89161 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB89161
Description  8-bit Proprietary Microcontroller
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89161 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB89161 Datasheet HTML 2Page - Fujitsu Component Limited. MB89161 Datasheet HTML 3Page - Fujitsu Component Limited. MB89161 Datasheet HTML 4Page - Fujitsu Component Limited. MB89161 Datasheet HTML 5Page - Fujitsu Component Limited. MB89161 Datasheet HTML 6Page - Fujitsu Component Limited. MB89161 Datasheet HTML 7Page - Fujitsu Component Limited. MB89161 Datasheet HTML 8Page - Fujitsu Component Limited. MB89161 Datasheet HTML 9Page - Fujitsu Component Limited. MB89161 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
6
MB89160/160A Series
s PIN ASSIGNMENT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
P46/SEG22*7
P47/SEG23*7
AVSS
AVR
AVCC
P50/AN0
P51/AN1
P52/AN2
P53/AN3
P54/AN4
P55/AN5
P56/AN6
VSS
P57/AN7
X1
X0
MOD1
MOD0
RST
P00/INT20
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
SEG1
SEG0
P71/COM3*8
P70/COM2*8
COM1
COM0
V3
VCC
V2
V1
V0
P33*2/C0*1
P32*2/C1*1
P31/PWM1
P30/RCO/BUZ
X1A
X0A
P27/PWM2*3
P26*3
P25/SCK
(Top view)
(FPT-80P-M11)
*1: For products with a booster circuit
*2: For products without a booster circuit
*3: N-ch open-drain heavy-current drive type
*4 to *7: Selected using the mask option (in units of 4 pins)
*8: Selected using the mask option (in units of 2 pins)
Note: For more information on mask option combinations of *4 to *8, see section s Mask Options."


Similar Part No. - MB89161

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89161 FUJITSU-MB89161 Datasheet
875Kb / 59P
   8-bit Proprietary Microcontroller
MB89161-PF FUJITSU-MB89161-PF Datasheet
875Kb / 59P
   8-bit Proprietary Microcontroller
MB89161-PFS FUJITSU-MB89161-PFS Datasheet
875Kb / 59P
   8-bit Proprietary Microcontroller
MB89161-PFV FUJITSU-MB89161-PFV Datasheet
875Kb / 59P
   8-bit Proprietary Microcontroller
MB89161A-PF FUJITSU-MB89161A-PF Datasheet
875Kb / 59P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89161

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com