Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1490EBCPG Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1490EBCPG
Description  15kV ESD-Protected, Isolated RS-485/RS-422
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1490EBCPG Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1490EBCPG Datasheet HTML 2Page - Maxim Integrated Products MAX1490EBCPG Datasheet HTML 3Page - Maxim Integrated Products MAX1490EBCPG Datasheet HTML 4Page - Maxim Integrated Products MAX1490EBCPG Datasheet HTML 5Page - Maxim Integrated Products MAX1490EBCPG Datasheet HTML 6Page - Maxim Integrated Products MAX1490EBCPG Datasheet HTML 7Page - Maxim Integrated Products MAX1490EBCPG Datasheet HTML 8Page - Maxim Integrated Products MAX1490EBCPG Datasheet HTML 9Page - Maxim Integrated Products MAX1490EBCPG Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
±15kV ESD-Protected, Isolated RS-485/RS-422
Data Interfaces
6
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(VCC_ = +5V, VFS = VCC_, Figures 1 and 2, TA = +25°C, unless otherwise noted.)
VCC_ = 5.0V, DE´= VCC_
DI
´ = 0V TO 5V AT 1 25MHz
MAX1480EA/MAX1490EA
RECEIVER tPHL
RO
2V/div
20ns/div
RECEIVER
INPUT A
1V/div
RECEIVER
INPUT B
1V/div
MAX1480E/90E toc14
VCC_ = 5.0V, DE´= VCC_
MAX1480EA/MAX1490EA
RECEIVER tPLH
RO
2V/div
20ns/div
RECEIVER
INPUT B
1V/div
RECEIVER
INPUT A
1V/div
MAX1480E/90E toc15
0
60
40
20
80
100
120
140
160
MAX1480EA
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
-40
-20
0
20
40
60
80
VCC = +5.5V
VCC = +5V
VCC = +5.5V
VCC = +5V
VCC = +4.5V
RL = 54
RL =
VCC = +4.5V
DE´ = VCC
20
70
60
50
30
40
80
90
100
110
120
MAX1480EC
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
-40
-20
0
20
40
60
80
VCC = +5.5V
VCC = +5V
VCC = +5.5V
VCC = +5V
VCC = +4.5V
RL = 54
RL =
VCC = +4.5V
DE´ = VCC
80
120
100
140
160
180
200
MAX1490EA
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
-40
-20
0
20
40
60
80
VCC = +5.5V
VCC = +5V
VCC = +5.5V
VCC = +5V
VCC = +4.5V
RL = 54
RL =
VCC = +4.5V
50
100
90
80
60
70
110
120
130
140
150
MAX1490EB
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
-40
-20
0
20
40
60
80
VCC = +5.5V
VCC = +5V
VCC = +5.5V
VCC = +5V
VCC = +4.5V
RL = 54
RL =
VCC = +4.5V


Similar Part No. - MAX1490EBCPG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14900DEVBRD MAXIM-MAX14900DEVBRD Datasheet
713Kb / 17P
   Stand-Alone Operation in Parallel Mode
Rev 0; 5/15
MAX14900DEVKIT MAXIM-MAX14900DEVKIT Datasheet
713Kb / 17P
   Stand-Alone Operation in Parallel Mode
2015
MAX14900E MAXIM-MAX14900E Datasheet
1Mb / 31P
   Global and Per-Channel Diagnostics
Rev 4; 4/15
MAX14900E MAXIM-MAX14900E Datasheet
713Kb / 17P
   Stand-Alone Operation in Parallel Mode
Rev 0; 5/15
MAX14906 MAXIM-MAX14906 Datasheet
2Mb / 16P
   Evaluation Kit
Rev 1; 3/21
More results

Similar Description - MAX1490EBCPG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3480EA MAXIM-MAX3480EA Datasheet
280Kb / 16P
   -15kV ESD-Protected, Isolated, 3.3V RS-485/RS-422 Data Interfaces
Rev 0; 4/01
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095 MAXIM-MAX3095_1 Datasheet
198Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
MAX13080E MAXIM-MAX13080E_11 Datasheet
287Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX13085E MAXIM-MAX13085E_11 Datasheet
2Mb / 14P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
logo
Exar Corporation
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
logo
Maxim Integrated Produc...
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
   ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
MAX481E MAXIM-MAX481E_03 Datasheet
768Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com