Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1480E-MAX1490E Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1480E-MAX1490E
Description  15kV ESD-Protected, Isolated RS-485/RS-422
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1480E-MAX1490E Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1480E-MAX1490E Datasheet HTML 6Page - Maxim Integrated Products MAX1480E-MAX1490E Datasheet HTML 7Page - Maxim Integrated Products MAX1480E-MAX1490E Datasheet HTML 8Page - Maxim Integrated Products MAX1480E-MAX1490E Datasheet HTML 9Page - Maxim Integrated Products MAX1480E-MAX1490E Datasheet HTML 10Page - Maxim Integrated Products MAX1480E-MAX1490E Datasheet HTML 11Page - Maxim Integrated Products MAX1480E-MAX1490E Datasheet HTML 12Page - Maxim Integrated Products MAX1480E-MAX1490E Datasheet HTML 13Page - Maxim Integrated Products MAX1480E-MAX1490E Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
±15kV ESD-Protected, Isolated RS-485/RS-422
Data Interfaces
10
______________________________________________________________________________________
The high-speed optocouplers on the MAX1480EA/
MAX1480EC/MAX1490EA consume an additional 10mA
through VCC5 (VCC4 for the MAX1490EA). Therefore, to
completely shut down these devices, use an external P-
channel MOSFET as shown in Figure 3. In normal opera-
tion, SD is low, turning the MOSFET on and thereby
providing power to all the VCC pins. When SD is pulled
high, the power oscillator is disabled and the switch is
turned off, disconnecting power from the DI and DE opto-
couplers. In normal operating mode, the switch carries
only the optocoupler currents, so an on-resistance of sev-
eral ohms does not significantly degrade efficiency.
AC1 (MAKE NO CONNECTION)
AC2 (MAKE NO CONNECTION)
SHIELD (OPTIONAL)
EXTERNAL RS-485/RS-422 WIRING
ISO VCC1
B
D2
D1
VCC2
VCC1
ISO RO DRV
A
B
A
SH
ISO DI IN
ISO DE IN
VCC3
SD
FS
GND1
ISO COM1
ISO DI DRV
ISO VCC2
ISO DE DRV
GND2
DE
VCC4
DI
ISO COM2
ISO RO LED
VCC5
RO
RL
RL
R4*
R5*
R7
100
R1*
R2*
R3*
R6*
DE
´
DI
´
VIN
+5V
C1
22
µF
C2
0.1
µF
LOGIC GROUND
ISOLATION BARRIER
ISOLATED COMMON
DRIVER INPUT
DRIVER ENABLE
RECEIVER OUTPUT
DE
DI
RO
74HC86
OR EQUIVALENT
MAX1487E
MAX487E
MAX845E
1
2
28
27
3
4
5
6
7
8
9
10
11
12
13
14
26
25
24
23
22
21
20
19
18
17
16
15
MAX845E
N
MAX1480EA: MAX1487E
MAX1480EC: MAX487E
RE
ISO RO DRV
ISO DE IN
ISO DI IN
ISO COM1
ISO VCC1
A
B
R
D
N
Q
Q
T F/F
VCC3
FS
OSC
1.07MHz/
1.45MHz
SD
GND1
D2
D1
SHIELD (OPTIONAL)
NOTE: RESISTOR R7 PROTECTS
THE MAX1480EA FROM TRANSIENT
CURRENTS BETWEEN SHIELD AND
TRANSMISSION LINES.
TWISTED PAIR
TO OTHER TRANSCEIVERS
TERMINATING RESISTOR
(ONE RESISTOR ON EACH END)
TWISTED PAIR
TO OTHER TRANSCEIVERS
*SEE TABLE 1.
MAX1480EA
MAX1480EC
270pF
4kV
Figure 1. MAX1480EA/MAX1480EC Detailed Block Diagram and Application Circuit
Table 1. Pullup and LED Drive Resistors for Figure 1
PART
R1 (
Ω)
R2 (
Ω)
R3 (
Ω)
MAX1480EA
MAX1480EC
200
200
200
200
1000
3000
R4 (
Ω)
4300
3000
R5 (
Ω)
1000
3000
R6 (
Ω)
200
200


Similar Part No. - MAX1480E-MAX1490E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1480 MAXIM-MAX1480 Datasheet
487Kb / 21P
   Complete, Isolated RS-485/RS-422 Data Interface
Rev 4; 10/03
MAX14800 MAXIM-MAX14800 Datasheet
179Kb / 17P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 0; 4/09
MAX14800 MAXIM-MAX14800 Datasheet
230Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 1; 9/09
MAX14800CCM++ MAXIM-MAX14800CCM+ Datasheet
179Kb / 17P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 0; 4/09
MAX14800CCM++ MAXIM-MAX14800CCM+ Datasheet
230Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 1; 9/09
More results

Similar Description - MAX1480E-MAX1490E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3480EA MAXIM-MAX3480EA Datasheet
280Kb / 16P
   -15kV ESD-Protected, Isolated, 3.3V RS-485/RS-422 Data Interfaces
Rev 0; 4/01
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095 MAXIM-MAX3095_1 Datasheet
198Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
MAX13080E MAXIM-MAX13080E_11 Datasheet
287Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX13085E MAXIM-MAX13085E_11 Datasheet
2Mb / 14P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
logo
Exar Corporation
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
logo
Maxim Integrated Produc...
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
   ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
MAX481E MAXIM-MAX481E_03 Datasheet
768Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com