Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1026ACEE-T Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1026ACEE-T
Description  10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1026ACEE-T Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1026ACEE-T Datasheet HTML 7Page - Maxim Integrated Products MAX1026ACEE-T Datasheet HTML 8Page - Maxim Integrated Products MAX1026ACEE-T Datasheet HTML 9Page - Maxim Integrated Products MAX1026ACEE-T Datasheet HTML 10Page - Maxim Integrated Products MAX1026ACEE-T Datasheet HTML 11Page - Maxim Integrated Products MAX1026ACEE-T Datasheet HTML 12Page - Maxim Integrated Products MAX1026ACEE-T Datasheet HTML 13Page - Maxim Integrated Products MAX1026ACEE-T Datasheet HTML 14Page - Maxim Integrated Products MAX1026ACEE-T Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
10-Bit 300ksps ADCs with FIFO,
Temp Sensor, Internal Reference
______________________________________________________________________________________
11
Unipolar/Bipolar
Address the unipolar and bipolar registers through the
setup register (bits 1 and 0). Program a pair of analog
channels for differential operation by writing a 1 to the
appropriate bit of the bipolar or unipolar register.
Unipolar mode sets the differential input range from 0 to
VREF. A negative differential analog input in unipolar
mode causes the digital output code to be zero.
Selecting bipolar mode sets the differential input range
to ±VREF / 2. The digital output code is binary in unipo-
lar mode and two’s complement in bipolar mode (see
the transfer function graphs, Figures 8 and 9).
In single-ended mode, the MAX1026/MAX1028/
MAX1030 always operate in unipolar mode. The analog
inputs are internally referenced to GND with a full-scale
input range from 0 to VREF.
True Differential Analog Input T/H
The equivalent circuit of Figure 3 shows the
MAX1026/MAX1028/MAX1030s’ input architecture. In
track mode, a positive input capacitor is connected to
AIN0–AIN15 in single-ended mode (and AIN0, AIN2,
AIN4…AIN14 in differential mode). A negative input
capacitor is connected to GND in single-ended mode
(or AIN1, AIN3, AIN5…AIN15 in differential mode). For
external track-and-hold timing, use clock mode 01.
After the T/H enters hold mode, the difference between
the sampled positive and negative input voltages is
converted. The time required for the T/H to acquire an
input signal is determined by how quickly its input
capacitance is charged. If the input signal’s source
impedance is high, the required acquisition time length-
ens. The acquisition time, tACQ, is the maximum time
needed for a signal to be acquired, plus the power-up
time. It is calculated by the following equation:
where RIN = 1.5k
Ω, RS is the source impedance of the
input signal, and tPWR = 1µs, the power-up time of the
device. The varying power-up times are detailed in the
explanation of the clock mode conversions.
tACQ is never less than 1.4µs, and any source imped-
ance below 300
Ω does not significantly affect the
ADC’s AC performance. A high-impedance source can
be accommodated either by lengthening tACQ or by
placing a 1µF capacitor between the positive and neg-
ative analog inputs.
Internal FIFO
The MAX1026/MAX1028/MAX1030 contain a FIFO
buffer that can hold up to 16 ADC results plus one tem-
perature result. This allows the ADC to handle multiple
internally clocked conversions and a temperature mea-
surement, without tying up the serial bus.
If the FIFO is filled and further conversions are request-
ed without reading from the FIFO, the oldest ADC
results are overwritten by the new ADC results. Each
result contains 2 bytes, with the MSB preceded by 4
leading zeros and the LSB followed by 2 sub-bits. After
each falling edge of CS, the oldest available byte of
data is available at DOUT, MSB first. When the FIFO is
empty, DOUT is zero.
The first 2 bytes of data read out after a temperature mea-
surement always contain the temperature result preceded
by 4 leading zeros, MSB first. If another temperature mea-
surement is performed before the first temperature result
is read out, the old measurement is overwritten by the
new result. Temperature results are in degrees Celsius
(two’s complement) at a resolution of 1/8 of a degree. See
the Temperature Measurements section for details on
converting the digital code to a temperature.
Internal Clock
The MAX1026/MAX1028/MAX1030 operate from an inter-
nal oscillator, which is accurate within 10% of the
4.4MHz nominal clock rate. The internal oscillator is
active in clock modes 00, 01, and 10. Read out the data
at clock speeds up to 10MHz. See Figures 4–7 for details
on timing specifications and starting a conversion.
tx R
R
x
pF
t
AQC
S
IN
PWR
=+
()
+
924
+
-
HOLD
CIN+
REF
GND
DAC
CIN-
VDD/2
COMPARATOR
AIN0-AIN15
(SINGLE ENDED);
AIN0, AIN2,
AIN4…AIN14
(DIFFERENTIAL)
GND
(SINGLE ENDED);
AIN1, AIN3,
AIN5…AIN15
(DIFFERENTIAL)
HOLD
HOLD
Figure 3. Equivalent Input Circuit


Similar Part No. - MAX1026ACEE-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1026 MAXIM-MAX1026 Datasheet
254Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 11/09
MAX1026 MAXIM-MAX1026 Datasheet
339Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 4; 4/11
MAX1026BCEE MAXIM-MAX1026BCEE Datasheet
339Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 4; 4/11
MAX1026BCEE-T MAXIM-MAX1026BCEE-T Datasheet
254Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 11/09
MAX1026BCEET MAXIM-MAX1026BCEET Datasheet
339Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 4; 4/11
More results

Similar Description - MAX1026ACEE-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1026 MAXIM-MAX1026_09 Datasheet
254Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 11/09
MAX1027 MAXIM-MAX1027 Datasheet
248Kb / 23P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 2; 10/05
MAX1027 MAXIM-MAX1027_V01 Datasheet
821Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
2011
MAX1026 MAXIM-MAX1026_11 Datasheet
339Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 4; 4/11
MAX1027 MAXIM-MAX1027_09 Datasheet
200Kb / 23P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 3/09
MAX1227 MAXIM-MAX1227_11 Datasheet
230Kb / 22P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 6; 5/11
MAX1227 MAXIM-MAX1227_12 Datasheet
231Kb / 22P
   12-Bit 300ksps ADCs with FIFO,Temp Sensor, Internal Reference
Rev 7; 4/12
MAX1227 MAXIM-MAX1227_10 Datasheet
265Kb / 22P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 2/10
MAX1226 MAXIM-MAX1226 Datasheet
543Kb / 24P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2852; Rev 1; 7/03
MAX1227 MAXIM-MAX1227 Datasheet
512Kb / 24P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2851; Rev 1; 7/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com