Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9942DY Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI9942DY
Description  Complimentary 20-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9942DY Datasheet(HTML) 1 Page - Vishay Siliconix

  SI9942DY Datasheet HTML 1Page - Vishay Siliconix SI9942DY Datasheet HTML 2Page - Vishay Siliconix SI9942DY Datasheet HTML 3Page - Vishay Siliconix SI9942DY Datasheet HTML 4Page - Vishay Siliconix SI9942DY Datasheet HTML 5Page - Vishay Siliconix SI9942DY Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Si9942DY
Vishay Siliconix
Document Number: 70130
S-000652—Rev. L, 27-Mar-00
www.vishay.com
S FaxBack 408-970-5600
1
Complimentary 20-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
N-Channel
20
0.125 @ VGS = 10 V
"3.0
N-Channel
20
0.250 @ VGS = 4.5 V
"2.0
P-Channel
–20
0.200 @ VGS = –10 V
"2.5
P-Channel
–20
0.350 @ VGS = –4.5 V
"2.0
S1
D1
G1
D1
S2
D2
G2
D2
SO-8
5
6
7
8
Top View
2
3
4
1
N-Channel MOSFET
D1 D1
G1
S1
S2
G2
D2 D2
P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDS
20
–20
V
Gate-Source Voltage
VGS
"20
"20
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
"3.0
"2.5
A
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
"2.5
"2.0
A
Pulsed Drain Current
IDM
"10
"10
A
Continuous Source Current (Diode Conduction)a
IS
1.6
–1.6
Maximum Power Dissipationa
TA = 25_C
PD
2.0
W
Maximum Power Dissipationa
TA = 70_C
PD
1.3
W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
N- or P-Channel
Unit
Maximum Junction-to-Ambienta
RthJA
62.5
_C/W
Notes
a.
Surface Mounted on FR4 Board, t
v 10 sec.
For SPICE model information via the Worldwide Web: http://www.vishay.com/www/product/spice.htm


Similar Part No. - SI9942DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Si9942DY VISHAY-Si9942DY Datasheet
107Kb / 7P
   Complimentary 20-V (D-S) MOSFET
Rev. L, 27-Mar-00
SI9942DY-T1 VISHAY-SI9942DY-T1 Datasheet
107Kb / 7P
   Complimentary 20-V (D-S) MOSFET
Rev. L, 27-Mar-00
logo
VBsemi Electronics Co.,...
SI9942DY-T1-E3 VBSEMI-SI9942DY-T1-E3 Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results

Similar Description - SI9942DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9928DY VISHAY-SI9928DY Datasheet
93Kb / 6P
   Complimentary 20-V (D-S) MOSFET
Rev. G, 27-Mar-00
SI9942DY-T1 VISHAY-SI9942DY-T1 Datasheet
107Kb / 7P
   Complimentary 20-V (D-S) MOSFET
Rev. L, 27-Mar-00
SI9939DY VISHAY-SI9939DY Datasheet
78Kb / 6P
   Complimentary 30-V (D-S) MOSFET
Rev. G, 27-Mar-00
SI1551DL VISHAY-SI1551DL_08 Datasheet
109Kb / 8P
   Complementary 20-V (D-S) MOSFET
S-42353-Rev. C, 20-Dec-04
SI5515DC VISHAY-SI5515DC_V01 Datasheet
272Kb / 13P
   Complementary 20 V (D-S) MOSFET
08-Feb-17
SI1551DL VISHAY-SI1551DL_05 Datasheet
313Kb / 5P
   Complementary 20-V (D-S) MOSFET
Rev. B, 28-Feb-05
SI1551DL VISHAY-SI1551DL_10 Datasheet
238Kb / 12P
   Complementary 20 V (D-S) MOSFET
Rev. D, 19-Apr-10
logo
Guangdong Kexin Industr...
KI1551DL KEXIN-KI1551DL Datasheet
55Kb / 2P
   Complementary 20-V (D-S) MOSFET
KI1553DL KEXIN-KI1553DL Datasheet
55Kb / 2P
   Complementary 20-V (D-S) MOSFET
KI5515DC KEXIN-KI5515DC Datasheet
69Kb / 2P
   Complementary 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com