Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GA100TS60U Datasheet(PDF) 8 Page - International Rectifier

Part # GA100TS60U
Description  HALF-BRIDGE" IGBT INT-A-PAK
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GA100TS60U Datasheet(HTML) 8 Page - International Rectifier

Back Button GA100TS60U Datasheet HTML 2Page - International Rectifier GA100TS60U Datasheet HTML 3Page - International Rectifier GA100TS60U Datasheet HTML 4Page - International Rectifier GA100TS60U Datasheet HTML 5Page - International Rectifier GA100TS60U Datasheet HTML 6Page - International Rectifier GA100TS60U Datasheet HTML 7Page - International Rectifier GA100TS60U Datasheet HTML 8Page - International Rectifier GA100TS60U Datasheet HTML 9Page - International Rectifier GA100TS60U Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
GA100TS60U
8
www.irf.com
t1
Ic
Vc e
t1
t2
90% Ic
10% V c e
td (o ff)
tf
Ic
5% Ic
t1 + 5 µ S
V c e ic dt
90% V g e
+V g e
Eo f f =
Fig. 18 - Test Waveforms for Circuit of Fig. 17, Defining Eoff,
td(off), tf
Vce ie dt
t2
t1
5% V c e
Ic
Ip k
Vc c
10% Ic
Vc e
t1
t2
D U T VO L T AG E
A N D CU RRE NT
G A T E VO L T A G E D .U .T .
+V g
10% +V g
90% Ic
tr
td (on)
D IO D E R EVE R S E
R E C O VER Y EN ER G Y
tx
E on =
Ere c =
t4
t3
Vd id d t
t4
t3
DIO D E RE CO V E RY
W AVEF O R M S
Ic
Vp k
10% V c c
Irr
10% Irr
Vcc
trr
Qrr =
trr
tx
id d t
Fig. 17 - Test Circuit for Measurement of
ILM, Eon, Eoff(diode), trr, Qrr, Irr, td(on), tr, td(off), tf
Fig. 19 - Test Waveforms for Circuit of Fig. 17,
Defining Eon, td(on), tr
Fig. 20 - Test Waveforms for Circuit of Fig. 17,
Defining Erec, trr, Qrr, Irr
Vd Ic dt
Vce Ic dt
Ic dt
Vce Ic dt


Similar Part No. - GA100TS60U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GA100TS60U IRF-GA100TS60U Datasheet
216Kb / 10P
   HALF-BRIDGE IGBT INT-A-PAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com