Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM24C128 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FM24C128
Description  128K-Bit Standard 2-Wire Bus Interface Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM24C128 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FM24C128 Datasheet HTML 5Page - Fairchild Semiconductor FM24C128 Datasheet HTML 6Page - Fairchild Semiconductor FM24C128 Datasheet HTML 7Page - Fairchild Semiconductor FM24C128 Datasheet HTML 8Page - Fairchild Semiconductor FM24C128 Datasheet HTML 9Page - Fairchild Semiconductor FM24C128 Datasheet HTML 10Page - Fairchild Semiconductor FM24C128 Datasheet HTML 11Page - Fairchild Semiconductor FM24C128 Datasheet HTML 12Page - Fairchild Semiconductor FM24C128 Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
www.fairchildsemi.com
FM24C128 Rev. B.1
S
T
O
P
A
C
K
NO
A
C
K
Bus Activity:
Master
SDA Line
01
Bus Activity:
EEPROM
A
C
K
A
C
K
WORD
ADDRESS (1)
WORD
ADDRESS (0)
SLAVE
ADDRESS
SLAVE
ADDRESS
DATA
A
C
K
S
T
A
R
T
S
T
A
R
T
S
T
O
P
A
C
K
Bus Activity:
Master
SDA Line
Bus Activity:
EEPROM
A
C
K
DATA n + x
A
C
K
DATA n + 2
DATA n +1
DATA n +1
A
C
K
NO
A
C
K
Slave
Address
Read Operations
Read operations are initiated in the same manner as write
operations, with the exception that the R/W bit of the slave
address is set to a one. There are three basic read operations:
current address read, random read, and sequential read.
Current Address Read
Internally the FM24C128 contains an address counter that main-
tains the address of the last byte accessed, incremented by one.
Therefore, if the last access (either a read or write) was to address
n, the next read operation would access data from address n + 1.
Upon receipt of the slave address with R/W set to "1," the
FM24C128 issues an acknowledge and transmits the eight bit
word. The master will not acknowledge the transfer but does
generate a stop condition, and therefore the FM24C128 discon-
tinues transmission. Refer
Figure 6 for the sequence of address,
acknowledge and data transfer.
Random Read
Random read operations allow the master to access any memory
location in a random manner. Prior to issuing the slave address
with the R/W bit set to "1," the master must first perform a
“dummy” write operation. The master issues the start condition,
slave address with the R/W bit set to "0" and then the byte
address. After the byte address acknowledge, the master imme-
diately issues another start condition and the slave address with
the R/W bit set to one. This will be followed by an acknowledge
from the FM24C128 and then by the eight bit word. The master
will not acknowledge the transfer but does generate the stop
condition, and therefore the FM24C128 discontinues transmis-
sion. Refer
Figure 7 for the address, acknowledge, and data
transfer sequence.
Sequential Read
Sequential reads can be initiated as either a current address read
or random access read. The first word is transmitted in the same
manner as the other read modes; however, the master now
responds with an acknowledge, indicating it requires additional
data. The FM24C128 continues to output data for each acknowl-
edge received. The read operation is terminated by the master not
responding with an acknowledge or by generating a stop condi-
tion.
The data output is sequential with the data from address n
followed by the data from n + 1. The address counter for read
operations increments all word address bits, allowing the entire
memory contents to be serially read during one operation. After
the entire memory has been read, the counter "rolls over" to the
beginning of the memory. FM24C128 continues to output data for
each acknowledge received. Refer
Figure 8 for the address,
acknowledge, and data transfer sequence.
S
T
O
P
DATA
A
C
K
NO
A
C
K
S
T
A
R
T
SLAVE
ADDRESS
Bus Activity:
Master
SDA Line
Bus Activity:
EEPROM
1 0 1 0
1
Current Address Read (Figure 6)
Random Read (Figure 7)
Sequential Read (Figure 8)


Similar Part No. - FM24C128

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM24C16 FAIRCHILD-FM24C16 Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C16 FAIRCHILD-FM24C16 Datasheet
105Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C16 FAIRCHILD-FM24C16 Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
logo
List of Unclassifed Man...
FM24C16A ETC1-FM24C16A Datasheet
93Kb / 13P
   16Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C16A RAMTRON-FM24C16A Datasheet
93Kb / 12P
   16Kb FRAM Serial Memory
More results

Similar Description - FM24C128

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08 FAIRCHILD-NM24C08 Datasheet
104Kb / 14P
   8K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C04U FAIRCHILD-FM24C04U Datasheet
105Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C64 FAIRCHILD-FM24C64 Datasheet
100Kb / 13P
   64K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C16 FAIRCHILD-NM24C16 Datasheet
102Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C32U FAIRCHILD-FM24C32U Datasheet
85Kb / 13P
   32K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C04 FAIRCHILD-NM24C04 Datasheet
104Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08U FAIRCHILD-NM24C08U Datasheet
100Kb / 13P
   8K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com