Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5824 Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL5824
Description  Integrated Buffers with VCOM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5824 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL5824 Datasheet HTML 3Page - Intersil Corporation EL5824 Datasheet HTML 4Page - Intersil Corporation EL5824 Datasheet HTML 5Page - Intersil Corporation EL5824 Datasheet HTML 6Page - Intersil Corporation EL5824 Datasheet HTML 7Page - Intersil Corporation EL5824 Datasheet HTML 8Page - Intersil Corporation EL5824 Datasheet HTML 9Page - Intersil Corporation EL5824 Datasheet HTML 10Page - Intersil Corporation EL5824 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
will limit the short circuit current to ±200mA if the outputs are
directly shorted to the positive or the negative supply. If the
output is shorted indefinitely, the power dissipation could
easily increase such that the part will be destroyed.
Maximum reliability is maintained if the output continuous
current never exceeds ±30mA for the buffers and ±60mA for
the VCOM amplifier. These limits are set by the design of the
internal metal interconnections.
The Unused Buffers
It is recommended that any unused buffers should have their
inputs tied to ground plane.
Power Dissipation
With the high-output drive capability of the EL5524, EL5624,
EL5724, and EL5824, it is possible to exceed the 125°C
“absolute-maximum junction temperature” under certain load
current conditions. Therefore, it is important to calculate the
maximum junction temperature for the application to
determine if load conditions need to be modified for the
buffer to remain in the safe operating area.
The maximum power dissipation allowed in a package is
determined according to:
where:
•TJMAX = Maximum junction temperature
•TAMAX = Maximum ambient temperature
θJA = Thermal resistance of the package
•PDMAX = Maximum power dissipation in the package
The maximum power dissipation actually produced by an IC
is the total quiescent supply current times the total power
supply voltage, plus the power in the IC due to the loads, or:
when sourcing, and:
when sinking.
where:
• i = 1 to total number of buffers
•VS = Total supply voltage of buffer and VCOM
•ISMAX = Total quiescent current
•VOUTi = Maximum output voltage of the application
•VOUT = Maximum output voltage of VCOM
•ILOADi = Load current of buffer
•ILA = Load current of VCOM
If we set the two PDMAX equations equal to each other, we
can solve for the RLOAD's to avoid device overheat. The
package power dissipation curves provide a convenient way
to see if the device will overheat. The maximum safe power
dissipation can be found graphically, based on the package
type and the ambient temperature. By using the previous
equation, it is a simple matter to see if PDMAX exceeds the
device's power derating curves.
Power Supply Bypassing and Printed Circuit
Board Layout
As with any high frequency device, good printed circuit
board layout is necessary for optimum performance. Ground
plane construction is highly recommended, lead lengths
should be as short as possible, and the power supply pins
must be well bypassed to reduce the risk of oscillation. For
normal single supply operation, where the VS- pin is
connected to ground, one 0.1µF ceramic capacitor should be
placed from the VS+ pin to ground. A 4.7µF tantalum
capacitor should then be connected from the VS+ pin to
ground. One 4.7µF capacitor may be used for multiple
devices. This same capacitor combination should be placed
at each supply pin to ground if split supplies are to be used.
Important Note: The metal plane used for heat sinking of
the device is electrically connected to the negative
supply potential (VS-). If VS- is tied to ground, the
thermal pad can be connected to ground. Otherwise, the
thermal pad must be isolated from any other power
planes.
P
DMAX
T
JMAX - TAMAX
Θ
JA
---------------------------------------------
=
P
DMAX
V
S
I
S
ΣiV
S+
(
[
V
OUTi )
I
LOADi ]
V
S+
(
V
OUT )
I
LA
×
+
×
×
+
×
=
P
DMAX
V
S
I
S
ΣiV
(
OUTi
[
V
S- )
I
LOAD i ]
V
OUT
(
V
S- )
I
LA
×
+
×
×
+
×
=
EL5524, EL5624, EL5724, EL5824


Similar Part No. - EL5824

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5824 RENESAS-EL5824 Datasheet
617Kb / 11P
   Integrated Buffers with VCOM
EL5824IRE RENESAS-EL5824IRE Datasheet
617Kb / 11P
   Integrated Buffers with VCOM
EL5824IRE-T13 RENESAS-EL5824IRE-T13 Datasheet
617Kb / 11P
   Integrated Buffers with VCOM
EL5824IRE-T7 RENESAS-EL5824IRE-T7 Datasheet
617Kb / 11P
   Integrated Buffers with VCOM
EL5824IREZ RENESAS-EL5824IREZ Datasheet
617Kb / 11P
   Integrated Buffers with VCOM
More results

Similar Description - EL5824

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5524 RENESAS-EL5524 Datasheet
617Kb / 11P
   Integrated Buffers with VCOM
logo
Analog Devices
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
   12-Channel Gamma Buffers with Vcom Buffer
REV. 0
ADD8707 AD-ADD8707 Datasheet
654Kb / 20P
   12-Channel Gamma Buffers with VCOM and Regulator
REV. A
logo
Lowpower Semiconductor ...
LP6299 POWER-LP6299 Datasheet
687Kb / 11P
   Programmable Gamma and VCOM Buffers
logo
Analog Devices
ADD8707 AD-ADD8707_15 Datasheet
661Kb / 20P
   12-Channel Gamma Buffers with VCOM and Regulator
REV. A
logo
Intersil Corporation
ISL24003 INTERSIL-ISL24003 Datasheet
535Kb / 10P
   Multi-Channel Buffers Plus VCOM Driver
logo
Renesas Technology Corp
ISL24003 RENESAS-ISL24003 Datasheet
698Kb / 10P
   Multi-Channel Buffers Plus VCOM Driver
logo
Maxim Integrated Produc...
MAX9550 MAXIM-MAX9550_07 Datasheet
497Kb / 12P
   High-Current VCOM Drive Buffers for TFT LCDs
Rev 3; 10/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com