Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN53168 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN53168
Description  6-Bit VID Controlled 2-4 Phase DC-DC Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN53168 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN53168 Datasheet HTML 2Page - Fairchild Semiconductor FAN53168 Datasheet HTML 3Page - Fairchild Semiconductor FAN53168 Datasheet HTML 4Page - Fairchild Semiconductor FAN53168 Datasheet HTML 5Page - Fairchild Semiconductor FAN53168 Datasheet HTML 6Page - Fairchild Semiconductor FAN53168 Datasheet HTML 7Page - Fairchild Semiconductor FAN53168 Datasheet HTML 8Page - Fairchild Semiconductor FAN53168 Datasheet HTML 9Page - Fairchild Semiconductor FAN53168 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
FAN53168
PRODUCT SPECIFICATION
6
REV. 1.0.0 6/9/03
Electrical Specifications1
(Vcc = 12V, TA = 0
°C to +85°C and FBRTN = GND, unless otherwise noted.)
The
• denotes specifications which apply over the full operating temperature range.
Notes:
1. All limits at operating temperature extremes are guaranteed by design, characterization and statistical quality control
2. Guaranteed by design – NOT tested in production.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Power Good Comparator
Undervoltage Threshold
VPWRGD(UV) Relative to Nominal DAC Output
-325
-250
-200
mV
Overvoltage Threshold
VPWRGD(OV) Relative to Nominal DAC Output
90
150
200
mV
Output Low Voltage
VOL(PWRGD) IPWRGD(SINK) = 4mA
225
400
mV
Power Good Delay Time
VID Code Changing
VID Code Static
100
250
200
µs
ns
Crowbar Trip Point
VCROWBAR
Relative to Nominal DAC Output
90
150
200
mV
Crowbar Reset Point
Relative to FBRTN
450
550
650
mV
Crowbar Delay Time
VID Code Changing
VID Code Static
tCROWBAR
Overvoltage to PWM Going Low
100
250
400
µs
ns
PWM Outputs
Output Voltage Low
VOL(PWM)
IPWM(SINK) = 400
µA
160
500
mV
Output Voltage High
VOH(PWM)
IPWM(SOURCE) = 400
µA
45
V
Input Supply
DC Supply Current
EN = Logic High
58
mA
UVLO Threshold
VUVLO
Vcc Rising (Vcc = 12V input)
6.5
6.9
7.3
V
UVLO Hyteresis
0.7
0.9
1.1
V


Similar Part No. - FAN53168

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN53180 FAIRCHILD-FAN53180 Datasheet
851Kb / 28P
   6-Bit VID Controlled 2-4 Phase DC-DC Controller
FAN53180MTC FAIRCHILD-FAN53180MTC Datasheet
851Kb / 28P
   6-Bit VID Controlled 2-4 Phase DC-DC Controller
More results

Similar Description - FAN53168

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN53180 FAIRCHILD-FAN53180 Datasheet
851Kb / 28P
   6-Bit VID Controlled 2-4 Phase DC-DC Controller
FAN5019 FAIRCHILD-FAN5019 Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
FAN5019B FAIRCHILD-FAN5019B Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5018B FAIRCHILD-FAN5018B Datasheet
509Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
logo
Linear Technology
LTC1708-PG LINER-LTC1708-PG_1 Datasheet
335Kb / 32P
   Dual Adjustable 5-Bit VID High Efficiency, 2-Phase Current Mode Synchronous Buck DC/DC Controller
LTC1708-PG LINER-LTC1708-PG_15 Datasheet
340Kb / 32P
   Dual Adjustable 5-Bit VID High Efficiency, 2-Phase Current Mode Synchronous Buck DC/DC Controller
LT3782A LINER-LT3782A_15 Datasheet
275Kb / 20P
   2-Phase Step-Up DC/DC Controller
LT3782 LINER-LT3782_15 Datasheet
233Kb / 20P
   2-Phase Step-UP DC/DC Controller
LT3782A LINER-LT3782A Datasheet
238Kb / 20P
   2-Phase Step-Up DC/DC Controller
LT3782 LINER-LT3782 Datasheet
229Kb / 20P
   2-Phase Step-UP DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com